전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8187ARU 데이터시트(PDF) 11 Page - Analog Devices

부품명 AD8187ARU
상세설명  480 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8187ARU 데이터시트(HTML) 11 Page - Analog Devices

Back Button AD8187ARU Datasheet HTML 7Page - Analog Devices AD8187ARU Datasheet HTML 8Page - Analog Devices AD8187ARU Datasheet HTML 9Page - Analog Devices AD8187ARU Datasheet HTML 10Page - Analog Devices AD8187ARU Datasheet HTML 11Page - Analog Devices AD8187ARU Datasheet HTML 12Page - Analog Devices AD8187ARU Datasheet HTML 13Page - Analog Devices AD8187ARU Datasheet HTML 14Page - Analog Devices AD8187ARU Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
REV. A
AD8186/AD8187
–11–
TIME (ns)
040
80
120
160
2.0
1.5
1.0
0.5
0
–0.5
–1.0
OUTPUT
–1.5
5.0
4.0
3.0
2.0
5.5
4.5
3.5
2.5
OE
200
TPC 37. AD8186 Enable ON/OFF Time,
VOUT = 0 V to 1 V
TIME (ns)
05
10
15
20
3.0
2.7
2.4
1.5
1.0
0.5
0
2.5
25
30
35
40
45
OUTPUT
OE
2.9
2.8
2.6
50
TPC 38. AD8186 Channel Enable/Disable
Transient (Glitch)
TIME – ns
040
80
120
160
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
OUTPUT
–2.0
6.0
5.0
4.0
3.0
2.0
5.5
4.5
3.5
2.5
OE
200
TPC 39. AD8187 Enable ON/OFF Time,
VOUT = 0 V to 1 V
TIME (ns)
010
20
30
40
2.00
1.50
1.00
0.50
0
–0.50
OUTPUT
–1.00
2.70
2.80
2.60
2.50
2.40
OE
515
25
35
45
2.90
3.00
50
TPC 40. AD8187 Channel Enable/Disable
Transient (Glitch)


유사한 부품 번호 - AD8187ARU

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8187ARU AD-AD8187ARU Datasheet
474Kb / 20P
   480 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. A
AD8187ARU AD-AD8187ARU Datasheet
426Kb / 20P
   480 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. A
AD8187ARU-REEL AD-AD8187ARU-REEL Datasheet
474Kb / 20P
   480 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. A
AD8187ARU-REEL AD-AD8187ARU-REEL Datasheet
426Kb / 20P
   480 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. A
AD8187ARU-REEL7 AD-AD8187ARU-REEL7 Datasheet
474Kb / 20P
   480 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. A
More results

유사한 설명 - AD8187ARU

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8186 AD-AD8186 Datasheet
474Kb / 20P
   480 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. A
AD8187ARUZ-REEL7 AD-AD8187ARUZ-REEL7 Datasheet
426Kb / 20P
   480 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. A
AD8186 AD-AD8186_15 Datasheet
479Kb / 20P
   480 MHz Single-Supply Triple 2 1 Multiplexers
REV. A
AD8187 AD-AD8187_15 Datasheet
479Kb / 20P
   480 MHz Single-Supply Triple 2:1 Multiplexers
REV. A
AD8187 AD-AD8187_17 Datasheet
524Kb / 20P
   480 MHz Single-Supply (5V) Triple 2:1 Multiplexers
AD8188 AD-AD8188 Datasheet
825Kb / 24P
   350 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. 0
AD8189 AD-AD8189_15 Datasheet
826Kb / 24P
   350 MHz Single-Supply Triple 2:1 Multiplexers
REV. 0
AD8188 AD-AD8188_15 Datasheet
826Kb / 24P
   350 MHz Single-Supply Triple 2:1 Multiplexers
REV. 0
AD8183 AD-AD8183_15 Datasheet
732Kb / 16P
   Triple 2 1 Multiplexers
REV. 0
AD8183 AD-AD8183_16 Datasheet
282Kb / 12P
   Triple 2:1 Multiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com