전자부품 데이터시트 검색엔진 |
|
AD8403AR10 데이터시트(PDF) 5 Page - Analog Devices |
|
AD8403AR10 데이터시트(HTML) 5 Page - Analog Devices |
5 / 32 page AD8400/AD8402/AD8403 Rev. E | Page 5 of 32 Parameter Symbol Conditions Min Typ1 Max Unit DYNAMIC CHARACTERISTICS6, 10 Bandwidth −3 dB BW_10 K R = 10 kΩ 600 kHz Total Harmonic Distortion THDW VA = 1 V rms + 2 V dc, VB = 2 V dc, f = 1 kHz 0.003 % VW Settling Time tS VA = VDD, VB = 0 V, ±1% error band 2 μs Resistor Noise Voltage eNWB RWB = 5 kΩ, f = 1 kHz, RS = 0 9 nV/√Hz Crosstalk11 CT VA = VDD, VB = 0 V −65 dB 1 Typical represents average readings at 25°C and VDD = 5 V. 2 Resistor position nonlinearity error R-INL is the deviation from an ideal value measured between the maximum resistance and the minimum resistance wiper positions. R-DNL measures the relative step change from ideal between successive tap positions. Parts are guaranteed monotonic. See the test circuit in Figure 38. IW = 50 μA for VDD = 3 V and IW = 400 μA for VDD = 5 V for the 10 kΩ versions. 3 VAB = VDD, wiper (VW) = no connect. 4 INL and DNL are measured at VW with the RDAC configured as a potentiometer divider similar to a voltage output D/A converter. VA = VDD and VB = 0 V. DNL specification limits of ±1 LSB maximum are guaranteed monotonic operating conditions. See the test circuit in Figure 37. 5 Resistor Terminal A, Resistor Terminal B, and Resistor Terminal W have no limitations on polarity with respect to each other. 6 Guaranteed by design and not subject to production test. Resistor-terminal capacitance tests are measured with 2.5 V bias on the measured terminal. The remaining resistor terminals are left open circuit. 7 Measured at the Ax terminals. All Ax terminals are open-circuited in shutdown mode. 8 Worst-case supply current is consumed when the input logic level is at 2.4 V, a standard characteristic of CMOS logic. See Figure 28 for a plot of IDD vs. logic voltage. 9 PDISS is calculated from (IDD × VDD). CMOS logic level inputs result in minimum power dissipation. 10 All dynamic characteristics use VDD = 5 V. 11 Measured at a VW pin where an adjacent VW pin is making a full-scale voltage change. |
유사한 부품 번호 - AD8403AR10 |
|
유사한 설명 - AD8403AR10 |