전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADM3307EARUZ-REEL7 데이터시트(PDF) 6 Page - Analog Devices

부품명 ADM3307EARUZ-REEL7
상세설명  15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle?
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADM3307EARUZ-REEL7 데이터시트(HTML) 6 Page - Analog Devices

Back Button ADM3307EARUZ-REEL7 Datasheet HTML 2Page - Analog Devices ADM3307EARUZ-REEL7 Datasheet HTML 3Page - Analog Devices ADM3307EARUZ-REEL7 Datasheet HTML 4Page - Analog Devices ADM3307EARUZ-REEL7 Datasheet HTML 5Page - Analog Devices ADM3307EARUZ-REEL7 Datasheet HTML 6Page - Analog Devices ADM3307EARUZ-REEL7 Datasheet HTML 7Page - Analog Devices ADM3307EARUZ-REEL7 Datasheet HTML 8Page - Analog Devices ADM3307EARUZ-REEL7 Datasheet HTML 9Page - Analog Devices ADM3307EARUZ-REEL7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
ADM3307E/ADM3310E/ADM3311E/ADM3312E/ADM3315E
Data Sheet
Rev. I | Page 6 of 24
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 2
Parameter
Rating
VCC
−0.3 V to +4 V
V+
(VCC − 0.3 V) to +9 V
V−
+0.3 V to −9 V
Input Voltages
TIN
−0.3 V to +6 V
RIN
±30 V
Output Voltages
TOUT
±15 V
ROUT
−0.3 V to (VCC + 0.3 V)
Short-Circuit Duration
TOUT
Continuous
Thermal Impedance, θJA
LFCSP_WQ (CP-32-7)
32.5°C/W
TSSOP (RU-28)
68.0°C/W
TSSOP (RU-24)
68.0°C/W
SSOP (RS-28)
76.0°C/W
Operating Temperature Range
Industrial (A Version)
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature (Soldering, 10 sec)
300°C
ESD Rating (IEC 1000-4-2 Air)
(RS-232 I/Os)
±15 kV
ESD Rating (IEC 1000-4-2 Contact)
(RS-232 I/Os)
±8 kV
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operation sections
of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
reliability.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degrada-
tion or loss of functionality.


유사한 부품 번호 - ADM3307EARUZ-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADM3307EARUZ-REEL7 AD-ADM3307EARUZ-REEL7 Datasheet
486Kb / 20P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle
Rev. J
More results

유사한 설명 - ADM3307EARUZ-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADM3307E AD-ADM3307E Datasheet
312Kb / 16P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle?
REV. G
ADM3307E AD-ADM3307E_V01 Datasheet
486Kb / 20P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle
Rev. J
ADM3311E AD-ADM3311E Datasheet
180Kb / 12P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceiver with Green Idle?
REV. A
ADM3307E AD-ADM3307E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
ADM3310E AD-ADM3310E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
ADM3311E AD-ADM3311E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
ADM3312E AD-ADM3312E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
ADM3315E AD-ADM3315E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
ADM3075EWYRZ AD-ADM3075EWYRZ Datasheet
528Kb / 20P
   3.3 V, 15,-15 kV ESD-Protected
Rev. E
ADM485E AD-ADM485E_V01 Datasheet
285Kb / 16P
   5 V, ±15 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com