전자부품 데이터시트 검색엔진 |
|
74HC423N 데이터시트(PDF) 2 Page - NXP Semiconductors |
|
74HC423N 데이터시트(HTML) 2 Page - NXP Semiconductors |
2 / 24 page 74HC_HCT423 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2011. All rights reserved. Product data sheet Rev. 6 — 19 December 2011 2 of 24 NXP Semiconductors 74HC423; 74HCT423 Dual retriggerable monostable multivibrator with reset 3. Ordering information 4. Functional diagram Table 1. Ordering information Type number Package Temperature range Name Description Version 74HC423N 40 C to +125 C DIP16 plastic dual in-line package; 16 leads (300 mil) SOT38-4 74HCT423N 74HC423D 40 C to +125 C SO16 plastic small outline package; 16 leads; body width 3.9 mm SOT109-1 74HCT423D 74HC423BQ 40 C to +125 C DHVQFN16 plastic dual in-line compatible thermal enhanced very thin quad flat package; no leads; 16 terminals; body 2.5 3.5 0.85 mm SOT763-1 74HCT423BQ 74HCT423DB 40 C to +125 C SSOP16 plastic shrink small outline package; 16 leads; body width 5.3 mm SOT338-1 74HCT423PW 40 C to +125 C TSSOP16 plastic thin shrink small outline package; 16 leads; body width 4.4 mm SOT403-1 Fig 1. Functional Diagram 1Q Q S 13 1REXT/CEXT 15 1CEXT 14 1Q Q 4 9 001aah796 2A 1 1A 10 2B 2 1B 3 1RD T RD Q S 2REXT/CEXT 7 2CEXT 6 2Q 5 Q 2Q 12 T 11 2RD RD |
유사한 부품 번호 - 74HC423N |
|
유사한 설명 - 74HC423N |