전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HLMP-K155 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 HLMP-K155
상세설명  DOUBLE HETEROJUNCTION AIGaAs LOW CURRENT RED LED LAMPS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HLMP-K155 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  HLMP-K155 Datasheet HTML 1Page - Fairchild Semiconductor HLMP-K155 Datasheet HTML 2Page - Fairchild Semiconductor HLMP-K155 Datasheet HTML 3Page - Fairchild Semiconductor HLMP-K155 Datasheet HTML 4Page - Fairchild Semiconductor HLMP-K155 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
.047 (1.2)
.032 (.8)
.189 (4.8)
.165 (4.2)
.059 (1.5)
.032 (0.8)
1.040 (26.4)
MIN
.040 (1.00)
MIN
.100 (2.54)
.018 (.46)
.012 (.30)
.122 (3.1)
.135 (3.15)
2X
.020 (.51)
.016 (.41)
2X
PACKAGE DIMENSIONS
NOTES:
1. ALL DIMENSIONS ARE IN INCHES (mm).
2. TOLERANCE ARE ±.010” UNLESS OTHERWISE SPECIFIED.
3. AN EPOXY MENISCUS MAY EXTEND ABOUT .040”(1 mm)
DOWN THE LEADS.
FEATURES
• Wide Viewing Angle
• Deep Red Color
DOUBLE HETEROJUNCTION AIGaAs
LOW CURRENT RED LED LAMPS
DESCRIPTION
Exceptional light output
typifies these devices and
provides for their use over a
broad range of drive currents.
The LED material is based on double
heterojunction (DH) AIGaAs/GaAs
technology.
.040 (1.02)
.200 (5.10)
.180 (4.57)
.350 (8.89)
.330 (8.38)
.100 (2.54)
REF.
Ø .230 (5.84)
.023 (.58)
.017 (.43)
SQ. TYP. (2X)
.100 (2.54)
.055 (1.40)
.045 (1.15)
.490 (12.44)
.460 (11.68)
.050 (1.27)
.50 (1.27)
FLATE DENOTES
CATHODE
.90 (23.0)
MIN.
T-1 3/4 (5mm)
HLMP-D150A
Red Diffused
HLMP-D155A
Red Clear with Standoff
T-100 (3mm)
HLMP-K150
Red Diffused
HLMP-K155
Red Clear
HLMP-K150/K155
HLMP-D155A
.040 (1.02)
.200 (5.08)
.180 (4.57)
.050 (1.27)
REF.
.100 (2.54)
.350 (8.89)
.330 (8.38)
.100 (2.54)
REF.
Ø .230 (5.84)
.023 (.58)
.017 (.43)
SQ. TYP. (2X)
.050 (1.27)
FLAT DENOTES
CATHODE
1.00 (25.4)
MIN.
HLMP-D150A
 2001 Fairchild Semiconductor Corporation
DS300012
2/27/01
1 OF 5
www.fairchildsemi.com


유사한 부품 번호 - HLMP-K155

제조업체부품명데이터시트상세설명
logo
QT Optoelectronics
HLMP-K155 QT-HLMP-K155 Datasheet
324Kb / 4P
   DOUBLE HETEROJUNCTION AIGAAS LOW CURRENT RED LED LAMPS
logo
Agilent(Hewlett-Packard...
HLMP-K155 HP-HLMP-K155 Datasheet
107Kb / 6P
   T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
HLMP-K155 HP-HLMP-K155 Datasheet
387Kb / 7P
   T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-K155 AVAGO-HLMP-K155 Datasheet
303Kb / 9P
   Minimum luminous intensity specified at 1 mA
logo
Everlight Electronics C...
HLMP-K155 EVERLIGHT-HLMP-K155 Datasheet
673Kb / 5P
   DOUBLE HETEROJUNCTION ALGaAs LOW CURRNET RED LED LAMPS
More results

유사한 설명 - HLMP-K155

제조업체부품명데이터시트상세설명
logo
QT Optoelectronics
HLMP-D150A QT-HLMP-D150A Datasheet
324Kb / 4P
   DOUBLE HETEROJUNCTION AIGAAS LOW CURRENT RED LED LAMPS
MAN30X0A QT-MAN30X0A Datasheet
547Kb / 7P
   DOUBLE HETEROJUNCTION AIGAAS RED LOW CURRENT DISPLAYS
logo
Fairchild Semiconductor
HLMP-D101A FAIRCHILD-HLMP-D101A Datasheet
273Kb / 5P
   DOUBLE HETEROJUNCTION AIGaAs HIGH INTENSITY RED LED LAMPS
logo
QT Optoelectronics
HLMP-D101A QT-HLMP-D101A Datasheet
333Kb / 4P
   DOUBLE HETEROJUNCTION AIGAAS HIGH INTENSITY RED LED LAMPS
MAN32X0A QT-MAN32X0A Datasheet
405Kb / 5P
   DOUBLE HETEROJUNCTION AIGAAS RED SUNLIGHT VIEWABLE DISPLAYS
logo
Everlight Electronics C...
HLMPK155 EVERLIGHT-HLMPK155 Datasheet
673Kb / 5P
   DOUBLE HETEROJUNCTION ALGaAs LOW CURRNET RED LED LAMPS
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-D101 AVAGO-HLMP-D101 Datasheet
291Kb / 8P
   High Intensity, Double Heterojunction AlGaAs Red LED Lamps
HLMP-D105 AVAGO-HLMP-D105 Datasheet
282Kb / 8P
   High Intensity, Double Heterojunction AlGaAs Red LED Lamps
logo
Broadcom Corporation.
HLMP-D150 BOARDCOM-HLMP-D150 Datasheet
574Kb / 10P
   T-1쩐 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-D150 HP-HLMP-D150 Datasheet
107Kb / 6P
   T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com