전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCPL-4100-000E 데이터시트(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

부품명 HCPL-4100-000E
상세설명  Optically Coupled 20 mA Current Loop Transmitter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-4100-000E 데이터시트(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-4100-000E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-4100-000E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-4100-000E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-4100-000E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-4100-000E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-4100-000E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-4100-000E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-4100-000E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-4100-000E Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
As Figure 16 illustrates, the combination of Avago current
loop optocouplers, HCPL-4100 transmitter and HCPL-4200
receiver, can be used at the isolated end of current loops.
Cross talk and common mode coupling are greatly reduced
when optical isolation is implemented at the same end of
both loops, as shown. Full duplex data rate is limited by the
non-isolated active transmitter current loop. Comments
mentioned under simplex configuration apply to the full
duplex case. Consult the HCPL-4200 receiver optocoupler
data sheet for specified device performance.
Half Duplex
The half duplex configuration, whether point to point or
multidrop, gives non-simultaneous bidirectional data flow
from transmitters to transmitters shown in Figures 17a and
17b.This configuration allows the use of two wires to carry
data back and forth between local and remote units. How-
ever, protocol must be used to determine which specific
transmitter can operate at any given time. Maximum data
rate for a half duplex system is limited by the loop current
charging time.These considerations were explained in the
Simplex configuration section.
Figure 16. Full Duplex Point to Point Current Loop System Configuration.
Figures 17a and 17b illustrate half duplex application for
the combination of HCPL-4100/-4200 optocouplers. The
unique and complementary designs of the HCPL-4100
transmitter and HCPL-4200 receiver optocouplers provide
many designed-in benefits. For example, total optical isola-
tion at one end of the current loop is easily accomplished,
which results in substantial removal of common mode
influences, elimination of ground potential differences
and reduction of power supply requirements. With this
combination of HCPL-4100/-4200 optocouplers, specific
current loop noise immunity is provided, i.e., minimum
SPACE state current noise immunity is 1 mA, MARK state
noise immunity is 8 mA.
Voltage compliance of the current source must be of an
adequate level for operating all units in the loop while
not exceeding 27 V dc, the maximum breakdown voltage
for the HCPL-4100. Note that the HCPL-4100 transmitter
will allow output loop current to conduct when input V
CC
power is off. Consult the HCPL-4200 receiver optocoupler
data sheet for specified device performance.
For more information about the HCPL-4100/-4200 opto-
couplers, consult Application Note 1018.


유사한 부품 번호 - HCPL-4100-000E

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HCPL-4100 HP-HCPL-4100 Datasheet
220Kb / 12P
   Optically Coupled 20 mA Optically Coupled 20 mA
HCPL-4100 HP-HCPL-4100 Datasheet
230Kb / 12P
   Optically Coupled 20 mA Current Loop Transmitter
HCPL-4100300 HP-HCPL-4100300 Datasheet
230Kb / 12P
   Optically Coupled 20 mA Current Loop Transmitter
HCPL-4100500 HP-HCPL-4100500 Datasheet
230Kb / 12P
   Optically Coupled 20 mA Current Loop Transmitter
More results

유사한 설명 - HCPL-4100-000E

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HCPL4100 HP-HCPL4100 Datasheet
230Kb / 12P
   Optically Coupled 20 mA Current Loop Transmitter
HCPL4200 HP-HCPL4200 Datasheet
460Kb / 12P
   Optically Coupled 20 mA Current Loop Receiver
HCPL-4200 HP-HCPL-4200 Datasheet
245Kb / 12P
   Optically Coupled 20 mA Current Loop Receiver
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4200-300 AVAGO-HCPL-4200-300 Datasheet
473Kb / 13P
   Optically Coupled 20 mA Current Loop Receiver
HCPL-4200 AVAGO-HCPL-4200 Datasheet
473Kb / 13P
   Optically Coupled 20 mA Current Loop Receiver
logo
Agilent(Hewlett-Packard...
HCPL-4100 HP-HCPL-4100 Datasheet
220Kb / 12P
   Optically Coupled 20 mA Optically Coupled 20 mA
logo
Analog Devices
AD693 AD-AD693_15 Datasheet
499Kb / 12P
   Loop-Powered 4-20 mA Sensor Transmitter
REV. A
AD693 AD-AD693 Datasheet
496Kb / 12P
   Loop-Powered 4.20 mA Sensor Transmitter
REV. A
logo
TT Electronics.
OPI150 TTELEC-OPI150 Datasheet
300Kb / 4P
   Optically Coupled Isolator / High Speed Optically Coupled Isolator
logo
Analog Devices
AD694 AD-AD694_15 Datasheet
163Kb / 16P
   4-20 mA Transmitter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com