전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

6N137-500E 데이터시트(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

부품명 6N137-500E
상세설명  High CMR, High Speed TTL Compatible Optocouplers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

6N137-500E 데이터시트(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button 6N137-500E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED 6N137-500E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED 6N137-500E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED 6N137-500E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED 6N137-500E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED 6N137-500E Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED 6N137-500E Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED 6N137-500E Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED 6N137-500E Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
11
Electrical Specifications
Over recommended temperature (T
A = -40 °C to +85 °C) unless otherwise specified. All Typicals at VCC = 5 V, TA = 25 °C.
All enable test conditions apply to single channel products only. See note 5.
Parameter
Sym.
Package
Min.
Typ.
Max.
Units
Test Conditions
Fig.
Note
High Level Output
I
OH*
All
5.5
100
µA
V
CC = 5.5 V, VE = 2.0 V,
1
1, 6,
Current
V
O = 5.5 V, IF = 250 µA
19
Input Threshold
I
TH
Single Channel
2.0
5.0
mA
V
CC = 5.5 V, VE = 2.0 V,
2, 3
19
Current
Widebody
V
O = 0.6 V,
Dual Channel
2.5
I
OL (Sinking) = 13 mA
Low Level Output
V
OL*
8-Pin DIP
0.35
0.6
V
V
CC = 5.5 V, VE = 2.0 V,
2, 3,
1, 19
Voltage
SO-8
I
F = 5 mA,
4, 5
Widebody
0.4
I
OL (Sinking) = 13 mA
High Level Supply
I
CCH
Single Channel
7.0
10.0*
mA
V
E = 0.5 V
V
CC = 5.5 V
7
Current
6.5
V
E = VCC
I
F = 0 mA
Dual Channel
10
15
Both
Channels
Low Level Supply
I
CCL
Single Channel
9.0
13.0*
mA
V
E = 0.5 V
V
CC = 5.5 V
8
Current
8.5
V
E = VCC
I
F = 10 mA
Dual Channel
13
21
Both
Channels
High Level Enable
I
EH
Single Channel
-0.7
-1.6
mA
V
CC = 5.5 V, VE = 2.0 V
Current
Low Level Enable
I
EL*
-0.9
-1.6
mA
V
CC = 5.5 V, VE = 0.5 V
9
Current
High Level Enable
V
EH
2.0
V
19
Voltage
Low Level Enable
V
EL
0.8
V
Voltage
Input Forward
V
F
8-Pin DIP
1.4
1.5
1.75*
V
T
A = 25 °C
I
F = 10 mA
6, 7
1
Voltage
SO-8
1.3
1.80
Widebody
1.25
1.64
1.85
T
A = 25 °C
1.2
2.05
Input Reverse
BV
R*
8-Pin DIP
5
V
I
R = 10 µA
1
Breakdown
SO-8
Voltage
Widebody
3
I
R = 100 µA, TA = 25°C
Input Diode
DV
F/
8-Pin DIP
-1.6
mV/°C I
F = 10 mA
7
1
Temperature
∆T
A
SO-8
Coefficient
Widebody
-1.9
Input Capacitance
C
IN
8-Pin DIP
60
pF
f = 1 MHz, V
F = 0 V
1
SO-8
Widebody
70
*JEDEC registered data for the 6N137. The JEDEC Registration specifies 0 °C to +70 °C. Avago specifies -40 °C to +85 °C.


유사한 부품 번호 - 6N137-500E

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
6N137-500E AVAGO-6N137-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
More results

유사한 설명 - 6N137-500E

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2631-500E AVAGO-HCPL-2631-500E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0611-500E AVAGO-HCPL-0611-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
6N137 AVAGO-6N137 Datasheet
241Kb / 22P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0600-000E AVAGO-HCPL-0600-000E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
logo
Broadcom Corporation.
6N137 BOARDCOM-6N137 Datasheet
1Mb / 30P
   High CMR, High Speed TTL Compatible Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2631-000E AVAGO-HCPL-2631-000E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0601-500E AVAGO-HCPL-0601-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0630-500E AVAGO-HCPL-0630-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0631-500E AVAGO-HCPL-0631-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-2630-000E AVAGO-HCPL-2630-000E Datasheet
206Kb / 22P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0630-000E AVAGO-HCPL-0630-000E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com