전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BZX84J-B4V7 데이터시트(PDF) 9 Page - NXP Semiconductors

부품명 BZX84J-B4V7
상세설명  General-purpose Zener diodes in a SOD323F (SC-90) very small and flat lead Surface-Mounted Device (SMD) plastic package
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

BZX84J-B4V7 데이터시트(HTML) 9 Page - NXP Semiconductors

Back Button BZX84J-B4V7 Datasheet HTML 5Page - NXP Semiconductors BZX84J-B4V7 Datasheet HTML 6Page - NXP Semiconductors BZX84J-B4V7 Datasheet HTML 7Page - NXP Semiconductors BZX84J-B4V7 Datasheet HTML 8Page - NXP Semiconductors BZX84J-B4V7 Datasheet HTML 9Page - NXP Semiconductors BZX84J-B4V7 Datasheet HTML 10Page - NXP Semiconductors BZX84J-B4V7 Datasheet HTML 11Page - NXP Semiconductors BZX84J-B4V7 Datasheet HTML 12Page - NXP Semiconductors BZX84J-B4V7 Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
BZX84J_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 1 August 2011
9 of 13
NXP Semiconductors
BZX84J series
Single Zener diodes
9.
Package outline
10. Packing information
[1]
For further information and the availability of packing methods, see Section 14.
11. Soldering
Fig 7.
Package outline SOD323F (SC-90)
04-09-13
Dimensions in mm
0.80
0.65
0.25
0.10
0.5
0.3
2.7
2.3
1.8
1.6
0.40
0.25
1.35
1.15
1
2
Table 10.
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code.[1]
Type number
Package
Description
Packing quantity
3000
10000
BZX84J-B2V4 to
BZX84J-C75
SOD323F
4 mm pitch, 8 mm tape and reel
-115
-135
Reflow soldering is the only recommended soldering method.
Fig 8.
Reflow soldering footprint SOD323F (SC-90)
0.95
1.65
2.2
2.1
3.05
solder lands
solder resist
occupied area
solder paste
Dimensions in mm
0.5
(2
×)
0.6
(2
×)
0.6 (2
×)
0.5 (2
×)
sod323f_fr


유사한 부품 번호 - BZX84J-B4V7

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BZX84J-B4V7 PHILIPS-BZX84J-B4V7 Datasheet
75Kb / 12P
   Single Zener diodes
Rev. 01-1 March 2007
logo
Nexperia B.V. All right...
BZX84J-B4V7 NEXPERIA-BZX84J-B4V7 Datasheet
988Kb / 13P
   Single Zener diodes
Rev. 2 - 1 August 2011
More results

유사한 설명 - BZX84J-B4V7

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BZX84J-B7V5,115 NXP-BZX84J-B7V5,115 Datasheet
166Kb / 13P
   General-purpose Zener diodes in a SOD323F (SC-90) very small and flat lead Surface-Mounted Device (SMD) plastic package.
Rev. 2-1 August 2011
NZH5V1B-115 PHILIPS-NZH5V1B-115 Datasheet
112Kb / 9P
   General-purpose Zener diodes in a SOD123F small and flat lead Surface-Mounted Device (SMD) plastic package
Rev. 01-27 January 2010
NZH16C,115 NXP-NZH16C,115 Datasheet
112Kb / 9P
   General-purpose Zener diodes in a SOD123F small and flat lead Surface-Mounted Device (SMD) plastic package
Rev. 01-27 January 2010
NZH3V0B-115 PHILIPS-NZH3V0B-115 Datasheet
112Kb / 9P
   General-purpose Zener diodes in a SOD123F small and flat lead Surface-Mounted Device (SMD) plastic package
Rev. 01-27 January 2010
BZB84-C5V1215 PHILIPS-BZB84-C5V1215 Datasheet
90Kb / 14P
   General-purpose Zener diodes in a SOT23 (TO-236AB) small Surface-Mounted Device (SMD) plastic package
Rev. 03-9 June 2009
BAS70H.115 NXP-BAS70H.115 Datasheet
224Kb / 20P
   General-purpose Schottky diodes in small Surface-Mounted Device (SMD) plastic packages.
Rev. 09-13 January 2010
logo
Nexperia B.V. All right...
PZUXB_SER NEXPERIA-PZUXB_SER Datasheet
259Kb / 12P
   Zener diodes in a SOD323F package
Rev. 5 - 2 November 2020
logo
NXP Semiconductors
2PB709ART.215 NXP-2PB709ART.215 Datasheet
100Kb / 10P
   PNP general-purpose transistor in a small SOT23 (TO-236AB) Surface-Mounted Device (SMD) plastic package.
Rev. 01-19 March 2007
PZUXB PHILIPS-PZUXB Datasheet
64Kb / 12P
   Single Zener diodes in a SOD323F package
Rev. 01-7 March 2006
logo
Shanghai Shunye Electro...
1SS400 SHUNYE-1SS400_17 Datasheet
256Kb / 4P
   Very Small Outline Flat Lead Plastic Package General Purpose Application High Speed Switching Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com