전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BA15532F 데이터시트(PDF) 2 Page - Rohm

부품명 BA15532F
상세설명  Low Noise Operational Amplifiers
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BA15532F 데이터시트(HTML) 2 Page - Rohm

  BA15532F Datasheet HTML 1Page - Rohm BA15532F Datasheet HTML 2Page - Rohm BA15532F Datasheet HTML 3Page - Rohm BA15532F Datasheet HTML 4Page - Rohm BA15532F Datasheet HTML 5Page - Rohm BA15532F Datasheet HTML 6Page - Rohm BA15532F Datasheet HTML 7Page - Rohm BA15532F Datasheet HTML 8Page - Rohm BA15532F Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 49 page
background image
Technical Note
2/48
BA4558F,BA4558R F/FV/FVM,BA4560F,BA4560RF/FV/FVM,BA4564RFVBA4580RF/FVM,BA4584FV,
BA4584RF/FV,BA8522RF/FV/FVM,BA15218F,BA14741F,BA15532F,BA4510F/FV,BA2115F/FVM
www.rohm.com
2011.08 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
Absolute maximum rating (Ta=25[℃])
BA4558/BA4558R family
Parameter
Symbol
Ratings
Unit
BA4558 family
BA4558R family
Supply Voltage
VCC-VEE
+36
V
Differential Input Voltage
(*1)
Vid
VCC-VEE
36
V
Input common-mode voltage range
Vicm
VEE~VCC
(VEE-0.3)~VEE+36
V
Operating Supply Voltage
Vopr
8~30 (±4~±15)
V
Operating Temperature
Topr
-40~+85
-40~+105
Storage Temperature
Tstg
-55~+125
-55~+150
Maximum Junction Temperature
Tjmax
+125
+150
Note: Absolute maximum rating item indicates the condition which must not be exceeded.
Application of voltage in excess of absolute maximum rating or use out absolute maximum rated temperature environment
may cause deterioration of characteristics.
(*1)
The voltage difference between inverting input and non-inverting input is the differential input voltage.
Then input terminal voltage is set to more than VEE.
Electrical characteristics
BA4558 family (Unless otherwise specified VCC=+15[V], VEE=-15[V], Ta=25[℃])
Parameter
Symbol
Temperature
Range
Limits
Unit
Condition
BA4558F
Min.
Typ.
Max.
Input Offset Voltage
(*2)
Vio
25℃
-
0.5
6
mV
VOUT=0[V]
Input Offset Current
(*2)
Iio
25℃
-
5
200
nA
VOUT=0[V]
Input Bias Current
(*3)
Ib
25℃
-
60
500
nA
VOUT=0[V]
Supply Current
ICC
25℃
-
3
6
mA
RL=∞ All Op-Amps
VIN+=0[V]
Maximum Output Voltage
VOM
25℃
±10
±13
-
V
RL≧2[kΩ]
25℃
±12
±14
-
RL≧10[kΩ]
Large Signal Voltage Gain
AV
25℃
86
100
-
dB
RL≧2[kΩ], VOUT=±10[V],
Vicm=0[V]
Input Common-mode Voltage Range
Vicm
25℃
±12
±14
-
V
Common-mode Rejection Ratio
CMRR
25℃
70
90
-
dB
Ri≦10[kΩ]
Power Supply Rejection Ratio
PSRR
25℃
76.3
90
-
dB
Ri≦10[kΩ]
Slew Rate
SR
25℃
-
1.0
-
V/μs AV=0[dB], RL≧2[kΩ]
Channel Separation
CS
25℃
-
105
-
dB
f=1[kHz]
(*2)
Absolute value
(*3)
Current direction: Since first input stage is composed with PNP transistor, input bias current flows out of IC.


유사한 부품 번호 - BA15532F

제조업체부품명데이터시트상세설명
logo
Rohm
BA15532F ROHM-BA15532F Datasheet
56Kb / 4P
   Dual high slew rate, low noise operational amplifier
BA15532F ROHM-BA15532F Datasheet
864Kb / 34P
   Operational Amplifiers: Low Noise
BA15532F ROHM-BA15532F Datasheet
1Mb / 49P
   Low Noise Operational Amplifiers
BA15532F ROHM-BA15532F Datasheet
571Kb / 22P
   Low Noise Operational Amplifier
BA15532F ROHM-BA15532F Datasheet
952Kb / 50P
   Low Noise Operational Amplifiers
More results

유사한 설명 - BA15532F

제조업체부품명데이터시트상세설명
logo
Rohm
BA14741F ROHM-BA14741F Datasheet
426Kb / 21P
   Low Noise Operational Amplifiers
BA2115FJ ROHM-BA2115FJ Datasheet
1Mb / 29P
   Low Noise Operational Amplifiers
logo
Texas Instruments
NE5534 TI-NE5534_08 Datasheet
489Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
NE5534 TI-NE5534 Datasheet
314Kb / 15P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4558F ROHM-BA4558F_09 Datasheet
864Kb / 34P
   Operational Amplifiers: Low Noise
logo
Texas Instruments
NE5534 TI-NE5534_07 Datasheet
459Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4510F-E2 ROHM-BA4510F-E2 Datasheet
963Kb / 49P
   Low Noise Operational Amplifiers
BA4560FJ-E2 ROHM-BA4560FJ-E2 Datasheet
581Kb / 44P
   Low Noise Operational Amplifiers
BA2107G ROHM-BA2107G_14 Datasheet
2Mb / 35P
   Low Noise Operational Amplifiers
BA8522RF-E2 ROHM-BA8522RF-E2 Datasheet
690Kb / 26P
   Low Noise Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com