전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BZX84J-C7V5 데이터시트(PDF) 3 Page - NXP Semiconductors

부품명 BZX84J-C7V5
상세설명  General-purpose Zener diodes in a SOD323F (SC-90) very small and flat lead Surface-Mounted Device (SMD) plastic package
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

BZX84J-C7V5 데이터시트(HTML) 3 Page - NXP Semiconductors

  BZX84J-C7V5 Datasheet HTML 1Page - NXP Semiconductors BZX84J-C7V5 Datasheet HTML 2Page - NXP Semiconductors BZX84J-C7V5 Datasheet HTML 3Page - NXP Semiconductors BZX84J-C7V5 Datasheet HTML 4Page - NXP Semiconductors BZX84J-C7V5 Datasheet HTML 5Page - NXP Semiconductors BZX84J-C7V5 Datasheet HTML 6Page - NXP Semiconductors BZX84J-C7V5 Datasheet HTML 7Page - NXP Semiconductors BZX84J-C7V5 Datasheet HTML 8Page - NXP Semiconductors BZX84J-C7V5 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
BZX84J_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 1 August 2011
3 of 13
NXP Semiconductors
BZX84J series
Single Zener diodes
5.
Limiting values
[1]
tp =100 s; square wave; Tj =25 C prior to surge
[2]
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated, mounting pad for
cathode 1 cm2.
6.
Thermal characteristics
[1]
Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for cathode 1 cm2.
[2]
Soldering point of cathode tab.
7.
Characteristics
[1]
Pulse test: tp  300 s;  0.02.
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
IF
forward current
-
250
mA
IZSM
non-repetitive peak reverse
current
[1] -see
Table 8
and 9
PZSM
non-repetitive peak reverse
power dissipation
[1] -40
W
Ptot
total power dissipation
Tamb  25 C
[2] -550
mW
Tj
junction temperature
-
150
C
Tamb
ambient temperature
55
+150
C
Tstg
storage temperature
65
+150
C
Table 6.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[1] -
-
230
K/W
Rth(j-sp)
thermal resistance from
junction to solder point
[2] --55
K/W
Table 7.
Characteristics
Tj =25 C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VF
forward voltage
[1]
IF = 10 mA
--0.9
V
IF = 100 mA
-
-
1.1
V


유사한 부품 번호 - BZX84J-C7V5

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BZX84J-C7V5 PHILIPS-BZX84J-C7V5 Datasheet
75Kb / 12P
   Single Zener diodes
Rev. 01-1 March 2007
BZX84J-C7V5 NXP-BZX84J-C7V5 Datasheet
166Kb / 13P
   Single Zener diodes
Rev. 2-1 August 2011
BZX84J-C7V5 NXP-BZX84J-C7V5 Datasheet
166Kb / 13P
   Single Zener diodes
Rev. 2-1 August 2011
BZX84J-C7V5 NXP-BZX84J-C7V5 Datasheet
166Kb / 13P
   General-purpose Zener diodes in a SOD323F (SC-90) very small and flat lead Surface-Mounted Device (SMD) plastic package.
Rev. 2-1 August 2011
logo
Nexperia B.V. All right...
BZX84J-C7V5 NEXPERIA-BZX84J-C7V5 Datasheet
988Kb / 13P
   Single Zener diodes
Rev. 2 - 1 August 2011
More results

유사한 설명 - BZX84J-C7V5

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BZX84J-B7V5,115 NXP-BZX84J-B7V5,115 Datasheet
166Kb / 13P
   General-purpose Zener diodes in a SOD323F (SC-90) very small and flat lead Surface-Mounted Device (SMD) plastic package.
Rev. 2-1 August 2011
NZH5V1B-115 PHILIPS-NZH5V1B-115 Datasheet
112Kb / 9P
   General-purpose Zener diodes in a SOD123F small and flat lead Surface-Mounted Device (SMD) plastic package
Rev. 01-27 January 2010
NZH16C,115 NXP-NZH16C,115 Datasheet
112Kb / 9P
   General-purpose Zener diodes in a SOD123F small and flat lead Surface-Mounted Device (SMD) plastic package
Rev. 01-27 January 2010
NZH3V0B-115 PHILIPS-NZH3V0B-115 Datasheet
112Kb / 9P
   General-purpose Zener diodes in a SOD123F small and flat lead Surface-Mounted Device (SMD) plastic package
Rev. 01-27 January 2010
BZB84-C5V1215 PHILIPS-BZB84-C5V1215 Datasheet
90Kb / 14P
   General-purpose Zener diodes in a SOT23 (TO-236AB) small Surface-Mounted Device (SMD) plastic package
Rev. 03-9 June 2009
BAS70H.115 NXP-BAS70H.115 Datasheet
224Kb / 20P
   General-purpose Schottky diodes in small Surface-Mounted Device (SMD) plastic packages.
Rev. 09-13 January 2010
logo
Nexperia B.V. All right...
PZUXB_SER NEXPERIA-PZUXB_SER Datasheet
259Kb / 12P
   Zener diodes in a SOD323F package
Rev. 5 - 2 November 2020
logo
NXP Semiconductors
2PB709ART.215 NXP-2PB709ART.215 Datasheet
100Kb / 10P
   PNP general-purpose transistor in a small SOT23 (TO-236AB) Surface-Mounted Device (SMD) plastic package.
Rev. 01-19 March 2007
PZUXB PHILIPS-PZUXB Datasheet
64Kb / 12P
   Single Zener diodes in a SOD323F package
Rev. 01-7 March 2006
logo
Shanghai Shunye Electro...
1SS400 SHUNYE-1SS400_17 Datasheet
256Kb / 4P
   Very Small Outline Flat Lead Plastic Package General Purpose Application High Speed Switching Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com