전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MRF421 데이터시트(PDF) 2 Page - Motorola, Inc

부품명 MRF421
상세설명  RF POWER TRANSISTORS NPN SILICON
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF421 데이터시트(HTML) 2 Page - Motorola, Inc

  MRF421 Datasheet HTML 1Page - Motorola, Inc MRF421 Datasheet HTML 2Page - Motorola, Inc MRF421 Datasheet HTML 3Page - Motorola, Inc MRF421 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MRF421
2
MOTOROLA RF DEVICE DATA
ELECTRICAL CHARACTERISTICS – continued (TC = 25°C unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
ON CHARACTERISTICS
DC Current Gain
(IC = 5.0 Adc, VCE = 5.0 Vdc)
hFE
10
70
DYNAMIC CHARACTERISTICS
Output Capacitance
(VCB = 12.5 Vdc, IE = 0, f = 1.0 MHz)
Cob
550
800
pF
FUNCTIONAL TESTS
Common–Emitter Amplifier Power Gain
(VCC = 12.5 Vdc, Pout = 100 W, IC(max) = 10 Adc,
ICQ = 150 mAdc, f = 30, 30.001 MHz)
GPE
10
12
dB
Collector Efficiency
(VCC = 12.5 Vdc, Pout = 100 W, IC(max) = 10 Adc,
ICQ = 150 mA, f = 30, 30.001 MHz)
η
40
%
Intermodulation Distortion (1)
(VCE = 12.5 Vdc, Pout = 100 W, IC = 10 Adc,
ICQ = 150 mA, f = 30, 30.001 MHz)
IMD
–33
–30
dB
NOTE:
1. To proposed EIA method of measurement. Reference peak envelope power.
Figure 1. 30 MHz Test Circuit Schematic
C1, C2, C4 — 170 – 780 pF, ARCO 469
C3 — 80 – 480 pF, ARCO 466
C5, C7, C10 — ERIE 0.1
µF, 100 V
C6 — MALLORY 500
µF @ 15 V Electrolytic
C9 — 100
µF, 15 V Electrolytic
C8 — 1000 pF, 350 V UNDERWOOD
R1 — 10
Ω, 25 Watt Wirewound
R2 — 10
Ω, 1.0 Watt Carbon
CR1 — 1N4997
L1 — 3 Turns, #16 Wire, 5/16
″ I.D., 5/16″ Long
L2 — 12 Turns, #16 Enameled Wire Closewound, 1/4
″ I.D.
L3 — 1–3/4 Turns, 1/8
″ Tubing, 3/8″ I.D., 3/8″ Long
L4 — 10
µH Molded Choke
L5 — 10 Ferrite Beads — FERROXCUBE #56–590–65/3B
+
BIAS
RF
INPUT
RF
OUTPUT
12.5 Vdc
+
R1
CR1
C5
C6
L4
L2
C7
C8
L5
C9
C10
C4
L3
C3
R2
C1
C2
L1
D.U.T.


유사한 부품 번호 - MRF421

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
MRF421 MACOM-MRF421 Datasheet
133Kb / 4P
   The RF Line NPN Silicon RF Power Transistor
logo
M/A-COM Technology Solu...
MRF421 MA-COM-MRF421 Datasheet
189Kb / 5P
   The RF Line NPN Silicon Power Transistor 100W(PEP), 30MHz, 28V
logo
Advanced Semiconductor
MRF421 ASI-MRF421 Datasheet
19Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
logo
M/A-COM Technology Solu...
MRF421 MA-COM-MRF421 Datasheet
189Kb / 5P
   The RF Line NPN Silicon Power Transistor 100W(PEP), 30MHz, 28V
logo
New Jersey Semi-Conduct...
MRF421 NJSEMI-MRF421 Datasheet
94Kb / 2P
   Designed primarily for application as a high-power linear amplifier from 2.0 to 30 MHz
More results

유사한 설명 - MRF421

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MRF1946 MOTOROLA-MRF1946 Datasheet
141Kb / 6P
   RF POWER TRANSISTORS NPN SILICON
MRF422 MOTOROLA-MRF422 Datasheet
97Kb / 4P
   RF POWER TRANSISTORS NPN SILICON
logo
New Jersey Semi-Conduct...
2N6082 NJSEMI-2N6082 Datasheet
83Kb / 1P
   NPN SILICON RF POWER TRANSISTORS
logo
Motorola, Inc
MRF401 MOTOROLA-MRF401 Datasheet
497Kb / 3P
   NPN SILICON RF POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
2N6083 NJSEMI-2N6083 Datasheet
130Kb / 1P
   NPN SILICON RF POWER TRANSISTORS
logo
Motorola, Inc
MRF314 MOTOROLA-MRF314 Datasheet
113Kb / 6P
   RF POWER TRANSISTORS NPN SILICON
logo
Tyco Electronics
MRF314 MACOM-MRF314 Datasheet
200Kb / 5P
   RF POWER TRANSISTORS NPN SILICON
logo
New Jersey Semi-Conduct...
MRF652 NJSEMI-MRF652 Datasheet
81Kb / 1P
   NPN Silicon RF Power Transistors
logo
Motorola, Inc
MRF891 MOTOROLA-MRF891 Datasheet
116Kb / 4P
   RF POWER TRANSISTORS NPN SILICON
MRF240 MOTOROLA-MRF240 Datasheet
129Kb / 6P
   RF POWER TRANSISTORS NPN SILICON
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com