전자부품 데이터시트 검색엔진 |
|
BFC23318518 데이터시트(PDF) 4 Page - Vishay Siliconix |
|
BFC23318518 데이터시트(HTML) 4 Page - Vishay Siliconix |
4 / 12 page MKP338 1 X1 www.vishay.com Vishay BCcomponents Revision: 18-Jul-13 4 Document Number: 28116 For technical questions, contact: rfi@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Notes • SPQ = Standard Packing Quantity (1) H = in-tape height; P0 = sprocket hole distance; for detailed specifications refer to packaging information: www.vishay.com/doc?28139 (2) Reel diameter = 356 mm is available on request (3) Weight for short lead product only 440 PITCH = 22.5 mm ± 0.4 mm; dt = 0.80 mm ± 0.08 mm; C-tol. = ± 10 % 0.10 7.0 x 16.5 x 26.0 2.9 18127 18327 200 18527 250 18927 550 0.12 8.5 x 18.0 x 26.0 3.8 18128 18328 200 18528 250 18928 450 0.15 18129 18329 18529 18929 0.18 10.0 x 19.5 x 26.0 6.8 18131 18331 200 18531 200 18931 350 PITCH = 27.5 mm ± 0.4 mm; dt = 0.80 mm ± 0.08 mm; C-tol. = ± 10 % 0.22 11.0 x 21.0 x 31.0 7.4 18132 18332 100 18532 125 -- 0.27 18133 18333 18533 0.33 13.0 x 23.0 x 31.0 9.2 18134 18334 100 18534 125 0.39 15.0 x 25.0 x 31.0 12.3 18135 18335 100 18535 125 0.47 18136 18336 18536 0.56 18.0 x 28.0 x 31.0 16.1 18137 18337 100 18537 100 0.68 18138 18338 18538 0.82 21.0 x 31.0 x 31.0 20.3 18139 18339 50 18539 75 PITCH = 15.0 mm ± 0.4 mm; dt = 0.60 mm ± 0.06 mm; C-tol. = ± 5 % 0.010 5.0 x 11.0 x 17.5 1.0 18214 18414 1000 18614 1000 18934 1100 0.012 18215 18415 18615 18935 0.015 18216 18416 18616 18936 0.018 18217 18417 18617 18937 0.022 6.0 x 12.0 x 17.5 1.4 18218 18418 1000 18618 1000 18938 900 0.027 18219 18419 18619 18939 PITCH = 15.0 mm ± 0.4 mm; dt = 0.80 mm ± 0.08 mm; C-tol. = ± 5 % 0.033 7.0 x 13.5 x 17.5 1.8 18221 18421 750 18621 500 18941 800 0.039 18222 18422 18622 18942 0.047 8.5 x 15.0 x 17.5 2.4 18223 18423 750 18623 500 18943 650 0.056 18224 18424 18624 18944 0.068 10.0 x 16.5 x 17.5 3.0 18225 18425 500 18625 450 18945 600 0.082 18226 18426 18626 18946 PITCH = 22.5 mm ± 0.4 mm; dt = 0.80 mm ± 0.08 mm; C-tol. = ± 5 % 0.10 8.5 x 18.0 x 26.0 3.8 18227 18427 200 18627 250 18947 450 0.12 18228 18428 18628 18948 0.15 10.0 x 19.5 x 26.0 6.8 18229 18429 200 18629 200 18949 350 0.18 18231 18431 18631 18951 PITCH = 27.5 mm ± 0.4 mm; dt = 0.80 mm ± 0.08 mm; C-tol. = ± 5 % 0.22 11.0 x 21.0 x 31.0 7.4 18232 18432 100 18632 125 -- 0.27 13.0 x 23.0 x 31.0 9.2 18233 18433 100 18633 125 0.33 18234 18434 18634 0.39 15.0 x 25.0 x 31.5 12.3 18235 18435 100 18635 125 0.47 18236 18436 18636 0.56 18.0 x 28.0 x 31.5 16.1 18237 18437 100 18637 100 0.68 18238 18438 18638 0.82 21.0 x 31.0 x 31.0 20.3 18239 18439 50 18639 75 ELECTRICAL DATA AND ORDERING INFORMATION URAC CAP. (μF) DIMENSIONS w x h x l (mm) MASS (g) (3) CATALOG NUMBER BFC2 338 1XXXX AND PACKAGING LOOSE IN BOX TAPED REEL (1)(2) SHORT LEADS LONG LEADS Ø = 500 mm lt = 3.5 mm ± 0.3 mm lt = 5.0 mm ± 1.0 mm SPQ lt = 25.0 mm ± 2.0 mm SPQ H = 18.5 mm; P0 = 12.7 mm SPQ |
유사한 부품 번호 - BFC23318518 |
|
유사한 설명 - BFC23318518 |