전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HUFA75433S3S 데이터시트(PDF) 10 Page - Fairchild Semiconductor

부품명 HUFA75433S3S
상세설명  N-Channel UltraFET MOSFETs 60V, 64A, 16m?
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HUFA75433S3S 데이터시트(HTML) 10 Page - Fairchild Semiconductor

Back Button HUFA75433S3S Datasheet HTML 3Page - Fairchild Semiconductor HUFA75433S3S Datasheet HTML 4Page - Fairchild Semiconductor HUFA75433S3S Datasheet HTML 5Page - Fairchild Semiconductor HUFA75433S3S Datasheet HTML 6Page - Fairchild Semiconductor HUFA75433S3S Datasheet HTML 7Page - Fairchild Semiconductor HUFA75433S3S Datasheet HTML 8Page - Fairchild Semiconductor HUFA75433S3S Datasheet HTML 9Page - Fairchild Semiconductor HUFA75433S3S Datasheet HTML 10Page - Fairchild Semiconductor HUFA75433S3S Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. A
SPICE Thermal Model
REV 23 February 2002
HUFA75433S3
CTHERM1 TH 6 4.9e-4
CTHERM2 6 5 4.5e-3
CTHERM3 5 4 6.0e-3
CTHERM4 4 3 8.5e-3
CTHERM5 3 2 0.8e-2
CTHERM6 2 TL 4.2e-2
RTHERM1 TH 6 6.0e-4
RTHERM2 6 5 6.8e-3
RTHERM3 5 4 3.3e-2
RTHERM4 4 3 9.9e-2
RTHERM5 3 2 3.3e-1
RTHERM6 2 TL 3.5e-1
SABER Thermal Model
SABER thermal model HUFA75433S3
template thermal_model th tl
thermal_c th, tl
{
ctherm.ctherm1 th 6 =4.9e-4
ctherm.ctherm2 6 5 =4.5e-3
ctherm.ctherm3 5 4 =6.0e-3
ctherm.ctherm4 4 3 =8.5e-3
ctherm.ctherm5 3 2 =0.8e-2
ctherm.ctherm6 2 tl =4.2e-2
rtherm.rtherm1 th 6 =6.0e-4
rtherm.rtherm2 6 5 =6.8e-3
rtherm.rtherm3 5 4 =3.3e-2
rtherm.rtherm4 4 3 =9.9e-2
rtherm.rtherm5 3 2 =3.3e-1
rtherm.rtherm6 2 tl =3.5e-1
}
RTHERM4
RTHERM6
RTHERM5
RTHERM3
RTHERM2
RTHERM1
CTHERM4
CTHERM6
CTHERM5
CTHERM3
CTHERM2
CTHERM1
tl
2
3
4
5
6
th
JUNCTION
CASE


유사한 부품 번호 - HUFA75433S3S

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
HUFA75429D3S FAIRCHILD-HUFA75429D3S Datasheet
290Kb / 11P
   N-Channel UltraFET MOSFETs 60V, 20A, 25m?
HUFA75429D3ST FAIRCHILD-HUFA75429D3ST Datasheet
290Kb / 11P
   N-Channel UltraFET MOSFETs 60V, 20A, 25m?
More results

유사한 설명 - HUFA75433S3S

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
HUFA76437P3 FAIRCHILD-HUFA76437P3 Datasheet
215Kb / 10P
   64A, 60V, 0.017 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
logo
Shindengen Electric Mfg...
P64LF6QNK SHINDENGEN-P64LF6QNK Datasheet
1Mb / 7P
   Power MOSFETs 60V, 64A, N-channel
P64LF6QLK SHINDENGEN-P64LF6QLK Datasheet
1Mb / 7P
   Power MOSFETs 60V, 64A, N-channel
P64LF6QN SHINDENGEN-P64LF6QN Datasheet
1Mb / 7P
   Power MOSFETs 60V, 64A, N-channel
P64LF6QL SHINDENGEN-P64LF6QL Datasheet
1Mb / 7P
   Power MOSFETs 60V, 64A, N-channel
logo
Intersil Corporation
HUF76437P3 INTERSIL-HUF76437P3 Datasheet
108Kb / 9P
   64A, 60V, 0.017 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUFA75429D3S FAIRCHILD-HUFA75429D3S Datasheet
290Kb / 11P
   N-Channel UltraFET MOSFETs 60V, 20A, 25m?
HUF76437P3 FAIRCHILD-HUF76437P3 Datasheet
217Kb / 10P
   64A, 60V, 0.017 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
FDA2712 FAIRCHILD-FDA2712 Datasheet
353Kb / 8P
   N-Channel UltraFET Trench MOSFET 250V, 64A, 34m廓
HUFA76432P3 FAIRCHILD-HUFA76432P3 Datasheet
216Kb / 10P
   55A, 60V, 0.019 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com