전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BCP56T3G 데이터시트(PDF) 4 Page - ON Semiconductor

부품명 BCP56T3G
상세설명  NPN Silicon Epitaxial Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BCP56T3G 데이터시트(HTML) 4 Page - ON Semiconductor

  BCP56T3G Datasheet HTML 1Page - ON Semiconductor BCP56T3G Datasheet HTML 2Page - ON Semiconductor BCP56T3G Datasheet HTML 3Page - ON Semiconductor BCP56T3G Datasheet HTML 4Page - ON Semiconductor BCP56T3G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
BCP56 Series, SBCP56 Series
http://onsemi.com
4
TYPICAL ELECTRICAL CHARACTERISTICS
1.0
0.8
0.6
0.4
0.2
0
IC, COLLECTOR CURRENT (mA)
0.05
0.1
0.2
0.5
2.0
5.0
10
20
50
1.0
50
mA
100mA
TJ = 25°C
250mA
500mA
IC = 10mA
Figure 6. Base Emitter Voltage vs. Collector
Current
IC, COLLECTOR CURRENT (A)
1
0.1
0.01
0.001
0.2
0.3
0.4
0.6
0.8
0.9
1.1
1.2
0.5
0.7
1.0
VCE = 2 V
150°C
25°C
−55°C
Figure 7. Collector Saturation Region
TA, AMBIENT TEMPERATURE (°C)
Figure 8. Safe Operating Area
1.6
0.8
0.0
100
20
0
160
120
40
140
60
80
1.0
0.2
1.2
0.4
1.4
0.6
Figure 9. Power Derating Curve
VCE, COLLECTOR EMITTER VOLTAGE (V)
100
10
1
0.1
0.01
1
0.1
100 mS
10 mS
1 mS
1 S


유사한 부품 번호 - BCP56T3G

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
BCP56T3G ONSEMI-BCP56T3G Datasheet
74Kb / 5P
   NPN Silicon Epitaxial Transistor
April, 2016 ??Rev. 12
More results

유사한 설명 - BCP56T3G

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
MMBC1623L6 SAMSUNG-MMBC1623L6 Datasheet
29Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJY3008R FAIRCHILD-FJY3008R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
FJY3015R FAIRCHILD-FJY3015R Datasheet
290Kb / 4P
   NPN Epitaxial Silicon Transistor
BC817 FAIRCHILD-BC817_06 Datasheet
162Kb / 5P
   NPN Epitaxial Silicon Transistor
FJY3003R FAIRCHILD-FJY3003R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
PJD882 ETC-PJD882 Datasheet
184Kb / 3P
   NPN Epitaxial Silicon Transistor
logo
Continental Device Indi...
CSC2120 CDIL-CSC2120 Datasheet
87Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CD9581 CDIL-CD9581 Datasheet
113Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CSD545 CDIL-CSD545 Datasheet
182Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
logo
Samsung semiconductor
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Seme LAB
2N5014 SEME-LAB-2N5014 Datasheet
15Kb / 1P
   SILICON EPITAXIAL NPN TRANSISTOR
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com