전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD243BG 데이터시트(PDF) 5 Page - ON Semiconductor

부품명 BD243BG
상세설명  Complementary Silicon Plastic Power Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BD243BG 데이터시트(HTML) 5 Page - ON Semiconductor

  BD243BG Datasheet HTML 1Page - ON Semiconductor BD243BG Datasheet HTML 2Page - ON Semiconductor BD243BG Datasheet HTML 3Page - ON Semiconductor BD243BG Datasheet HTML 4Page - ON Semiconductor BD243BG Datasheet HTML 5Page - ON Semiconductor BD243BG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
BD243B, BD243C (NPN) BD244B, BD244C (PNP)
http://onsemi.com
5
103
Figure 12. Collector Cut-Off Region
VBE, BASE‐EMITTER VOLTAGE (VOLTS)
102
101
100
10-1
10- 2
10- 3
-0.3 -0.2 -0.1
0
+0.1 +0.2 +0.3
+0.4 +0.5 +0.6
VCE = 30 V
TJ = 150°C
100
°C
REVERSE
FORWARD
IC = ICES
10M
Figure 13. Effects of Base−Emitter Resistance
TJ, JUNCTION TEMPERATURE (°C)
20
40
60
80
100
120
140
160
1.0M
100k
VCE = 30 V
IC = 10 x ICES
IC ≈ ICES
(TYPICAL ICES VALUES
OBTAINED FROM FIGURE 12)
IC = 2 x ICES
25
°C
+0.7
10k
1.0k
0.1k
ORDERING INFORMATION
Device
Package
Shipping
BD243B
TO−220
50 Units / Rail
BD243BG
TO−220
(Pb−Free)
BD243C
TO−220
50 Units / Rail
BD243CG
TO−220
(Pb−Free)
BD244B
TO−220
50 Units / Rail
BD244BG
TO−220
(Pb−Free)
BD244C
TO−220
50 Units / Rail
BD244CG
TO−220
(Pb−Free)
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


유사한 부품 번호 - BD243BG

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
BD243BG ONSEMI-BD243BG Datasheet
103Kb / 6P
   Complementary Silicon Plastic Power Transistors
November, 2014 ??Rev. 15
More results

유사한 설명 - BD243BG

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
BD243B MOTOROLA-BD243B Datasheet
140Kb / 6P
   Complementary Silicon Plastic Power Transistors
BD787 MOTOROLA-BD787 Datasheet
148Kb / 6P
   Complementary Plastic Silicon Power Transistors
logo
New Jersey Semi-Conduct...
2N6107 NJSEMI-2N6107 Datasheet
297Kb / 3P
   COMPLEMENTARY SILICON PLASTIC POWER TRANSISTORS
logo
ON Semiconductor
2N6109G ONSEMI-2N6109G Datasheet
117Kb / 5P
   Complementary Silicon Plastic Power Transistors
October, 2011 ??Rev. 9
TIP29 ONSEMI-TIP29 Datasheet
143Kb / 5P
   Complementary Silicon Plastic Power Transistors
October, 2011 ??Rev. 11
2N6487 ONSEMI-2N6487_14 Datasheet
104Kb / 6P
   Complementary Silicon Plastic Power Transistors
November, 2014 ??Rev. 16
MJD253-001 ONSEMI-MJD253-001 Datasheet
168Kb / 8P
   Complementary Silicon Plastic Power Transistors
August, 2013 ??Rev. 15
logo
New Jersey Semi-Conduct...
MJE15032 NJSEMI-MJE15032 Datasheet
133Kb / 2P
   Complementary Silicon Plastic Power Transistors
logo
ON Semiconductor
BD243B ONSEMI-BD243B_14 Datasheet
103Kb / 6P
   Complementary Silicon Plastic Power Transistors
November, 2014 ??Rev. 15
MJE200G ONSEMI-MJE200G Datasheet
170Kb / 6P
   Complementary Silicon Power Plastic Transistors
December, 2013 ??Rev. 15
MJB6488 ONSEMI-MJB6488 Datasheet
68Kb / 6P
   Complementary Silicon Plastic Power Transistors
July, 2004 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com