전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HUFA75645S3S 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 HUFA75645S3S
상세설명  75A, 100V, 0.014 Ohm, N-Channel, UltraFET Power MOSFETs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HUFA75645S3S 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  HUFA75645S3S Datasheet HTML 1Page - Fairchild Semiconductor HUFA75645S3S Datasheet HTML 2Page - Fairchild Semiconductor HUFA75645S3S Datasheet HTML 3Page - Fairchild Semiconductor HUFA75645S3S Datasheet HTML 4Page - Fairchild Semiconductor HUFA75645S3S Datasheet HTML 5Page - Fairchild Semiconductor HUFA75645S3S Datasheet HTML 6Page - Fairchild Semiconductor HUFA75645S3S Datasheet HTML 7Page - Fairchild Semiconductor HUFA75645S3S Datasheet HTML 8Page - Fairchild Semiconductor HUFA75645S3S Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
©2001 Fairchild Semiconductor Corporation
HUFA75645P3, HUFA75645S3S Rev. B
FIGURE 5. FORWARD BIAS SAFE OPERATING AREA
NOTE: Refer to Fairchild Application Notes AN9321 and AN9322.
FIGURE 6. UNCLAMPED INDUCTIVE SWITCHING
CAPABILITY
FIGURE 7. TRANSFER CHARACTERISTICS
FIGURE 8. SATURATION CHARACTERISTICS
FIGURE 9. NORMALIZED DRAIN TO SOURCE ON
RESISTANCE vs JUNCTION TEMPERATURE
FIGURE 10. NORMALIZED GATE THRESHOLD VOLTAGE vs
JUNCTION TEMPERATURE
Typical Performance Curves (Continued)
10
100
10
300
600
1
1
100
µs
10ms
1ms
VDS, DRAIN TO SOURCE VOLTAGE (V)
LIMITED BY rDS(ON)
AREA MAY BE
OPERATION IN THIS
TJ = MAX RATED
TC = 25
oC
SINGLE PULSE
100
10
100
500
0.001
0.01
0.1
1
tAV, TIME IN AVALANCHE (ms)
tAV = (L)(IAS)/(1.3*RATED BVDSS - VDD)
If R = 0
If R
≠ 0
tAV = (L/R)ln[(IAS*R)/(1.3*RATED BVDSS - VDD) +1]
STARTING TJ = 25
oC
STARTING TJ = 150
oC
10
0
30
60
90
150
234
5
6
VGS, GATE TO SOURCE VOLTAGE (V)
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VDD = 15V
TJ = 175
oC
TJ = 25
oC
TJ = -55
oC
120
30
60
90
150
01
2
3
4
0
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS =5V
VGS = 20V
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
TC = 25
oC
VGS = 10V
VGS = 7V
VGS = 6V
120
0.5
1.0
1.5
2.0
3.0
-80
-40
0
40
80
120
200
TJ, JUNCTION TEMPERATURE (
oC)
VGS = 10V, ID = 75A
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
160
2.5
0.4
0.8
1.0
1.2
-80
-40
0
40
80
120
200
TJ, JUNCTION TEMPERATURE (
oC)
VGS = VDS, ID = 250µA
0.6
160
HUFA75645P3, HUFA75645S3S


유사한 부품 번호 - HUFA75645S3S

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
HUFA75617D3 FAIRCHILD-HUFA75617D3 Datasheet
197Kb / 10P
   16A, 100V, 0.090 Ohm, N-Channel, UltraFET Power MOSFETs
HUFA75617D3S FAIRCHILD-HUFA75617D3S Datasheet
197Kb / 10P
   16A, 100V, 0.090 Ohm, N-Channel, UltraFET Power MOSFETs
HUFA75623P3 FAIRCHILD-HUFA75623P3 Datasheet
199Kb / 10P
   22A, 100V, 0.064 Ohm, N-Channel, UltraFET Power MOSFETs
HUFA75623S3ST FAIRCHILD-HUFA75623S3ST Datasheet
199Kb / 10P
   22A, 100V, 0.064 Ohm, N-Channel, UltraFET Power MOSFETs
HUFA75631P3 FAIRCHILD-HUFA75631P3 Datasheet
201Kb / 10P
   33A, 100V, 0.040 Ohm, N-Channel, UltraFET Power MOSFETs
More results

유사한 설명 - HUFA75645S3S

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
HUF75645P3 FAIRCHILD-HUF75645P3 Datasheet
204Kb / 10P
   75A, 100V, 0.014 Ohm, N-Channel, UltraFET Power MOSFETs
logo
Intersil Corporation
HUF75645P3 INTERSIL-HUF75645P3 Datasheet
330Kb / 9P
   75A, 100V, 0.014 Ohm, N-Channel, UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUF75337G3 FAIRCHILD-HUF75337G3 Datasheet
226Kb / 10P
   75A, 55V, 0.014 Ohm, N-Channel UltraFET Power MOSFETs
HUF75542P3 FAIRCHILD-HUF75542P3 Datasheet
192Kb / 9P
   75A, 80V, 0.014 Ohm, N-Channel, UltraFET Power MOSFETs
HUFA75337G3 FAIRCHILD-HUFA75337G3 Datasheet
225Kb / 10P
   75A, 55V, 0.014 Ohm, N-Channel UltraFET Power MOSFETs
logo
Intersil Corporation
HUF75337G3 INTERSIL-HUF75337G3 Datasheet
106Kb / 9P
   75A, 55V, 0.014 Ohm, N-Channel UltraFET Power MOSFETs
HUF75542P3 INTERSIL-HUF75542P3 Datasheet
166Kb / 11P
   75A, 80V, 0.014 Ohm, N-Channel, UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUFA75542P3 FAIRCHILD-HUFA75542P3 Datasheet
202Kb / 10P
   75A, 80V, 0.014 Ohm, N-Channel, UltraFET Power MOSFETs
HUF75652G3 FAIRCHILD-HUF75652G3 Datasheet
195Kb / 10P
   75A, 100V, 0.008 Ohm, N-Channel UltraFET Power MOSFET
logo
Intersil Corporation
HUF75652G3 INTERSIL-HUF75652G3 Datasheet
344Kb / 9P
   75A, 100V, 0.008 Ohm, N-Channel UltraFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com