전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CB1A-P-12V 데이터시트(PDF) 7 Page - Panasonic Semiconductor

부품명 CB1A-P-12V
상세설명  MINI-ISO AUTOMOTIVE RELAY Agricultural equipment, Conveyor, etc.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANASONIC [Panasonic Semiconductor]
홈페이지  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

CB1A-P-12V 데이터시트(HTML) 7 Page - Panasonic Semiconductor

  CB1A-P-12V Datasheet HTML 1Page - Panasonic Semiconductor CB1A-P-12V Datasheet HTML 2Page - Panasonic Semiconductor CB1A-P-12V Datasheet HTML 3Page - Panasonic Semiconductor CB1A-P-12V Datasheet HTML 4Page - Panasonic Semiconductor CB1A-P-12V Datasheet HTML 5Page - Panasonic Semiconductor CB1A-P-12V Datasheet HTML 6Page - Panasonic Semiconductor CB1A-P-12V Datasheet HTML 7Page - Panasonic Semiconductor CB1A-P-12V Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
CB
ASCTB220E 201208-T
3. Bracket type
External dimensions
16.0
6.0
25.0
16.0
4.0
±0.1
1.7
5.4
±0.1 dia.
22.0
11.0
5
×6.3
26.0
4.0
8
17.9
0.8
8.4
2.6
8.4
16.8
.315
.705
.031
.331
.102
.331
.661
.630
.236
.984
.630
.067
.866
.433
5
×.248
1.024
.157
.157
±.004
.213
±.004
Dimension:
General tolerance
Max. 1mm .039 inch:
±0.1 ±.004
1 to 3mm .039 to .118 inch:
±0.2 ±.008
Min. 3mm .118 inch:
±0.3 ±.012
Schematic (Bottom view)
86
30
85
87
86
30
85
87
87a
1 Form A
1 Form C
Including resistor type also available
Including resistor type also available
CAD Data
4. High contact capacity type (1 Form A) (Plug-in type)
External dimensions
2
×6.3±0.08
2
×.248±.003
4
×1.7 dia. hole
4
×.067 dia. hole
2
×9.5±0.08
2
×.374±.003
87
30
85
86
16.8
8.4
2.6
0.8
1.2
8.4
17.9
22.0
26.5
11.0
15.0
25.5
4.0
5.8
.661
.331
.102
.031
.047
.705
.866
1.043
.433
.591
1.004
.157
.228
.331
Dimension:
General tolerance
Max. 1mm .039 inch:
±0.1 ±.004
1 to 3mm .039 to .118 inch:
±0.2 ±.008
Min. 3mm .118 inch:
±0.3 ±.012
Schematic (Bottom view)
86
30
85
87
Including resistor type also available
CAD Data


유사한 부품 번호 - CB1A-P-12V

제조업체부품명데이터시트상세설명
logo
Nais(Matsushita Electri...
CB1A-P-12V NAIS-CB1A-P-12V Datasheet
121Kb / 4P
   HIGH POWER AUTOMOTIVE RELAY
logo
Panasonic Semiconductor
CB1A-P-12V PANASONIC-CB1A-P-12V Datasheet
185Kb / 9P
   MINI-ISO AUTOMOTIVE RELAY
More results

유사한 설명 - CB1A-P-12V

제조업체부품명데이터시트상세설명
logo
Panasonic Semiconductor
CB1-R-SM-12V PANASONIC-CB1-R-SM-12V Datasheet
185Kb / 9P
   MINI-ISO AUTOMOTIVE RELAY
logo
Omron Electronics LLC
G8JR OMRON-G8JR Datasheet
275Kb / 4P
   Power Mini ISO Automotive Relay
logo
American Zettler, Inc.
AZ973 AZETTLER-AZ973 Datasheet
166Kb / 4P
   40 AMP MINI-ISO AUTOMOTIVE RELAY
AZ979 AZETTLER-AZ979 Datasheet
148Kb / 3P
   80 AMP MINI-ISO AUTOMOTIVE RELAY
AZ980 AZETTLER-AZ980 Datasheet
108Kb / 2P
   80 AMP MINI-ISO AUTOMOTIVE RELAY
AZ9741 AZETTLER-AZ9741 Datasheet
145Kb / 2P
   40 AMP MINI-ISO AUTOMOTIVE RELAY
AZ974 AZETTLER-AZ974 Datasheet
128Kb / 2P
   40 AMP MINI-ISO AUTOMOTIVE RELAY
AZ9731 AZETTLER-AZ9731 Datasheet
205Kb / 4P
   40 AMP MINI-ISO AUTOMOTIVE RELAY
AZ983 AZETTLER-AZ983 Datasheet
88Kb / 2P
   80 AMP MINI-ISO AUTOMOTIVE RELAY
AZ9831 AZETTLER-AZ9831 Datasheet
81Kb / 2P
   70 AMP MINI-ISO AUTOMOTIVE RELAY
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com