전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CB1F-T-P-24V 데이터시트(PDF) 6 Page - Panasonic Semiconductor

부품명 CB1F-T-P-24V
상세설명  MINI-ISO AUTOMOTIVE RELAY Agricultural equipment, Conveyor, etc.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANASONIC [Panasonic Semiconductor]
홈페이지  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

CB1F-T-P-24V 데이터시트(HTML) 6 Page - Panasonic Semiconductor

  CB1F-T-P-24V Datasheet HTML 1Page - Panasonic Semiconductor CB1F-T-P-24V Datasheet HTML 2Page - Panasonic Semiconductor CB1F-T-P-24V Datasheet HTML 3Page - Panasonic Semiconductor CB1F-T-P-24V Datasheet HTML 4Page - Panasonic Semiconductor CB1F-T-P-24V Datasheet HTML 5Page - Panasonic Semiconductor CB1F-T-P-24V Datasheet HTML 6Page - Panasonic Semiconductor CB1F-T-P-24V Datasheet HTML 7Page - Panasonic Semiconductor CB1F-T-P-24V Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
CB
ASCTB220E 201208-T
DIMENSIONS (mm inch)
The CAD data of the products with a
CAD Data
mark can be downloaded from: http://industrial.panasonic.com/ac/e/
1. PC board type
External dimensions
22.0
26.0
2.15
6.3
4.5
1.0
25.0
0.8
8.4
16.8
2.6
17.9
8
8.4
86
87a
87
30
85
.331
.031
.661
.102
.705
.315
.331
.866
.248
.177
.039
1.024
.085
.984
Dimension:
General tolerance
Max. 1mm .039 inch:
±0.1 ±.004
1 to 3mm .039 to .118 inch:
±0.2 ±.008
Min. 3mm .118 inch:
±0.3 ±.012
Schematic (Bottom view)
PC board pattern (Bottom view)
Tolerance:
±0.1 ±.004
86
30
85
87
86
30
85
87
87a
1 Form A
1 Form C
Including resistor type also available
Including resistor type also available
1 Form C type only
1 Form C type only
4(or5)
×2.6
30
87a
87
85
86
8.4
16.8
4(or5)
×1.4
17.9
8.4
8.0
.331
.661
.705
.331
.315
4(or5)
×.102
4(or5)
×.055
CAD Data
2. Plug-in type
External dimensions
25.0
11.0
5
×6.3
26.0
22.0
4.0
1.7 dia.
0.8
8.4
16.8
2.6
17.9
8
8.4
86
87a
87
30
85
.984
.433
5
×.248
1.024
.866
.157
.067 dia.
.031
.331
.661
.102
.705
.315
.331
Dimension:
General tolerance
Max. 1mm .039 inch:
±0.1 ±.004
1 to 3mm .039 to .118 inch:
±0.2 ±.008
Min. 3mm .118 inch:
±0.3 ±.012
Schematic (Bottom view)
86
30
85
87
86
30
85
87
87a
1 Form A
1 Form C
Including resistor type also available
Including resistor type also available
CAD Data


유사한 부품 번호 - CB1F-T-P-24V

제조업체부품명데이터시트상세설명
logo
Nais(Matsushita Electri...
CB1F-T-P-24V NAIS-CB1F-T-P-24V Datasheet
118Kb / 4P
   HIGH POWER AUTOMOTIVE RELAY CB-RELAYS
logo
Panasonic Semiconductor
CB1F-T-P-24V PANASONIC-CB1F-T-P-24V Datasheet
185Kb / 9P
   MINI-ISO AUTOMOTIVE RELAY
More results

유사한 설명 - CB1F-T-P-24V

제조업체부품명데이터시트상세설명
logo
Panasonic Semiconductor
CB1-R-SM-12V PANASONIC-CB1-R-SM-12V Datasheet
185Kb / 9P
   MINI-ISO AUTOMOTIVE RELAY
logo
Omron Electronics LLC
G8JR OMRON-G8JR Datasheet
275Kb / 4P
   Power Mini ISO Automotive Relay
logo
American Zettler, Inc.
AZ973 AZETTLER-AZ973 Datasheet
166Kb / 4P
   40 AMP MINI-ISO AUTOMOTIVE RELAY
AZ979 AZETTLER-AZ979 Datasheet
148Kb / 3P
   80 AMP MINI-ISO AUTOMOTIVE RELAY
AZ980 AZETTLER-AZ980 Datasheet
108Kb / 2P
   80 AMP MINI-ISO AUTOMOTIVE RELAY
AZ9741 AZETTLER-AZ9741 Datasheet
145Kb / 2P
   40 AMP MINI-ISO AUTOMOTIVE RELAY
AZ974 AZETTLER-AZ974 Datasheet
128Kb / 2P
   40 AMP MINI-ISO AUTOMOTIVE RELAY
AZ9731 AZETTLER-AZ9731 Datasheet
205Kb / 4P
   40 AMP MINI-ISO AUTOMOTIVE RELAY
AZ983 AZETTLER-AZ983 Datasheet
88Kb / 2P
   80 AMP MINI-ISO AUTOMOTIVE RELAY
AZ9831 AZETTLER-AZ9831 Datasheet
81Kb / 2P
   70 AMP MINI-ISO AUTOMOTIVE RELAY
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com