전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD22M3494MQZ 데이터시트(PDF) 6 Page - Intersil Corporation

부품명 CD22M3494MQZ
상세설명  16 x 8 x 1 BiMOS-E Crosspoint Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD22M3494MQZ 데이터시트(HTML) 6 Page - Intersil Corporation

  CD22M3494MQZ Datasheet HTML 1Page - Intersil Corporation CD22M3494MQZ Datasheet HTML 2Page - Intersil Corporation CD22M3494MQZ Datasheet HTML 3Page - Intersil Corporation CD22M3494MQZ Datasheet HTML 4Page - Intersil Corporation CD22M3494MQZ Datasheet HTML 5Page - Intersil Corporation CD22M3494MQZ Datasheet HTML 6Page - Intersil Corporation CD22M3494MQZ Datasheet HTML 7Page - Intersil Corporation CD22M3494MQZ Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
FN2793.7
January 16, 2006
Timing Diagram
ADDRESS
STROBE
DATA
RESET
50%
50%
tSPW
tAS
tAH
50%
tDH
tDS
50%
50%
tRPW
50%
50%
90%
tPAF
tPZL
SWITCH
OUTPUT
90%
10%
tPAN
tPHZ
tPZH
tPSF
tPSN
50%
50%
tCS
tCH
CS
10%
TRUTH TABLE X AXIS
X ADDRESS
AX3
AX2
AX1
AX0
X SWITCH
0
0
0
0
X0
0
0
0
1
X1
0
0
1
0
X2
0
0
1
1
X3
0
1
0
0
X4
0
1
0
1
X5
0
1
1
0
X12
0
1
1
1
X13
1
0
0
0
X6
1
0
0
1
X7
1
0
1
0
X8
1
0
1
1
X9
1
1
0
0
X10
1
1
0
1
X11
1
1
1
0
X14
1
1
1
1
X15
TRUTH TABLE Y AXIS
Y ADDRESS
AY2
AY1
AY0
Y SWITCH
0
0
0
Y0
0
0
1
Y1
0
1
0
Y2
0
1
1
Y3
1
0
0
Y4
1
0
1
Y5
1
1
0
Y6
1
1
1
Y7
CD22M3494


유사한 부품 번호 - CD22M3494MQZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
CD22M3494MQZ INTERSIL-CD22M3494MQZ Datasheet
556Kb / 8P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
logo
Renesas Technology Corp
CD22M3494MQZ RENESAS-CD22M3494MQZ Datasheet
546Kb / 10P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
More results

유사한 설명 - CD22M3494MQZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
CD22M3494 INTERSIL-CD22M3494_06 Datasheet
556Kb / 8P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
CD22M3494 INTERSIL-CD22M3494 Datasheet
47Kb / 7P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
January 1997
logo
Renesas Technology Corp
CD22M3494 RENESAS-CD22M3494 Datasheet
546Kb / 10P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
logo
Intersil Corporation
CD22M3493 INTERSIL-CD22M3493 Datasheet
37Kb / 6P
   12 x 8 x 1 BiMOS-E Crosspoint Switch
January 1997
logo
Analog Devices
AD75019 AD-AD75019 Datasheet
72Kb / 4P
   16 x 16 Crosspoint Switch Array
REV. C
ADV3224 AD-ADV3224 Datasheet
670Kb / 24P
   750 MHz, 16 x 8 Analog Crosspoint Switch
logo
Texas Instruments
SN65LVCP408 TI1-SN65LVCP408_14 Datasheet
1Mb / 29P
[Old version datasheet]   Gigabit 8 x 8 CROSSPOINT SWITCH
logo
Maxim Integrated Produc...
MAX456 MAXIM-MAX456 Datasheet
99Kb / 12P
   8 x 8 Video Crosspoint Switch
Rev 2; 2/94
logo
Texas Instruments
SN65LVCP408 TI-SN65LVCP408 Datasheet
1Mb / 25P
[Old version datasheet]   Gigabit 8 x 8 CROSSPOINT SWITCH
logo
Vitesse Semiconductor C...
VSC3308 VITESSE-VSC3308 Datasheet
906Kb / 2P
   11.5 Gbps 8 x 8 Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com