전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM341T-5.0 데이터시트(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
부품명 LM341T-5.0
상세설명  3-Terminal Positive Voltage Regulators
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM341T-5.0 데이터시트(HTML) 2 Page - Texas Instruments

  LM341T-5.0 Datasheet HTML 1Page - Texas Instruments LM341T-5.0 Datasheet HTML 2Page - Texas Instruments LM341T-5.0 Datasheet HTML 3Page - Texas Instruments LM341T-5.0 Datasheet HTML 4Page - Texas Instruments LM341T-5.0 Datasheet HTML 5Page - Texas Instruments LM341T-5.0 Datasheet HTML 6Page - Texas Instruments LM341T-5.0 Datasheet HTML 7Page - Texas Instruments LM341T-5.0 Datasheet HTML 8Page - Texas Instruments LM341T-5.0 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
LM341/LM78MXX Series
3-Terminal Positive Voltage Regulators
General Description
The LM341 and LM78MXX series of three-terminal positive
voltage regulators employ built-in current limiting, thermal
shutdown, and safe-operating area protection which makes
them virtually immune to damage from output overloads.
With adequate heatsinking, they can deliver in excess of
0.5A output current. Typical applications would include local
(on-card) regulators which can eliminate the noise and de-
graded performance associated with single-point regulation.
Features
n
Output current in excess of 0.5A
n
No external components
n
Internal thermal overload protection
n
Internal short circuit current-limiting
n
Output transistor safe-area compensation
n
Available in TO-220, TO-39, and TO-252 D-PAK
packages
n
Output voltages of 5V, 12V, and 15V
Connection Diagrams
TO-39 Metal Can Package (H)
01048405
Bottom View
Order Number LM78M05CH, LM78M12CH or LM78M15CH
See NS Package Number H03A
TO-220 Power Package (T)
01048406
Top View
Order Number LM341T-5.0, LM341T-12, LM341T-15, LM78M05CT, LM78M12CT or LM78M15CT
See NS Package Number T03B
TO-252
01048419
Top View
Order Number LM78M05CDT
See NS Package Number TD03B
August 2005
© 2005 National Semiconductor Corporation
DS010484
www.national.com


유사한 부품 번호 - LM341T-5.0

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM341T-5.0 NSC-LM341T-5.0 Datasheet
310Kb / 11P
   3-Terminal Positive Voltage Regulators
logo
Texas Instruments
LM341T-5.0 TI-LM341T-5.0 Datasheet
1Mb / 18P
[Old version datasheet]   Series 3-Terminal Positive Voltage Regulators
LM341T-5.0 TI1-LM341T-5.0 Datasheet
1Mb / 18P
[Old version datasheet]   3-Terminal Positive Voltage Regulators
LM341T-5.0 TI1-LM341T-5.0 Datasheet
1Mb / 22P
[Old version datasheet]   3-Terminal 500-mA Positive Voltage Regulators
LM341T-5.0/NOPB TI-LM341T-5.0/NOPB Datasheet
1Mb / 18P
[Old version datasheet]   Series 3-Terminal Positive Voltage Regulators
More results

유사한 설명 - LM341T-5.0

제조업체부품명데이터시트상세설명
logo
GTM CORPORATION
G3U78XXA GTM-G3U78XXA Datasheet
206Kb / 6P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GI78XX GTM-GI78XX Datasheet
201Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GJ78XX GTM-GJ78XX Datasheet
197Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GJ78XXA GTM-GJ78XXA Datasheet
168Kb / 6P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Bookly Micro electronic
BM7805 BOOKLY-BM7805 Datasheet
222Kb / 8P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
GTM CORPORATION
GE78XX GTM-GE78XX Datasheet
207Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
G3U78XX GTM-G3U78XX Datasheet
231Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GU78XX GTM-GU78XX Datasheet
240Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
List of Unclassifed Man...
AX78LXX ETC-AX78LXX Datasheet
223Kb / 10P
   3-Terminal Positive Voltage Regulators
AX78XX ETC-AX78XX Datasheet
222Kb / 11P
   3-Terminal Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com