전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

N0604N 데이터시트(PDF) 1 Page - Renesas Technology Corp

부품명 N0604N
상세설명  N-channel MOSFET Low on-state resistance
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

N0604N 데이터시트(HTML) 1 Page - Renesas Technology Corp

  N0604N Datasheet HTML 1Page - Renesas Technology Corp N0604N Datasheet HTML 2Page - Renesas Technology Corp N0604N Datasheet HTML 3Page - Renesas Technology Corp N0604N Datasheet HTML 4Page - Renesas Technology Corp N0604N Datasheet HTML 5Page - Renesas Technology Corp N0604N Datasheet HTML 6Page - Renesas Technology Corp N0604N Datasheet HTML 7Page - Renesas Technology Corp N0604N Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
R07DS0850EJ0100 Rev.1.00
Page 1 of 6
Aug 27, 2012
Data Sheet
N0604N
N-channel MOSFET
60 V, 82 A, 6.5 m
Ω
Description
The N0604N is N-channel MOS Field Effect Transistor designed for high current switching applications.
Features
• Low on-state resistance
RDS (on) = 6.5 mΩ MAX. (VGS = 10 V, ID = 41 A)
• Low input capacitance
Ciss = 4150 pF TYP. (VDS = 25 V, VGS = 0 V)
• High current
ID(DC) = ±82 A
• RoHS Compliant
Ordering Information
Part No.
Lead Plating
Packing
Package
N0604N-S19-AY
∗1
Pure Sn (Tin)
Tube
50 p/tube
TO-220
1.9 g TYP.
Note:
1. Pb-free (This product does not contain Pb in the external electrode.)
Absolute Maximum Ratings (TA = 25°C, all terminals are connected)
Item
Symbol
Ratings
Unit
Drain to Source Voltage (VGS = 0 V)
VDSS
60
V
Gate to Source Voltage (VDS = 0 V)
VGSS
±20
V
Drain Current (DC)
ID(DC)
±82
A
Drain Current (pulse)
∗1
ID(pulse)
±200
A
Total Power Dissipation (TC = 25°C)
PT1
116
W
Total Power Dissipation (TA = 25°C)
PT2
1.5
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
−55 to +150
°C
Single Avalanche Current
∗2
IAS
35
A
Single Avalanche Energy
∗2
EAS
125
mJ
Thermal Resistance
Channel to Case (Drain) Thermal Resistance
Rth(ch-C)
1.08
°C/W
Channel to Ambient Thermal Resistance
∗2
Rth(ch-A)
83.3
°C/W
Notes:
1. PW ≤ 10 μs, Duty Cycle ≤ 1%
2. Starting T
ch = 25°C, RG = 25 Ω, VDD = 30 V, VGS = 20 → 0 V, L = 100 μH
R07DS0850EJ0100
Rev.1.00
Aug 27, 2012


유사한 부품 번호 - N0604N

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
N0604N RENESAS-N0604N_15 Datasheet
148Kb / 8P
   N-channel MOSFET 60 V, 82 A, 6.5 m廓
More results

유사한 설명 - N0604N

제조업체부품명데이터시트상세설명
logo
Texas Instruments
MAX4595 TI1-MAX4595_14 Datasheet
694Kb / 17P
[Old version datasheet]   Low ON-State Resistance ON-State Resistance Flatness
MAX4594 TI1-MAX4594_14 Datasheet
694Kb / 17P
[Old version datasheet]   Low ON-State Resistance ON-State Resistance Flatness
MAX4597 TI1-MAX4597_14 Datasheet
694Kb / 17P
[Old version datasheet]   Low ON-State Resistance ON-State Resistance Flatness
logo
Renesas Technology Corp
UPA2690T1R RENESAS-UPA2690T1R Datasheet
326Kb / 11P
   COMPLEMENTARY MOSFET Low on-state resistance
logo
Sanken electric
DKG1020 SANKEN-DKG1020 Datasheet
466Kb / 6P
   Low on-state resistance
MLD685D SANKEN-MLD685D Datasheet
358Kb / 7P
   Low on-state resistance
MLD685D SANKEN-MLD685D Datasheet
358Kb / 7P
   Low on-state resistance
DKG1020 SANKEN-DKG1020 Datasheet
466Kb / 6P
   Low on-state resistance
logo
International Rectifier
IRF7331PBF IRF-IRF7331PBF_08 Datasheet
220Kb / 9P
   Ultra Low On-Resistance Dual N-Channel MOSFET
logo
NXP Semiconductors
PSMN006-20K518 NXP-PSMN006-20K518 Datasheet
261Kb / 12P
   Very low on-state resistance
Rev. 01-30 May 2002
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com