전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM-W6-60X10-2W 데이터시트(PDF) 1 Page - HB Electronic Components

부품명 LM-W6-60X10-2W
상세설명  High radiometric power per LED Very long operating life
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HB [HB Electronic Components]
홈페이지  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

LM-W6-60X10-2W 데이터시트(HTML) 1 Page - HB Electronic Components

  LM-W6-60X10-2W Datasheet HTML 1Page - HB Electronic Components LM-W6-60X10-2W Datasheet HTML 2Page - HB Electronic Components LM-W6-60X10-2W Datasheet HTML 3Page - HB Electronic Components LM-W6-60X10-2W Datasheet HTML 4Page - HB Electronic Components LM-W6-60X10-2W Datasheet HTML 5Page - HB Electronic Components LM-W6-60X10-2W Datasheet HTML 6Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features:
Page 1 of 6
High radiometric power per LED
Very long operating life
(up to 100K hours)
Low voltage DC operated
More Energy Efficient than Incandescent
and most Halogen lamps
+
Good color uniformity
NO UV
Superior ESD protection
NOTE:
All dimensions are millimeter.
Tolerance is ±0.1mm unless otherwise noted
It is strongly recommended that the temperature
of lead be not higher than 55
oC
The appearance and specifications of the product may be
modified for improvement without notice.
Easy installation with Screws
High Heat dissipstion Efficiency
Typical Applications:
Reading lights(car,bus,aircraft)
Portable(flashlight,bicycle)
Automotive Exterior(Stop-Tail-Turn,
CHMSL,Mirror Side Repeat)
Decorative/Entertainment
Dental curing lights
Uplighters/Downlighters
Bollards/Security/Garden
Cove/Undershelf/Task
Indoor/Outdoor Commercial and Residential Architectural
Automotive Ext(stop-Tail-Turn)
Lcd backlights
Street Lamp
SPECIFICATION
Hebei I.T. (Shanghai) Co., Ltd.
LM-W6-60* 10-2W
Part No.


유사한 부품 번호 - LM-W6-60X10-2W

제조업체부품명데이터시트상세설명
logo
HB Electronic Component...
LM-W6-60X10-11W HB-LM-W6-60X10-11W Datasheet
1Mb / 6P
   Through the LM-80 certification
LM-W6-60X10-1W HB-LM-W6-60X10-1W Datasheet
349Kb / 6P
   High radiometric power per LED
LM-W6-60X10-3W HB-LM-W6-60X10-3W Datasheet
309Kb / 6P
   High radiometric power per LED Very long operating life
More results

유사한 설명 - LM-W6-60X10-2W

제조업체부품명데이터시트상세설명
logo
HB Electronic Component...
LM-W6-60X10-3W HB-LM-W6-60X10-3W Datasheet
309Kb / 6P
   High radiometric power per LED Very long operating life
3VAC9CW6 HB-3VAC9CW6 Datasheet
109Kb / 3P
   High radiometric power per LED
4VAC13CW3 HB-4VAC13CW3 Datasheet
902Kb / 7P
   High radiometric power per LED
SR12N3W3C HB-SR12N3W3C Datasheet
636Kb / 7P
   High radiometric power per LED
3VAC9CW3 HB-3VAC9CW3 Datasheet
105Kb / 3P
   High radiometric power per LED
SG7N50W6-1500MA HB-SG7N50W6-1500MA Datasheet
200Kb / 6P
   High radiometric power per LED
RG3N7W6-750MA HB-RG3N7W6-750MA Datasheet
383Kb / 6P
   High radiometric power per LED
SS12N7W6C HB-SS12N7W6C Datasheet
772Kb / 6P
   High radiometric power per LED
SS12N8W6C HB-SS12N8W6C Datasheet
792Kb / 6P
   High radiometric power per LED
LM-W6-60X10-1W HB-LM-W6-60X10-1W Datasheet
349Kb / 6P
   High radiometric power per LED
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com