전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF623 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 IRF623
상세설명  N-Channel Power MOSFETs, 7A, 150-200V
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

IRF623 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  IRF623 Datasheet HTML 1Page - Fairchild Semiconductor IRF623 Datasheet HTML 2Page - Fairchild Semiconductor IRF623 Datasheet HTML 3Page - Fairchild Semiconductor IRF623 Datasheet HTML 4Page - Fairchild Semiconductor IRF623 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image


유사한 부품 번호 - IRF623

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
IRF623 ISC-IRF623 Datasheet
45Kb / 2P
   isc N-Channel MOSFET Transistor
logo
ARTSCHIP ELECTRONICS CO...
IRF623 ARTSCHIP-IRF623 Datasheet
154Kb / 5P
   N-Channel Power Mosfets
More results

유사한 설명 - IRF623

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
IRF610-613 FAIRCHILD-IRF610-613 Datasheet
148Kb / 5P
   N-Channel Power MOSFETs, 3.5A, 150-200V
IRF240-243 FAIRCHILD-IRF240-243 Datasheet
140Kb / 5P
   N-Channel Power MOSFETs, 18A, 150-200V
logo
Intersil Corporation
FRS230D INTERSIL-FRS230D Datasheet
48Kb / 6P
   7A, 200V, 0.515 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
logo
Mospec Semiconductor
BU406D MOSPEC-BU406D Datasheet
107Kb / 3P
   POWER TRANSISTORS(7A,150-200V,60W)
BU407H MOSPEC-BU407H Datasheet
113Kb / 3P
   POWER TRANSISTORS(7A,150-200V,60W)
BU406 MOSPEC-BU406 Datasheet
106Kb / 3P
   POWER TRANSISTORS(7A,150-200V,60W)
logo
Unisonic Technologies
7N20 UTC-7N20 Datasheet
214Kb / 5P
   7A, 200V N-CHANNEL POWER MOSFET
7N20Z UTC-7N20Z Datasheet
217Kb / 5P
   7A, 200V N-CHANNEL POWER MOSFET
logo
Shindengen Electric Mfg...
P7F90VX3 SHINDENGEN-P7F90VX3 Datasheet
1Mb / 8P
   Power MOSFETs 900V, 7A, N-channel
logo
Intersil Corporation
FRM9240D INTERSIL-FRM9240D Datasheet
47Kb / 6P
   7A, -200V, 0.720 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com