전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM5520TCX-75.0M-T1K 데이터시트(PDF) 4 Page - Pletronics, Inc.

부품명 SM5520TCX-75.0M-T1K
상세설명  SM55T Series 1.8 V CMOS Clock Oscillators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PLETRONICS [Pletronics, Inc.]
홈페이지  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

SM5520TCX-75.0M-T1K 데이터시트(HTML) 4 Page - Pletronics, Inc.

  SM5520TCX-75.0M-T1K Datasheet HTML 1Page - Pletronics, Inc. SM5520TCX-75.0M-T1K Datasheet HTML 2Page - Pletronics, Inc. SM5520TCX-75.0M-T1K Datasheet HTML 3Page - Pletronics, Inc. SM5520TCX-75.0M-T1K Datasheet HTML 4Page - Pletronics, Inc. SM5520TCX-75.0M-T1K Datasheet HTML 5Page - Pletronics, Inc. SM5520TCX-75.0M-T1K Datasheet HTML 6Page - Pletronics, Inc. SM5520TCX-75.0M-T1K Datasheet HTML 7Page - Pletronics, Inc. SM5520TCX-75.0M-T1K Datasheet HTML 8Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SM55T Series 1.8 V
CMOS Clock Oscillators
April 2010
www.pletronics.com
425-776-1880
4
Electrical Specification for 1.80V +
_10% over the specified temperature range
Item
Typ
Max
Unit
Condition
Output T
RISE and TFALL
2.0
5.0
nS
< 35 MHz
C
LOAD = 15 pF
20% to 80% of V
CC
See Load Circuit
1.7
3.5
nS
> 35 MHz and > 70 MHz
-2.5
nS
> 70 MHz
4.0
10.0
nS
< 35 MHz
C
LOAD = 30 pF
20% to 80% of V
CC
See Load Circuit
2.0
7.0
nS
> 35 MHz and < 70 MHz
V
CC Supply Current (ICC)-
4
mA
< 8 MHz
C
LOAD = 15 pF
-5
mA
> 8 MHz and < 16 MHz
-8
mA
> 16 MHz and < 35 MHz
-18
mA
> 35 MHz and < 70 MHz
-27
mA
> 70 MHz and < 120 MHz
-37
mA
> 120 MHz
Specifications with Pad 1 E/D open circuit
Typical phase noise plot for 5 oscillators at different output frequencies.
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
10
1,000
100,000
10,000,000
Frequency (Hz)
19.4M
25M
32M
50M
66.7M


유사한 부품 번호 - SM5520TCX-75.0M-T1K

제조업체부품명데이터시트상세설명
logo
Pletronics, Inc.
SM5520TCV-75.0M-T1K PLETRONICS-SM5520TCV-75.0M-T1K Datasheet
111Kb / 8P
   SM55T Series 3.3 V CMOS Clock Oscillators
SM5520TCV-75.0M-T250 PLETRONICS-SM5520TCV-75.0M-T250 Datasheet
111Kb / 8P
   SM55T Series 3.3 V CMOS Clock Oscillators
SM5520TCV-75.0M-T500 PLETRONICS-SM5520TCV-75.0M-T500 Datasheet
111Kb / 8P
   SM55T Series 3.3 V CMOS Clock Oscillators
SM5520TCW-75.0M-T1K PLETRONICS-SM5520TCW-75.0M-T1K Datasheet
144Kb / 8P
   SM55T Series 2.5 V CMOS Clock Oscillators
SM5520TCW-75.0M-T250 PLETRONICS-SM5520TCW-75.0M-T250 Datasheet
144Kb / 8P
   SM55T Series 2.5 V CMOS Clock Oscillators
More results

유사한 설명 - SM5520TCX-75.0M-T1K

제조업체부품명데이터시트상세설명
logo
Pletronics, Inc.
SM5545TW-750M-T250 PLETRONICS-SM5545TW-750M-T250 Datasheet
144Kb / 8P
   SM55T Series 2.5 V CMOS Clock Oscillators
SM5545TV-750M-T250 PLETRONICS-SM5545TV-750M-T250 Datasheet
111Kb / 8P
   SM55T Series 3.3 V CMOS Clock Oscillators
SM7745MEX PLETRONICS-SM7745MEX Datasheet
149Kb / 8P
   1.8 V CMOS Clock Oscillators
SM5545TEX PLETRONICS-SM5545TEX Datasheet
152Kb / 8P
   1.8 V CMOS Clock Oscillators
SM7745DEX PLETRONICS-SM7745DEX Datasheet
149Kb / 8P
   1.8 V CMOS Clock Oscillators
SM7745GEX PLETRONICS-SM7745GEX Datasheet
151Kb / 8P
   1.8 V CMOS Clock Oscillators
SM5545GEX PLETRONICS-SM5545GEX Datasheet
152Kb / 8P
   1.8 V CMOS Clock Oscillators
SM5545MEX PLETRONICS-SM5545MEX Datasheet
151Kb / 8P
   1.8 V CMOS Clock Oscillators
SM7645DEX PLETRONICS-SM7645DEX Datasheet
203Kb / 9P
   1.8 V CMOS Clock Oscillators
logo
List of Unclassifed Man...
SM77D ETC1-SM77D Datasheet
149Kb / 8P
   1.8 V CMOS Clock Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com