전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF832 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 IRF832
상세설명  N-Channel Power MOSFETs, 4.5 A, 450V/500V
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

IRF832 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  IRF832 Datasheet HTML 1Page - Fairchild Semiconductor IRF832 Datasheet HTML 2Page - Fairchild Semiconductor IRF832 Datasheet HTML 3Page - Fairchild Semiconductor IRF832 Datasheet HTML 4Page - Fairchild Semiconductor IRF832 Datasheet HTML 5Page - Fairchild Semiconductor IRF832 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image


유사한 부품 번호 - IRF832

제조업체부품명데이터시트상세설명
logo
New Jersey Semi-Conduct...
IRF832 NJSEMI-IRF832 Datasheet
122Kb / 3P
   N-Channel Power MOSFETs, 4.5 A, 450 V/500 V
IRF832 NJSEMI-IRF832 Datasheet
122Kb / 3P
   N-Channel Power MOSFETs, 4.5 A, 450 V/500 V
logo
Inchange Semiconductor ...
IRF832 ISC-IRF832 Datasheet
65Kb / 2P
   isc N-Channel MOSFET Transistor
logo
List of Unclassifed Man...
IRF832 ETC2-IRF832 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
International Rectifier
IRF8327SPBF IRF-IRF8327SPBF Datasheet
224Kb / 9P
   DirectFETPower MOSFET 
More results

유사한 설명 - IRF832

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
2N6761 FAIRCHILD-2N6761 Datasheet
137Kb / 5P
   N-Channel Power MOSFETs, 4.5A, 450V/500V
2N6769 FAIRCHILD-2N6769 Datasheet
137Kb / 5P
   N-Channel Power MOSFETs, 12A, 450V/500V
logo
Intersil Corporation
RFM3N45 INTERSIL-RFM3N45 Datasheet
81Kb / 10P
   3A, 450V and 500V, 3 Ohm, N-Channel Power MOSFETs
RFH10N45 INTERSIL-RFH10N45 Datasheet
32Kb / 4P
   10A, 450V and 500V, 0.600 Ohm, N-Channel Power MOSFETs
RFM10N45 INTERSIL-RFM10N45 Datasheet
31Kb / 4P
   10A, 450V and 500V, 0.600 Ohm, N-Channel Power MOSFETs
RFM6N45 INTERSIL-RFM6N45 Datasheet
32Kb / 4P
   6A, 450V and 500V, 1.250 Ohm, N-Channel Power MOSFETs
logo
MagnaChip Semiconductor...
MDP5N50F MGCHIP-MDP5N50F Datasheet
1Mb / 8P
   N-Channel MOSFET 500V, 4.5 A, 1.58ohm
logo
Intersil Corporation
IRF420 INTERSIL-IRF420 Datasheet
69Kb / 7P
   2.2A and 2.5A, 450V and 500V, 3.0 and 4.0 Ohm, N-Channel Power MOSFETs
logo
New Jersey Semi-Conduct...
IRF420 NJSEMI-IRF420 Datasheet
142Kb / 3P
   2.2A and 2.5A, 450V and 500V, 3.0 and 4.0 Ohm, N-Channel Power MOSFETs
logo
Potens Semiconductor Co...
PDD05N50 POTENS-PDD05N50 Datasheet
476Kb / 5P
   500V N-Channel MOSFETs
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com