전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N5243BT 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 1N5243BT
상세설명  Zeners
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

1N5243BT 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  1N5243BT Datasheet HTML 1Page - Fairchild Semiconductor 1N5243BT Datasheet HTML 2Page - Fairchild Semiconductor 1N5243BT Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1N5221B-1N5279B Rev. E
2003 Fairchild Semiconductor Corporation
Absolute Maximum Ratings*
T
A = 25°C unless otherwise noted
Tolerance = 5%
Electrical Characteristics
T
A = 25°C unless otherwise noted
NOTES:
1) These ratings are based on a maximum junction temperature of 200 degrees C.
2) These are steady state limits. The factory should be consulted on applications involving pulsed
or low duty cycle operations.
*These ratings are limiting values above which the serviceability of the diode may be impaired.
**Non-recurrent square wave PW= 8.3 ms, TA= 50 degrees C.
Zeners
1N5221B - 1N5279B
Symbol
Parameter
Value
Units
PD
Power Dissipation
Derate above 75
°C
500
4.0
mW
mW/
°C
T
STG
Storage Temperature Range
-65 to +200
°C
TJ
Maximum Junction Operating Temperature
+ 200
°C
Lead Temperature (1/16” from case for 10
seconds)
+ 230
°C
DO-35 Glass case
COLOR BAND DENOTES CATHODE
Device
V
Z
(V)
Z
Z
(
Ω)
I
Z
(mA)
Z
ZK
(
Ω)
I
ZK
(mA)
I
R
(
µµµµA)
V
R
(V)
T
C
(%/
°°°°C)
1N5221B
1N5222B
1N5223B
1N5224B
1N5225B
2.4
2.5
2.7
2.8
3.0
30
30
30
30
29
20
20
20
20
20
1,200
1,250
1,300
1,400
1,600
0.25
0.25
0.25
0.25
0.25
100
100
75
75
50
1.0
1.0
1.0
1.0
1.0
- 0.085
- 0.085
- 0.080
- 0.080
- 0.075
1N5226B
1N5227B
1N5228B
1N5229B
1N5230B
3.3
3.6
3.9
4.3
4.7
28
24
23
22
19
20
20
20
20
20
1,600
1,700
1,900
2,000
1,900
0.25
0.25
0.25
0.25
0.25
25
15
10
5.0
2.0
1.0
1.0
1.0
1.0
1.0
- 0.07
- 0.065
- 0.06
+/- 0.055
+/- 0.03
1N5231B
1N5232B
1N5233B
1N5234B
1N5235BT
5.1
5.6
6.0
6.2
6.8
17
11
7.0
7.0
5.0
20
20
20
20
20
1,600
1,600
1,600
1,000
750
0.25
0.25
0.25
0.25
0.25
2.0
3.0
3.5
4.0
5.0
2.0
3.0
3.5
4.0
5.0
+/- 0.03
0.038
0.038
0.045
0.05
1N5236BT
1N5237BT
1N5238BT
1N5239BT
1N5240BT
7.5
8.2
8.7
9.1
10
6.0
8.0
8.0
10
17
20
20
20
20
20
500
500
600
600
600
0.25
0.25
0.25
0.25
0.25
6.0
6.5
6.5
7.0
8.0
6.0
6.5
6.5
7.0
8.0
0.058
0.062
0.065
0.068
0.075
1N5241BT
1N5242BT
1N5243BT
1N5244BT
1N5245BT
11
12
13
14
15
22
30
13
15
16
20
20
9.5
9.0
8.5
600
600
600
600
600
0.25
0.25
0.25
0.25
0.25
8.4
0.1
0.1
0.1
0.1
8.4
9.1
9.9
10
11
0.076
0.077
0.079
0.080
0.082
@
@
@


유사한 부품 번호 - 1N5243BT

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
1N5243BT FAIRCHILD-1N5243BT Datasheet
85Kb / 3P
   Absolute Maximum Ratings
More results

유사한 설명 - 1N5243BT

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
1N4370A FAIRCHILD-1N4370A Datasheet
44Kb / 4P
   Zeners
1N4744A FAIRCHILD-1N4744A Datasheet
50Kb / 5P
   Zeners
1N5221B FAIRCHILD-1N5221B_06 Datasheet
193Kb / 4P
   Zeners
1N5985B FAIRCHILD-1N5985B Datasheet
145Kb / 5P
   Zeners
BZX55C2V4 FAIRCHILD-BZX55C2V4_05 Datasheet
148Kb / 5P
   Zeners
MMSZ5226B FAIRCHILD-MMSZ5226B_12 Datasheet
159Kb / 4P
   Zeners
1N746A FAIRCHILD-1N746A Datasheet
51Kb / 3P
   Zeners
BZX79C8V2 FAIRCHILD-BZX79C8V2 Datasheet
47Kb / 5P
   Zeners
MMSZ5226B FAIRCHILD-MMSZ5226B_04 Datasheet
48Kb / 3P
   Zeners
1N4728A FAIRCHILD-1N4728A_05 Datasheet
52Kb / 5P
   Zeners
BZX79C20 FAIRCHILD-BZX79C20 Datasheet
47Kb / 5P
   Zeners
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com