전자부품 데이터시트 검색엔진 |
|
542MLFT 데이터시트(PDF) 5 Page - Integrated Device Technology |
|
542MLFT 데이터시트(HTML) 5 Page - Integrated Device Technology |
5 / 6 page ICS542 CLOCK DIVIDER CLOCK DIVIDER IDT™ / ICS™ CLOCK DIVIDER 5 ICS542 REV J 051310 Package Outline and Package Dimensions (8-pin SOIC, 150 Mil. Body) Package dimensions are kept current with JEDEC Publication No. 95 Ordering Information Parts that are ordered with a “LF” suffix to the part number are the Pb-Free configuration and are RoHS compliant. While the information presented herein has been checked for both accuracy and reliability, Integrated Device Technology (IDT) assumes no responsibility for either its use or for the infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary environmental requirements are not recommended without additional processing by IDT. IDT reserves the right to change any circuitry or specifications without notice. IDT does not authorize or warrant any IDT product for use in life support devices or critical medical instruments. Part / Order Number Marking Shipping Packaging Package Temperature 542MLF 542MLF Tubes 8-pin SOIC 0 to +70 ° C 542MLFT 542MLF Tape and Reel 8-pin SOIC 0 to +70 ° C 542MILF 542MILF Tubes 8-pin SOIC -40 to +85 ° C 542MILFT 542MILF Tape and Reel 8-pin SOIC -40 to +85 ° C INDEX AREA 1 2 8 D E SEATING PLANE A1 A e - C - B .10 (.004) C C L H h x 45 Millimeters Inches Symbol MinMax MinMax A 1.35 1.75 .0532 .0688 A1 0.10 0.25 .0040 .0098 B 0.33 0.51 .013 .020 C 0.19 0.25 .0075 .0098 D 4.80 5.00 .1890 .1968 E 3.80 4.00 .1497 .1574 e 1.27 BASIC 0.050 BASIC H 5.80 6.20 .2284 .2440 h 0.25 0.50 .010 .020 L 0.40 1.27 .016 .050 α 0 ° 8 ° 0 ° 8 ° |
유사한 부품 번호 - 542MLFT |
|
유사한 설명 - 542MLFT |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |