전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ILC5062AIC31X 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 ILC5062AIC31X
상세설명  SOT-23 Power Supply reset Monitor with 1% precision
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ILC5062AIC31X 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  ILC5062AIC31X Datasheet HTML 1Page - Fairchild Semiconductor ILC5062AIC31X Datasheet HTML 2Page - Fairchild Semiconductor ILC5062AIC31X Datasheet HTML 3Page - Fairchild Semiconductor ILC5062AIC31X Datasheet HTML 4Page - Fairchild Semiconductor ILC5062AIC31X Datasheet HTML 5Page - Fairchild Semiconductor ILC5062AIC31X Datasheet HTML 6Page - Fairchild Semiconductor ILC5062AIC31X Datasheet HTML 7Page - Fairchild Semiconductor ILC5062AIC31X Datasheet HTML 8Page - Fairchild Semiconductor ILC5062AIC31X Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ILC5062
PRODUCT SPECIFICATION
4
Rev. 2.2 8/14/02
Typical Performance Characteristics - General conditions for all curves
0
12
3
4
ILC5062M-27
Supply Current vs Input Voltage
INPUT VOLTAGE VIN (V)
0
1
2
3
4
5
67
8
910
TA = 80˚C
-30˚C
25˚C
0
12
3
4
ILC5062M-44
Supply Current vs Input Voltage
INPUT VOLTAGE VIN (V)
0
1
2
3
4
TA = 80˚C
5
67
8
910
25˚C
-30˚C
0
0.5
1.0
ILC5062M-27
N-ch Driver Output Current vs VDS
VDS (V)
0
10
20
30
40
VIN = 2.5V
2.0V
1.5
2.0
2.5
3.0
1.5V
0
12
ILC5062M-44
N-ch Driver Output Current vs VDS
VDS (V)
0
20
40
60
80
VIN = 4.0V
2.0V
3
4
1.5V
10
30
50
70
2.5V
3.5V
3.0V
0
1
2
ILC5062M-27
VOUT vs VIN
INPUT VOLTAGE VIN (V)
0
1
2
3
4
3
4
TA = 80˚C
25˚C
-30˚C
0
1
2
ILC5062M-44
VOUT vs VIN
INPUT VOLTAGE VIN (V)
0
1
2
3
4
3
4
56
TA = 80˚C
5
6
25˚C
-30˚C


유사한 부품 번호 - ILC5062AIC31X

제조업체부품명데이터시트상세설명
logo
Impala Linear Corporati...
ILC5062AM-26 IMPALA-ILC5062AM-26 Datasheet
520Kb / 6P
   ST-23 POWER SUPPLY RESET MONITOR WITH COMPLEMENTARY CMOS OUTPUT
ILC5062AM-27 IMPALA-ILC5062AM-27 Datasheet
520Kb / 6P
   ST-23 POWER SUPPLY RESET MONITOR WITH COMPLEMENTARY CMOS OUTPUT
ILC5062AM-28 IMPALA-ILC5062AM-28 Datasheet
520Kb / 6P
   ST-23 POWER SUPPLY RESET MONITOR WITH COMPLEMENTARY CMOS OUTPUT
ILC5062AM-29 IMPALA-ILC5062AM-29 Datasheet
520Kb / 6P
   ST-23 POWER SUPPLY RESET MONITOR WITH COMPLEMENTARY CMOS OUTPUT
ILC5062AM-31 IMPALA-ILC5062AM-31 Datasheet
520Kb / 6P
   ST-23 POWER SUPPLY RESET MONITOR WITH COMPLEMENTARY CMOS OUTPUT
More results

유사한 설명 - ILC5062AIC31X

제조업체부품명데이터시트상세설명
logo
Impala Linear Corporati...
ILC5061 IMPALA-ILC5061 Datasheet
68Kb / 4P
   SOT-23 POWER SUPPLY RESET MONITOR
logo
Fairchild Semiconductor
ILC5061 FAIRCHILD-ILC5061 Datasheet
76Kb / 8P
   Power Supply reset Monitor with 1% Precision
logo
Linear Technology
LTC2903-1 LINER-LTC2903-1 Datasheet
187Kb / 16P
   Precision Quad Supply Monitor in 6-Lead SOT-23
LTC2903CS6-D1 LINER-LTC2903CS6-D1 Datasheet
153Kb / 16P
   Precision Quad Supply Monitor in 6-Lead SOT-23
LTC2903-1 LINER-LTC2903-1_15 Datasheet
167Kb / 16P
   Precision Quad Supply Monitor in 6-Lead SOT-23
logo
Maxim Integrated Produc...
MAX709 MAXIM-MAX709 Datasheet
69Kb / 8P
   Power-Supply Monitor with Reset
Rev. 1; 6/94
MAX700 MAXIM-MAX700_08 Datasheet
84Kb / 6P
   Power-Supply Monitor with Reset
19-2690; Rev 2; 12/07
MAX709L MAXIM-MAX709L Datasheet
178Kb / 8P
   Power-Supply Monitor with Reset
Rev. 2; 12/05
MAX700 MAXIM-MAX700_V01 Datasheet
255Kb / 6P
   Power-Supply Monitor with Reset
2014
MAX709 MAXIM-MAX709_05 Datasheet
178Kb / 8P
   Power-Supply Monitor with Reset
Rev. 2; 12/05
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com