전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ILC5062IC23X 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 ILC5062IC23X
상세설명  SOT-23 Power Supply reset Monitor with 1% precision
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ILC5062IC23X 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  ILC5062IC23X Datasheet HTML 1Page - Fairchild Semiconductor ILC5062IC23X Datasheet HTML 2Page - Fairchild Semiconductor ILC5062IC23X Datasheet HTML 3Page - Fairchild Semiconductor ILC5062IC23X Datasheet HTML 4Page - Fairchild Semiconductor ILC5062IC23X Datasheet HTML 5Page - Fairchild Semiconductor ILC5062IC23X Datasheet HTML 6Page - Fairchild Semiconductor ILC5062IC23X Datasheet HTML 7Page - Fairchild Semiconductor ILC5062IC23X Datasheet HTML 8Page - Fairchild Semiconductor ILC5062IC23X Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
www.fairchildsemi.com
Rev. 2.2 8/14/02
Features
• All-CMOS design in SOT-23 or SC70 package
• A grade ±1% precision in Reset Detection
• Standard grade : ±2% precision in Reset Detection
• Only 1µA of Iq
• Over 2mA of sink current capability
• Built-in hysteresis of 5% of detection voltage
• Voltage options of 2.6, 2.7, 2.8, 2.9, 3.1, 4.4, and 4.6V fit
most supervisory applications
• Active low push-pull output
Applications
• Microprocessor reset circuits
• Memory battery back-up circuitry
• Power-on reset circuits
• Portable and battery powered electronics
Description
All-CMOS voltage monitoring circuit in either a 3-lead
SOT-23 or SC70 package offers the best performance in
power consumption and accuracy.
The ILC5062 is available in a series of ±1% (A-grade) or 2%
(standard grade) accurate trip voltages to fit most micropro-
cessor applications. Even though its output can sink over
2mA, the device draws only 1µA in normal operation.
Additionally, a built-in hysteresis of 5% of detect voltage
simplifies system design.
Pin-Package Configurations
Block Diagram
VREF
VIN
VSS
VOUT
Complementary CMOS Output
VIN
Top View
VSS
VOUT
2
1
3
VIN
VSS
VOUT
2
1
3
SC-70
SOT-23
ILC5062
SOT-23 Power Supply reset Monitor with 1% precision


유사한 부품 번호 - ILC5062IC23X

제조업체부품명데이터시트상세설명
logo
Impala Linear Corporati...
ILC5062 IMPALA-ILC5062 Datasheet
520Kb / 6P
   ST-23 POWER SUPPLY RESET MONITOR WITH COMPLEMENTARY CMOS OUTPUT
ILC5062AM-26 IMPALA-ILC5062AM-26 Datasheet
520Kb / 6P
   ST-23 POWER SUPPLY RESET MONITOR WITH COMPLEMENTARY CMOS OUTPUT
ILC5062AM-27 IMPALA-ILC5062AM-27 Datasheet
520Kb / 6P
   ST-23 POWER SUPPLY RESET MONITOR WITH COMPLEMENTARY CMOS OUTPUT
ILC5062AM-28 IMPALA-ILC5062AM-28 Datasheet
520Kb / 6P
   ST-23 POWER SUPPLY RESET MONITOR WITH COMPLEMENTARY CMOS OUTPUT
ILC5062AM-29 IMPALA-ILC5062AM-29 Datasheet
520Kb / 6P
   ST-23 POWER SUPPLY RESET MONITOR WITH COMPLEMENTARY CMOS OUTPUT
More results

유사한 설명 - ILC5062IC23X

제조업체부품명데이터시트상세설명
logo
Impala Linear Corporati...
ILC5061 IMPALA-ILC5061 Datasheet
68Kb / 4P
   SOT-23 POWER SUPPLY RESET MONITOR
logo
Fairchild Semiconductor
ILC5061 FAIRCHILD-ILC5061 Datasheet
76Kb / 8P
   Power Supply reset Monitor with 1% Precision
logo
Linear Technology
LTC2903-1 LINER-LTC2903-1 Datasheet
187Kb / 16P
   Precision Quad Supply Monitor in 6-Lead SOT-23
LTC2903CS6-D1 LINER-LTC2903CS6-D1 Datasheet
153Kb / 16P
   Precision Quad Supply Monitor in 6-Lead SOT-23
LTC2903-1 LINER-LTC2903-1_15 Datasheet
167Kb / 16P
   Precision Quad Supply Monitor in 6-Lead SOT-23
logo
Maxim Integrated Produc...
MAX709 MAXIM-MAX709 Datasheet
69Kb / 8P
   Power-Supply Monitor with Reset
Rev. 1; 6/94
MAX700 MAXIM-MAX700_08 Datasheet
84Kb / 6P
   Power-Supply Monitor with Reset
19-2690; Rev 2; 12/07
MAX709L MAXIM-MAX709L Datasheet
178Kb / 8P
   Power-Supply Monitor with Reset
Rev. 2; 12/05
MAX700 MAXIM-MAX700_V01 Datasheet
255Kb / 6P
   Power-Supply Monitor with Reset
2014
MAX709 MAXIM-MAX709_05 Datasheet
178Kb / 8P
   Power-Supply Monitor with Reset
Rev. 2; 12/05
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com