전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD74HCT194 데이터시트(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
부품명 CD74HCT194
상세설명  High-Speed CMOS Logic 4-Bit Bidirectional Universal Shift Register
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

CD74HCT194 데이터시트(HTML) 4 Page - Texas Instruments

  CD74HCT194 Datasheet HTML 1Page - Texas Instruments CD74HCT194 Datasheet HTML 2Page - Texas Instruments CD74HCT194 Datasheet HTML 3Page - Texas Instruments CD74HCT194 Datasheet HTML 4Page - Texas Instruments CD74HCT194 Datasheet HTML 5Page - Texas Instruments CD74HCT194 Datasheet HTML 6Page - Texas Instruments CD74HCT194 Datasheet HTML 7Page - Texas Instruments CD74HCT194 Datasheet HTML 8Page - Texas Instruments CD74HCT194 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4
Input Leakage
Current
II
VCC or
GND
-6
-
-
±0.1
-
±1-
±1
µA
Quiescent Device
Current
ICC
VCC or
GND
0
6
-
-
8
-
80
-
160
µA
HCT TYPES
High Level Input
Voltage
VIH
-
-
4.5 to
5.5
2-
-
2
-
2
-
V
Low Level Input
Voltage
VIL
-
-
4.5 to
5.5
-
-
0.8
-
0.8
-
0.8
V
High Level Output
Voltage
CMOS Loads
VOH
VIH or
VIL
-0.02
4.5
4.4
-
-
4.4
-
4.4
-
V
High Level Output
Voltage
TTL Loads
-4
4.5
3.98
-
-
3.84
-
3.7
-
V
Low Level Output
Voltage
CMOS Loads
VOL
VIH or
VIL
0.02
4.5
-
-
0.1
-
0.1
-
0.1
V
Low Level Output
Voltage
TTL Loads
4
4.5
-
-
0.26
-
0.33
-
0.4
V
Input Leakage
Current
II
VCC to
GND
0
5.5
-
-
±0.1
-
±1-
±1
µA
Quiescent Device
Current
ICC
VCC or
GND
0
5.5
-
-
8
-
80
-
160
µA
Additional Quiescent
Device Current Per
Input Pin: 1 Unit Load
∆ICC
(Note 3)
VCC
-2.1
-
4.5 to
5.5
-
100
360
-
450
-
490
µA
NOTE:
2. For dual-supply systems theoretical worst case (VI = 2.4V, VCC = 5.5V) specification is 1.8mA.
DC Electrical Specifications
(Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC (V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
VI (V)
IO (mA)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HCT Input Loading Table
INPUT
UNIT LOADS
CP
0.6
MR
0.55
DSL, DSR, Dn
0.25
Sn
1.10
NOTE: Unit Load is
∆ICC limit specified in DC Electrical
Specifications table, e.g. 360
µA max at 25oC.
CD54HC194, CD74HC194, CD74HCT194


유사한 부품 번호 - CD74HCT194

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD74HCT194 TI-CD74HCT194 Datasheet
47Kb / 8P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Bidirectional Universal Shift Register
CD74HCT194 TI-CD74HCT194 Datasheet
342Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Bidirectional Universal Shift Register
CD74HCT194 TI-CD74HCT194 Datasheet
526Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Bidirectional Universal Shift Register
logo
Vectron International, ...
CD74HCT194 VECTRON-CD74HCT194 Datasheet
526Kb / 17P
   High-Speed CMOS Logic 4-Bit Bidirectional Universal Shift Register
logo
Texas Instruments
CD74HCT194E TI-CD74HCT194E Datasheet
47Kb / 8P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Bidirectional Universal Shift Register
More results

유사한 설명 - CD74HCT194

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD54HC194 TI-CD54HC194_06 Datasheet
342Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Bidirectional Universal Shift Register
CD54HC194 TI-CD54HC194_08 Datasheet
526Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Bidirectional Universal Shift Register
CD54HC194 TI-CD54HC194 Datasheet
339Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Bidirectional Universal Shift Register
CD74HC194 TI-CD74HC194 Datasheet
47Kb / 8P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Bidirectional Universal Shift Register
logo
Vectron International, ...
CD54HC194 VECTRON-CD54HC194_1 Datasheet
526Kb / 17P
   High-Speed CMOS Logic 4-Bit Bidirectional Universal Shift Register
logo
Intersil Corporation
CD40104BMS INTERSIL-CD40104BMS Datasheet
129Kb / 10P
   CMOS 4-Bit Bidirectional Universal Shift Register
December 1992
logo
Texas Instruments
CD40194B TI-CD40194B Datasheet
233Kb / 7P
[Old version datasheet]   CMOS 4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
CD40194BE TI1-CD40194BE Datasheet
342Kb / 9P
[Old version datasheet]   CMOS 4-Bit Bidirectional Universal Shift Register
logo
Motorola, Inc
MC74AC194 MOTOROLA-MC74AC194 Datasheet
216Kb / 7P
   4-Bit Bidirectional Universal Shift Register
logo
NXP Semiconductors
74HC194 PHILIPS-74HC194 Datasheet
79Kb / 10P
   4-bit bidirectional universal shift register
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com