전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FMA5AT148 데이터시트(PDF) 5 Page - Rohm

부품명 FMA5AT148
상세설명  PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

FMA5AT148 데이터시트(HTML) 5 Page - Rohm

  FMA5AT148 Datasheet HTML 1Page - Rohm FMA5AT148 Datasheet HTML 2Page - Rohm FMA5AT148 Datasheet HTML 3Page - Rohm FMA5AT148 Datasheet HTML 4Page - Rohm FMA5AT148 Datasheet HTML 5Page - Rohm FMA5AT148 Datasheet HTML 6Page - Rohm FMA5AT148 Datasheet HTML 7Page - Rohm FMA5AT148 Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
Data Sheet
EMA5 / UMA5N / FMA5A
lDimensions
(Unit : mm)
Dimension in mm/inches
EMT5
Patterm of terminal position areas
b
D
e
x
S A
A
c
y S
S
b2
e
MIN
MAX
MIN
MAX
A1
0.00
0.10
0
0.004
A
0.45
0.55
0.018
0.022
b
0.17
0.27
0.007
0.011
c
0.08
0.18
0.003
0.007
D
1.50
1.70
0.059
0.067
E
1.10
1.30
0.043
0.051
e
HE
1.50
1.70
0.059
0.067
L
0.10
0.30
0.004
0.012
Lp
-
0.35
-
0.014
x
-
0.10
-
0.004
y
-
0.10
-
0.004
MIN
MAX
MIN
MAX
e1
b2
-
0.37
-
0.015
l1
-
0.45
-
0.018
INCHES
0.50
0.02
DIM
MILIMETERS
MILIMETERS
INCHES
1.25
0.049
DIM
5/7
2012.06 - Rev.B


유사한 부품 번호 - FMA5AT148

제조업체부품명데이터시트상세설명
logo
Rohm
FMA5A ROHM-FMA5A Datasheet
69Kb / 3P
   Emitter common (dual digital transistors)
FMA5A ROHM-FMA5A Datasheet
1Mb / 11P
   Emitter common Dual digital transistors
More results

유사한 설명 - FMA5AT148

제조업체부품명데이터시트상세설명
logo
Rohm
FMA1AT148 ROHM-FMA1AT148 Datasheet
422Kb / 7P
   PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
EMB10T2R ROHM-EMB10T2R Datasheet
486Kb / 8P
   PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
IMB10AT110 ROHM-IMB10AT110 Datasheet
526Kb / 8P
   PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors
FMA4AT148 ROHM-FMA4AT148 Datasheet
571Kb / 7P
   PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors
UMB2N ROHM-UMB2N_12 Datasheet
471Kb / 8P
   PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
FMA2AT148 ROHM-FMA2AT148 Datasheet
444Kb / 7P
   PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
FMA3AT148 ROHM-FMA3AT148 Datasheet
437Kb / 7P
   PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
FMA9AT148 ROHM-FMA9AT148 Datasheet
425Kb / 7P
   PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors
IMH9AT110 ROHM-IMH9AT110 Datasheet
482Kb / 8P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
UMH11NTN ROHM-UMH11NTN Datasheet
471Kb / 8P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com