전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP140A 데이터시트(PDF) 6 Page - Fairchild Semiconductor

부품명 IRFP140A
상세설명  Advanced Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

IRFP140A 데이터시트(HTML) 6 Page - Fairchild Semiconductor

  IRFP140A Datasheet HTML 1Page - Fairchild Semiconductor IRFP140A Datasheet HTML 2Page - Fairchild Semiconductor IRFP140A Datasheet HTML 3Page - Fairchild Semiconductor IRFP140A Datasheet HTML 4Page - Fairchild Semiconductor IRFP140A Datasheet HTML 5Page - Fairchild Semiconductor IRFP140A Datasheet HTML 6Page - Fairchild Semiconductor IRFP140A Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
N-CHANNEL
POWER MOSFET
Fig 15. Peak Diode Recovery dv/dt Test Circuit & Waveforms
DUT
V
DS
+
--
L
I
S
Driver
V
GS
R
G
Same Type
as DUT
V
GS
•dv/dt controlled by “R
G
•I
S controlled by Duty Factor “D”
V
DD
10V
V
GS
( Driver )
I
S
( DUT )
V
DS
( DUT )
V
DD
Body Diode
Forward Voltage Drop
V
f
I
FM , Body Diode Forward Current
Body Diode Reverse Current
I
RM
Body Diode Recovery dv/dt
di/dt
D =
Gate Pulse Width
Gate Pulse Period
--------------------------
IRFS140A


유사한 부품 번호 - IRFP140A

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
IRFP140A ISC-IRFP140A Datasheet
277Kb / 2P
   isc N-Channel MOSFET Transistor
More results

유사한 설명 - IRFP140A

제조업체부품명데이터시트상세설명
logo
AUK corp
STK830F AUK-STK830F Datasheet
504Kb / 8P
   Advanced Power MOSFET
logo
Fairchild Semiconductor
SFR2955 FAIRCHILD-SFR2955 Datasheet
261Kb / 7P
   Advanced Power MOSFET
SSI2N80A FAIRCHILD-SSI2N80A Datasheet
264Kb / 7P
   Advanced Power MOSFET
IRFZ24A FAIRCHILD-IRFZ24A Datasheet
221Kb / 7P
   ADVANCED POWER MOSFET
SSP5N80A FAIRCHILD-SSP5N80A Datasheet
253Kb / 7P
   Advanced Power MOSFET
IRFW550A FAIRCHILD-IRFW550A Datasheet
267Kb / 7P
   Advanced Power MOSFET
SFW9510 FAIRCHILD-SFW9510 Datasheet
229Kb / 7P
   Advanced Power MOSFET
SFR9024 FAIRCHILD-SFR9024 Datasheet
230Kb / 7P
   Advanced Power MOSFET
SFR9210F FAIRCHILD-SFR9210F Datasheet
257Kb / 7P
   Advanced Power MOSFET
SFR9214 FAIRCHILD-SFR9214 Datasheet
311Kb / 7P
   Advanced Power MOSFET
SSH10N60A FAIRCHILD-SSH10N60A Datasheet
243Kb / 7P
   Advanced Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com