전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP244B 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 IRFP244B
상세설명  250V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

IRFP244B 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  IRFP244B Datasheet HTML 1Page - Fairchild Semiconductor IRFP244B Datasheet HTML 2Page - Fairchild Semiconductor IRFP244B Datasheet HTML 3Page - Fairchild Semiconductor IRFP244B Datasheet HTML 4Page - Fairchild Semiconductor IRFP244B Datasheet HTML 5Page - Fairchild Semiconductor IRFP244B Datasheet HTML 6Page - Fairchild Semiconductor IRFP244B Datasheet HTML 7Page - Fairchild Semiconductor IRFP244B Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©2001 Fairchild Semiconductor Corporation
November 2001
Rev. B, November 2001
IRFP244B
250V N-Channel MOSFET
General Description
These N-Channel enhancement mode power field effect
transistors are produced using Fairchild’s proprietary,
planar, DMOS technology.
This advanced technology has been especially tailored to
minimize on-state resistance, provide superior switching
performance, and withstand high energy pulse in the
avalanche and commutation mode. These devices are well
suited for high efficiency switching DC/DC converter and
switch mode power supplies.
Features
• 16A, 250V, RDS(on) = 0.28Ω @VGS = 10 V
• Low gate charge ( typical 47 nC)
• Low Crss ( typical 30 pF)
• Fast switching
• 100% avalanche tested
• Improved dv/dt capability
Absolute Maximum Ratings T
C = 25°C unless otherwise noted
Thermal Characteristics
Symbol
Parameter
IRFP244B
Units
VDSS
Drain-Source Voltage
250
V
ID
Drain Current
- Continuous (TC = 25°C)
16
A
- Continuous (TC = 100°C)
10.1
A
IDM
Drain Current
- Pulsed
(Note 1)
64
A
VGSS
Gate-Source Voltage
± 30
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
480
mJ
IAR
Avalanche Current
(Note 1)
16
A
EAR
Repetitive Avalanche Energy
(Note 1)
18
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
5.5
V/ns
PD
Power Dissipation (TC = 25°C)
180
W
- Derate above 25°C
1.45
W/°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
°C
TL
Maximum lead temperature for soldering purposes,
1/8" from case for 5 seconds
300
°C
Symbol
Parameter
Typ
Max
Units
RθJC
Thermal Resistance, Junction-to-Case
--
0.69
°C/W
RθCS
Thermal Resistance, Case-to-Sink
0.24
--
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
--
40
°C/W
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
S
D
G
TO-3P
IRFP Series
GS
D


유사한 부품 번호 - IRFP244B

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
IRFP244 INTERSIL-IRFP244 Datasheet
68Kb / 7P
   15A and 14A, 275V and 250V, 0.28 and 0.34 Ohm, N-Channel Power MOSFETs
logo
International Rectifier
IRFP244 IRF-IRFP244 Datasheet
167Kb / 6P
   Power MOSFET(Vdss=250V, Rds(on)=0.28ohm, Id=15A)
logo
Vishay Siliconix
IRFP244 VISHAY-IRFP244 Datasheet
856Kb / 8P
   Power MOSFET
S-Pending-Rev. A, 24-Jun-08
logo
Inchange Semiconductor ...
IRFP244 ISC-IRFP244 Datasheet
67Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Vishay Siliconix
IRFP244 VISHAY-IRFP244 Datasheet
940Kb / 11P
   Power MOSFET
09-Jul-2021
More results

유사한 설명 - IRFP244B

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDB33N25 FAIRCHILD-FDB33N25 Datasheet
688Kb / 2P
   250V N-Channel MOSFET
FQB9N25C FAIRCHILD-FQB9N25C Datasheet
869Kb / 9P
   250V N-Channel MOSFET
FQPF8N25 FAIRCHILD-FQPF8N25 Datasheet
623Kb / 8P
   250V N-Channel MOSFET
FQAF16N25 FAIRCHILD-FQAF16N25 Datasheet
715Kb / 8P
   250V N-Channel MOSFET
FQPF27N25 FAIRCHILD-FQPF27N25 Datasheet
765Kb / 8P
   250V N-Channel MOSFET
IRF654B FAIRCHILD-IRF654B Datasheet
867Kb / 10P
   250V N-Channel MOSFET
IRFW634B FAIRCHILD-IRFW634B Datasheet
649Kb / 9P
   250V N-Channel MOSFET
IRFW644B FAIRCHILD-IRFW644B Datasheet
685Kb / 9P
   250V N-Channel MOSFET
IRF614B FAIRCHILD-IRF614B Datasheet
855Kb / 10P
   250V N-Channel MOSFET
FQB8N25 FAIRCHILD-FQB8N25 Datasheet
593Kb / 9P
   250V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com