전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC3484 데이터시트(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
부품명 DAC3484
상세설명  Wideband Transmit-Receive Digital Signal Processors
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

DAC3484 데이터시트(HTML) 2 Page - Texas Instruments

  DAC3484 Datasheet HTML 1Page - Texas Instruments DAC3484 Datasheet HTML 2Page - Texas Instruments DAC3484 Datasheet HTML 3Page - Texas Instruments DAC3484 Datasheet HTML 4Page - Texas Instruments DAC3484 Datasheet HTML 5Page - Texas Instruments DAC3484 Datasheet HTML 6Page - Texas Instruments DAC3484 Datasheet HTML 7Page - Texas Instruments DAC3484 Datasheet HTML 8Page - Texas Instruments DAC3484 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 49 page
background image
GC5330
GC5337
SLWS226 B
– DECEMBER 2010 – REVISED JANUARY 2011
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
DESCRIPTION (Continued)
The CFR block reduces the peak-to-average ratio (PAR) of the digital transmit signals, such as those used in
third-generation (3G) code division multiple access (CDMA) and orthogonal frequency-division multiple-access
(OFDMA) applications.
The DPD path with a 310-MHz DPD clock can be configured to support one antenna at 62 MHz, two antennas at
62 MHz each, or four antennas at 31 MHz each, all with an associated 5
× DPD expansion bandwidth. The
GC533x DPD processor reduces power amplifier (PA) nonlinearity, e.g., as measured by adjacent-channel
leakage ratio (ACLR), by over 20 dB. By reducing the PAR of the digital signal and the PA nonlinearity, the
operational efficiency of follow-on power amplifiers can be substantially improved.
A higher DPD bandwidth is possible with reduced DPD performance. Several architectures that provide
performance and cost optimization are listed in Table 1
Table 1. Sample Configurations for GC5330 {GC5337}
Figure
TX Antenna
DPD Bandwidth
ET Support
Feedback
RX Antenna
Other
2 typical at 250
Lower-cost 2-antenna
Figure 1
2-62 {74} MHz
310 {370} MHz
Subsampled real
Msps, up to 4 at
solution
250 Msps
2 at 250Msps, 4
Full-rate real up to
2-antenna solution with
Figure 2
2-62 {74} MHz
310 {370} MHz
with lower-rate RX
1Gsps
full-rate real feedback
ADC
2 at 250Msps, 4
2-antenna solution with
Subsampled
Figure 3
2-62 {74} MHz
310 {370} MHz
with lower-rate RX complex feedback, lower
complex
ADC
subsampling ratio
2 at 250Msps, 4
2-antenna solution, with
2-envelope
Full-rate real up to
Figure 4
2-62 {74} MHz
310 {370} MHz
with lower-rate RX envelope tracking with
tracking
1Gsps
ADC
full-rate real feedback
4 at 250Msps, 8
Lower-cost 4 antenna
Figure 5
4-31 {37} MHz
155 {185} MHz
Subsampled real
with lower-rate RX
solution
ADC
2
Submit Documentation Feedback
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): GC5330 GC5337


유사한 부품 번호 - DAC3484

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC3484 TI1-DAC3484 Datasheet
1Mb / 82P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484 Datasheet
1Mb / 90P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484IRKD25 TI1-DAC3484IRKD25 Datasheet
2Mb / 107P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter
DAC3484IRKDR TI1-DAC3484IRKDR Datasheet
1Mb / 82P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484IRKDR TI1-DAC3484IRKDR Datasheet
2Mb / 107P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter
More results

유사한 설명 - DAC3484

제조업체부품명데이터시트상세설명
logo
Texas Instruments
GC5330 TI-GC5330 Datasheet
474Kb / 49P
[Old version datasheet]   Wideband Transmit-Receive Digital Signal Processors
GC6016 TI1-GC6016 Datasheet
510Kb / 46P
[Old version datasheet]   Wideband Transmit-Receive Digital Signal Processors
logo
RF Micro Devices
RF2436 RFMD-RF2436 Datasheet
42Kb / 6P
   TRANSMIT/RECEIVE SWITCH
RF2436 RFMD-RF2436_1 Datasheet
144Kb / 6P
   TRANSMIT/RECEIVE SWITCH
RF2436 RFMD-RF2436_06 Datasheet
65Kb / 6P
   TRANSMIT/RECEIVE SWITCH
logo
Texas Instruments
SMJ320C31 TI-SMJ320C31 Datasheet
968Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2812 TI-TMS320F2812 Datasheet
1Mb / 103P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C31 TI-TMS320C31 Datasheet
636Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2810 TI-TMS320F2810_08 Datasheet
2Mb / 173P
[Old version datasheet]   Digital Signal Processors
TMS320F2809 TI-TMS320F2809_11 Datasheet
1Mb / 145P
[Old version datasheet]   Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49