전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP350A 데이터시트(PDF) 5 Page - Fairchild Semiconductor

부품명 IRFP350A
상세설명  Advanced Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

IRFP350A 데이터시트(HTML) 5 Page - Fairchild Semiconductor

  IRFP350A Datasheet HTML 1Page - Fairchild Semiconductor IRFP350A Datasheet HTML 2Page - Fairchild Semiconductor IRFP350A Datasheet HTML 3Page - Fairchild Semiconductor IRFP350A Datasheet HTML 4Page - Fairchild Semiconductor IRFP350A Datasheet HTML 5Page - Fairchild Semiconductor IRFP350A Datasheet HTML 6Page - Fairchild Semiconductor IRFP350A Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
IRFP350A
1&+$11(/
32:(5 026)(7
Fig 12. Gate Charge Test Circuit & Waveform
Fig 13. Resistive Switching Test Circuit & Waveforms
Fig 14. Unclamped Inductive Switching Test Circuit & Waveforms
EAS =LL IAS
2
----
2
1
--------------------
BVDSS -- VDD
BVDSS
Vin
Vout
10%
90%
t
d(on)
t
r
t
on
t
off
t
d(off)
t
f
Charge
VGS
10V
Qg
Qgs
Qgd
Vary t
p to obtain
required peak I
D
10V
VDD
C
LL
VDS
ID
RG
t
p
DUT
BVDSS
t
p
VDD
IAS
VDS (t)
ID (t)
Time
VDD
( 0.5 rated V
DS )
10V
Vout
Vin
RL
DUT
RG
VDS
3mA
VGS
Current Sampling (I
G)
Resistor
Current Sampling (I
D)
Resistor
DUT
300nF
50k
200nF
12V
Same Type
as DUT
Current Regulator
R1
R2


유사한 부품 번호 - IRFP350A

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
IRFP350A ISC-IRFP350A Datasheet
67Kb / 2P
   isc N-Channel MOSFET Transistor
More results

유사한 설명 - IRFP350A

제조업체부품명데이터시트상세설명
logo
AUK corp
STK830F AUK-STK830F Datasheet
504Kb / 8P
   Advanced Power MOSFET
logo
Fairchild Semiconductor
SFR2955 FAIRCHILD-SFR2955 Datasheet
261Kb / 7P
   Advanced Power MOSFET
SSI2N80A FAIRCHILD-SSI2N80A Datasheet
264Kb / 7P
   Advanced Power MOSFET
IRFZ24A FAIRCHILD-IRFZ24A Datasheet
221Kb / 7P
   ADVANCED POWER MOSFET
SSP5N80A FAIRCHILD-SSP5N80A Datasheet
253Kb / 7P
   Advanced Power MOSFET
IRFW550A FAIRCHILD-IRFW550A Datasheet
267Kb / 7P
   Advanced Power MOSFET
SFW9510 FAIRCHILD-SFW9510 Datasheet
229Kb / 7P
   Advanced Power MOSFET
SFR9024 FAIRCHILD-SFR9024 Datasheet
230Kb / 7P
   Advanced Power MOSFET
SFR9210F FAIRCHILD-SFR9210F Datasheet
257Kb / 7P
   Advanced Power MOSFET
SFR9214 FAIRCHILD-SFR9214 Datasheet
311Kb / 7P
   Advanced Power MOSFET
SSH10N60A FAIRCHILD-SSH10N60A Datasheet
243Kb / 7P
   Advanced Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com