전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP440B 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 IRFP440B
상세설명  500V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

IRFP440B 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  IRFP440B Datasheet HTML 1Page - Fairchild Semiconductor IRFP440B Datasheet HTML 2Page - Fairchild Semiconductor IRFP440B Datasheet HTML 3Page - Fairchild Semiconductor IRFP440B Datasheet HTML 4Page - Fairchild Semiconductor IRFP440B Datasheet HTML 5Page - Fairchild Semiconductor IRFP440B Datasheet HTML 6Page - Fairchild Semiconductor IRFP440B Datasheet HTML 7Page - Fairchild Semiconductor IRFP440B Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Rev. B, November 2001
©2001 Fairchild Semiconductor Corporation
0
5
10
15
20
25
30
0.5
1.0
1.5
2.0
2.5
3.0
V
GS = 20V
V
GS = 10V
※ Note : T
J = 25
I
D, Drain Current [A]
24
68
10
10
-1
10
0
10
1
150
o
C
25
o
C
-55
oC
※ Notes :
1. V
DS
= 40V
2. 250μ s Pulse Test
V
GS, Gate-Source Voltage [V]
10
-1
10
0
10
1
10
-1
10
0
10
1
V
GS
Top :
15.0 V
10.0 V
8.0 V
7.0 V
6.5 V
6.0 V
5.5 V
Bottom:
5.0 V
※ Notes :
1. 250μ s Pulse Test
2. T
C = 25
V
DS, Drain-Source Voltage [V]
0
5
10
15
20
25
30
35
40
45
0
2
4
6
8
10
12
V
DS = 250V
V
DS = 100V
V
DS = 400V
※ Note: I
D
= 8.0 A
Q
G, Total Gate Charge [nC]
10
-1
10
0
10
1
0
500
1000
1500
2000
2500
3000
C
oss
C
iss = Cgs + Cgd (Cds = shorted)
C
oss = Cds + Cgd
C
rss = Cgd
※ Notes :
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
iss
V
DS, Drain-Source Voltage [V]
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
10
-1
10
0
10
1
150℃
※ Notes :
1. V
GS
= 0V
2. 250μ s Pulse Test
25℃
V
SD, Source-Drain voltage [V]
Typical Characteristics
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
Figure 3. On-Resistance Variation vs
Drain Current and Gate Voltage
Figure 4. Body Diode Forward Voltage
Variation with Source Current
and Temperature
Figure 2. Transfer Characteristics
Figure 1. On-Region Characteristics


유사한 부품 번호 - IRFP440B

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
IRFP440 INTERSIL-IRFP440 Datasheet
56Kb / 7P
   8.8A, 500V, 0.850 Ohm, N-Channel Power MOSFET
logo
International Rectifier
IRFP440 IRF-IRFP440 Datasheet
164Kb / 6P
   Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.8A)
logo
Vishay Siliconix
IRFP440 VISHAY-IRFP440 Datasheet
1Mb / 8P
   Power MOSFET
S-81360-Rev. A, 28-Jul-08
logo
New Jersey Semi-Conduct...
IRFP440 NJSEMI-IRFP440 Datasheet
619Kb / 2P
   Dynamic dv/dt Rating
logo
Vishay Siliconix
IRFP440 VISHAY-IRFP440 Datasheet
836Kb / 11P
   Power MOSFET
01-Jan-2022
More results

유사한 설명 - IRFP440B

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FQA13N50CF FAIRCHILD-FQA13N50CF_07 Datasheet
767Kb / 9P
   500V N-Channel MOSFET
FQD3N50C FAIRCHILD-FQD3N50C_08 Datasheet
900Kb / 9P
   500V N-Channel MOSFET
FQPF5N50CF FAIRCHILD-FQPF5N50CF Datasheet
657Kb / 8P
   500V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP5N50S SEMIHOW-HFP5N50S Datasheet
785Kb / 8P
   500V N-Channel MOSFET
HFP13N50S SEMIHOW-HFP13N50S Datasheet
946Kb / 8P
   500V N-Channel MOSFET
HFS13N50S SEMIHOW-HFS13N50S Datasheet
859Kb / 7P
   500V N-Channel MOSFET
logo
Tiger Electronic Co.,Lt...
FQD5N50 TGS-FQD5N50 Datasheet
554Kb / 2P
   500V N-Channel MOSFET
logo
Fairchild Semiconductor
FQD1N50TF FAIRCHILD-FQD1N50TF Datasheet
833Kb / 9P
   500V N-Channel MOSFET
FQPF9N50YDTU FAIRCHILD-FQPF9N50YDTU Datasheet
723Kb / 8P
   500V N-Channel MOSFET
FQA24N50F FAIRCHILD-FQA24N50F Datasheet
620Kb / 8P
   500V N-Channel MOSFET
FQD1N50 FAIRCHILD-FQD1N50 Datasheet
740Kb / 9P
   500V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com