전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP440B 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 IRFP440B
상세설명  500V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

IRFP440B 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  IRFP440B Datasheet HTML 1Page - Fairchild Semiconductor IRFP440B Datasheet HTML 2Page - Fairchild Semiconductor IRFP440B Datasheet HTML 3Page - Fairchild Semiconductor IRFP440B Datasheet HTML 4Page - Fairchild Semiconductor IRFP440B Datasheet HTML 5Page - Fairchild Semiconductor IRFP440B Datasheet HTML 6Page - Fairchild Semiconductor IRFP440B Datasheet HTML 7Page - Fairchild Semiconductor IRFP440B Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
©2001 Fairchild Semiconductor Corporation
Rev. B, November 2001
25
50
75
100
125
150
0
2
4
6
8
10
T
C, Case Temperature [
℃]
10
0
10
1
10
2
10
3
10
-2
10
-1
10
0
10
1
10
2
10
µs
DC
10 ms
1 ms
100
µs
Operation in This Area
is Limited by R
DS(on)
※ Notes :
1. T
C = 25
o
C
2. T
J = 150
o
C
3. Single Pulse
V
DS, Drain-Source Voltage [V]
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-2
10
-1
10
0
※ No te s :
1 . Z
θ JC (t) = 0 . 7 7
℃ /W M a x .
2 . D u ty F a c to r, D = t
1
/t
2
3 . T
JM
- T
C
= P
DM
* Z
θ JC (t)
s in g le p u ls e
D= 0 .5
0. 02
0. 2
0. 05
0. 1
0. 01
t
1 , S q uar e
W a v e P u ls e D u r a tio n [s ec ]
-100
-50
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
※ Notes :
1. V
GS = 10 V
2. I
D = 4.0 A
T
J, Junction Temperature [
o
C]
-100
-50
0
50
100
150
200
0.8
0.9
1.0
1.1
1.2
※Notes:
1. V
GS = 0 V
2. I
D = 250
μ A
T
J, Junction Temperature [
o
C]
Typical Characteristics (Continued)
Figure 9. Maximum Safe Operating Area
Figure 10. Maximum Drain Current
vs Case Temperature
Figure 7. Breakdown Voltage Variation
vs Temperature
Figure 8. On-Resistance Variation
vs Temperature
Figure 11. Transient Thermal Response Curve
t
1
PDM
t
2


유사한 부품 번호 - IRFP440B

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
IRFP440 INTERSIL-IRFP440 Datasheet
56Kb / 7P
   8.8A, 500V, 0.850 Ohm, N-Channel Power MOSFET
logo
International Rectifier
IRFP440 IRF-IRFP440 Datasheet
164Kb / 6P
   Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.8A)
logo
Vishay Siliconix
IRFP440 VISHAY-IRFP440 Datasheet
1Mb / 8P
   Power MOSFET
S-81360-Rev. A, 28-Jul-08
logo
New Jersey Semi-Conduct...
IRFP440 NJSEMI-IRFP440 Datasheet
619Kb / 2P
   Dynamic dv/dt Rating
logo
Vishay Siliconix
IRFP440 VISHAY-IRFP440 Datasheet
836Kb / 11P
   Power MOSFET
01-Jan-2022
More results

유사한 설명 - IRFP440B

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FQA13N50CF FAIRCHILD-FQA13N50CF_07 Datasheet
767Kb / 9P
   500V N-Channel MOSFET
FQD3N50C FAIRCHILD-FQD3N50C_08 Datasheet
900Kb / 9P
   500V N-Channel MOSFET
FQPF5N50CF FAIRCHILD-FQPF5N50CF Datasheet
657Kb / 8P
   500V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP5N50S SEMIHOW-HFP5N50S Datasheet
785Kb / 8P
   500V N-Channel MOSFET
HFP13N50S SEMIHOW-HFP13N50S Datasheet
946Kb / 8P
   500V N-Channel MOSFET
HFS13N50S SEMIHOW-HFS13N50S Datasheet
859Kb / 7P
   500V N-Channel MOSFET
logo
Tiger Electronic Co.,Lt...
FQD5N50 TGS-FQD5N50 Datasheet
554Kb / 2P
   500V N-Channel MOSFET
logo
Fairchild Semiconductor
FQD1N50TF FAIRCHILD-FQD1N50TF Datasheet
833Kb / 9P
   500V N-Channel MOSFET
FQPF9N50YDTU FAIRCHILD-FQPF9N50YDTU Datasheet
723Kb / 8P
   500V N-Channel MOSFET
FQA24N50F FAIRCHILD-FQA24N50F Datasheet
620Kb / 8P
   500V N-Channel MOSFET
FQD1N50 FAIRCHILD-FQD1N50 Datasheet
740Kb / 9P
   500V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com