전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP440B 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 IRFP440B
상세설명  500V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

IRFP440B 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  IRFP440B Datasheet HTML 1Page - Fairchild Semiconductor IRFP440B Datasheet HTML 2Page - Fairchild Semiconductor IRFP440B Datasheet HTML 3Page - Fairchild Semiconductor IRFP440B Datasheet HTML 4Page - Fairchild Semiconductor IRFP440B Datasheet HTML 5Page - Fairchild Semiconductor IRFP440B Datasheet HTML 6Page - Fairchild Semiconductor IRFP440B Datasheet HTML 7Page - Fairchild Semiconductor IRFP440B Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©2001 Fairchild Semiconductor Corporation
November 2001
Rev. B, November 2001
IRFP440B
500V N-Channel MOSFET
General Description
These N-Channel enhancement mode power field effect
transistors are produced using Fairchild’s proprietary,
planar, DMOS technology.
This advanced technology has been especially tailored to
minimize on-state resistance, provide superior switching
performance, and withstand high energy pulse in the
avalanche and commutation mode. These devices are well
suited for high efficiency switch mode power supplies,
power factor correction and electronic lamp ballasts based
on half bridge.
Features
• 8.5A, 500V, RDS(on) = 0.8Ω @VGS = 10 V
• Low gate charge ( typical 41 nC)
• Low Crss ( typical 35 pF)
• Fast switching
• 100% avalanche tested
• Improved dv/dt capability
Absolute Maximum Ratings T
C = 25°C unless otherwise noted
Thermal Characteristics
Symbol
Parameter
IRFP440B
Units
VDSS
Drain-Source Voltage
500
V
ID
Drain Current
- Continuous (TC = 25°C)
8.5
A
- Continuous (TC = 100°C)
5.4
A
IDM
Drain Current
- Pulsed
(Note 1)
34
A
VGSS
Gate-Source Voltage
± 30
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
320
mJ
IAR
Avalanche Current
(Note 1)
8.5
A
EAR
Repetitive Avalanche Energy
(Note 1)
16.2
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
5.5
V/ns
PD
Power Dissipation (TC = 25°C)
162
W
- Derate above 25°C
1.3
W/°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
°C
TL
Maximum lead temperature for soldering purposes,
1/8" from case for 5 seconds
300
°C
Symbol
Parameter
Typ
Max
Units
RθJC
Thermal Resistance, Junction-to-Case
--
0.77
°C/W
RθCS
Thermal Resistance, Case-to-Sink
0.24
--
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
--
40
°C/W
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
S
D
G
TO-3P
IRFP Series
GS
D


유사한 부품 번호 - IRFP440B

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
IRFP440 INTERSIL-IRFP440 Datasheet
56Kb / 7P
   8.8A, 500V, 0.850 Ohm, N-Channel Power MOSFET
logo
International Rectifier
IRFP440 IRF-IRFP440 Datasheet
164Kb / 6P
   Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.8A)
logo
Vishay Siliconix
IRFP440 VISHAY-IRFP440 Datasheet
1Mb / 8P
   Power MOSFET
S-81360-Rev. A, 28-Jul-08
logo
New Jersey Semi-Conduct...
IRFP440 NJSEMI-IRFP440 Datasheet
619Kb / 2P
   Dynamic dv/dt Rating
logo
Vishay Siliconix
IRFP440 VISHAY-IRFP440 Datasheet
836Kb / 11P
   Power MOSFET
01-Jan-2022
More results

유사한 설명 - IRFP440B

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FQA13N50CF FAIRCHILD-FQA13N50CF_07 Datasheet
767Kb / 9P
   500V N-Channel MOSFET
FQD3N50C FAIRCHILD-FQD3N50C_08 Datasheet
900Kb / 9P
   500V N-Channel MOSFET
FQPF5N50CF FAIRCHILD-FQPF5N50CF Datasheet
657Kb / 8P
   500V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP5N50S SEMIHOW-HFP5N50S Datasheet
785Kb / 8P
   500V N-Channel MOSFET
HFP13N50S SEMIHOW-HFP13N50S Datasheet
946Kb / 8P
   500V N-Channel MOSFET
HFS13N50S SEMIHOW-HFS13N50S Datasheet
859Kb / 7P
   500V N-Channel MOSFET
logo
Tiger Electronic Co.,Lt...
FQD5N50 TGS-FQD5N50 Datasheet
554Kb / 2P
   500V N-Channel MOSFET
logo
Fairchild Semiconductor
FQD1N50TF FAIRCHILD-FQD1N50TF Datasheet
833Kb / 9P
   500V N-Channel MOSFET
FQPF9N50YDTU FAIRCHILD-FQPF9N50YDTU Datasheet
723Kb / 8P
   500V N-Channel MOSFET
FQA24N50F FAIRCHILD-FQA24N50F Datasheet
620Kb / 8P
   500V N-Channel MOSFET
FQD1N50 FAIRCHILD-FQD1N50 Datasheet
740Kb / 9P
   500V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com