전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP440B 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 IRFP440B
상세설명  500V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

IRFP440B 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  IRFP440B Datasheet HTML 1Page - Fairchild Semiconductor IRFP440B Datasheet HTML 2Page - Fairchild Semiconductor IRFP440B Datasheet HTML 3Page - Fairchild Semiconductor IRFP440B Datasheet HTML 4Page - Fairchild Semiconductor IRFP440B Datasheet HTML 5Page - Fairchild Semiconductor IRFP440B Datasheet HTML 6Page - Fairchild Semiconductor IRFP440B Datasheet HTML 7Page - Fairchild Semiconductor IRFP440B Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Rev. B, November 2001
(Note 4)
(Note 4, 5)
(Note 4, 5)
(Note 4)
©2001 Fairchild Semiconductor Corporation
Electrical Characteristics
TC = 25°C unless otherwise noted
Notes:
1. Repetitive Rating : Pulse width limited by maximum junction temperature
2. L = 8.0mH, IAS = 8.5A, VDD = 50V, RG = 25 Ω, Starting TJ = 25°C
3. ISD ≤ 8.0A, di/dt ≤ 300A/µs, VDD ≤ BVDSS, Starting TJ = 25°C
4. Pulse Test : Pulse width ≤ 300
µs, Duty cycle ≤ 2%
5. Essentially independent of operating temperature
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS = 0 V, ID = 250 µA
500
--
--
V
∆BV
DSS
/
∆T
J
Breakdown Voltage Temperature
Coefficient
ID = 250 µA, Referenced to 25°C
--
0.55
--
V/°C
IDSS
Zero Gate Voltage Drain Current
VDS = 500 V, VGS = 0 V
--
--
10
µA
VDS = 400 V, TC = 125°C
--
--
100
µA
IGSSF
Gate-Body Leakage Current, Forward
VGS = 30 V, VDS = 0 V
--
--
100
nA
IGSSR
Gate-Body Leakage Current, Reverse
VGS = -30 V, VDS = 0 V
--
--
-100
nA
On Characteristics
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250 µA
2.0
--
4.0
V
RDS(on)
Static Drain-Source
On-Resistance
VGS = 10 V, ID = 4.25 A
--
0.65
0.8
gFS
Forward Transconductance
VDS = 40 V, ID = 4.25 A
--
7.7
--
S
Dynamic Characteristics
Ciss
Input Capacitance
VDS = 25 V, VGS = 0 V,
f = 1.0 MHz
--
1400
1800
pF
Coss
Output Capacitance
--
145
190
pF
Crss
Reverse Transfer Capacitance
--
35
45
pF
Switching Characteristics
td(on)
Turn-On Delay Time
VDD = 250 V, ID = 8.0 A,
RG = 25 Ω
--
22
55
ns
tr
Turn-On Rise Time
--
65
140
ns
td(off)
Turn-Off Delay Time
--
125
260
ns
tf
Turn-Off Fall Time
--
75
160
ns
Qg
Total Gate Charge
VDS = 400 V, ID = 8.0 A,
VGS = 10 V
--
41
53
nC
Qgs
Gate-Source Charge
--
6.5
--
nC
Qgd
Gate-Drain Charge
--
17
--
nC
Drain-Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain-Source Diode Forward Current
--
--
8.5
A
ISM
Maximum Pulsed Drain-Source Diode Forward Current
--
--
34
A
VSD
Drain-Source Diode Forward Voltage
VGS = 0 V, IS = 8.5 A
--
--
1.4
V
trr
Reverse Recovery Time
VGS = 0 V, IS = 8.0 A,
dIF / dt = 100 A/µs
--
390
--
ns
Qrr
Reverse Recovery Charge
--
4.2
--
µC


유사한 부품 번호 - IRFP440B

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
IRFP440 INTERSIL-IRFP440 Datasheet
56Kb / 7P
   8.8A, 500V, 0.850 Ohm, N-Channel Power MOSFET
logo
International Rectifier
IRFP440 IRF-IRFP440 Datasheet
164Kb / 6P
   Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.8A)
logo
Vishay Siliconix
IRFP440 VISHAY-IRFP440 Datasheet
1Mb / 8P
   Power MOSFET
S-81360-Rev. A, 28-Jul-08
logo
New Jersey Semi-Conduct...
IRFP440 NJSEMI-IRFP440 Datasheet
619Kb / 2P
   Dynamic dv/dt Rating
logo
Vishay Siliconix
IRFP440 VISHAY-IRFP440 Datasheet
836Kb / 11P
   Power MOSFET
01-Jan-2022
More results

유사한 설명 - IRFP440B

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FQA13N50CF FAIRCHILD-FQA13N50CF_07 Datasheet
767Kb / 9P
   500V N-Channel MOSFET
FQD3N50C FAIRCHILD-FQD3N50C_08 Datasheet
900Kb / 9P
   500V N-Channel MOSFET
FQPF5N50CF FAIRCHILD-FQPF5N50CF Datasheet
657Kb / 8P
   500V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP5N50S SEMIHOW-HFP5N50S Datasheet
785Kb / 8P
   500V N-Channel MOSFET
HFP13N50S SEMIHOW-HFP13N50S Datasheet
946Kb / 8P
   500V N-Channel MOSFET
HFS13N50S SEMIHOW-HFS13N50S Datasheet
859Kb / 7P
   500V N-Channel MOSFET
logo
Tiger Electronic Co.,Lt...
FQD5N50 TGS-FQD5N50 Datasheet
554Kb / 2P
   500V N-Channel MOSFET
logo
Fairchild Semiconductor
FQD1N50TF FAIRCHILD-FQD1N50TF Datasheet
833Kb / 9P
   500V N-Channel MOSFET
FQPF9N50YDTU FAIRCHILD-FQPF9N50YDTU Datasheet
723Kb / 8P
   500V N-Channel MOSFET
FQA24N50F FAIRCHILD-FQA24N50F Datasheet
620Kb / 8P
   500V N-Channel MOSFET
FQD1N50 FAIRCHILD-FQD1N50 Datasheet
740Kb / 9P
   500V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com