전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMBJP6KE36A 데이터시트(PDF) 3 Page - Micro Commercial Components

부품명 SMBJP6KE36A
상세설명  Transient Voltage Suppressor 6.8 to 550 Volts 600 Watt
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MCC [Micro Commercial Components]
홈페이지  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SMBJP6KE36A 데이터시트(HTML) 3 Page - Micro Commercial Components

  SMBJP6KE36A Datasheet HTML 1Page - Micro Commercial Components SMBJP6KE36A Datasheet HTML 2Page - Micro Commercial Components SMBJP6KE36A Datasheet HTML 3Page - Micro Commercial Components SMBJP6KE36A Datasheet HTML 4Page - Micro Commercial Components SMBJP6KE36A Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ELECTRICAL CHARACTERISTICS @25°C
MCC
PART NUMBER
REVERSE
STAND-OFF
VOLTAGE
VWM
BREAKDOWN VOLTAGE
V(BR) @ IT
(VOLTS)
MAXIMUM
CLAMPING
VOLTAGE @
IPP
PEAK PULSE
CURRENT
IPP
MAXIMUM
REVERSE
LEAKAGE
@VWM
ID
MARKING
CODE
(VOLTS)
MIN
MAX
IT (mA)
(VOLTS)
(AMPS)
(
µA)
SMBJP6KE6.8CA
5.80
6.45
7.14
10
10.5
58.1
1000
6V8C
SMBJP6KE7.5CA
6.40
7.13
7.88
10
11.3
54.0
500
7V5C
SMBJP6KE8.2CA
7.02
7.79
8.61
10
12.1
50.4
200
8V2C
SMBJP6KE9.1CA
7.78
8.65
9.55
1
13.4
45.5
50
9V1C
SMBJP6KE10CA
8.55
9.50
10.50
1
14.5
42.1
10
10C
SMBJP6KE11CA
9.40
10.50
11.60
1
15.6
39.1
5
11C
SMBJP6KE12CA
10.20
11.40
12.60
1
16.7
36.5
5
12C
SMBJP6KE13CA
11.10
12.40
13.70
1
18.2
33.5
5
13C
SMBJP6KE15CA
12.80
14.30
15.80
1
21.2
28.8
5
15C
SMBJP6KE16CA
13.60
15.20
16.80
1
22.5
27.1
5
16C
SMBJP6KE18CA
15.30
17.10
18.90
1
25.5
24.2
5
18C
SMBJP6KE20CA
17.10
19.00
21.00
1
27.7
22.0
5
20C
SMBJP6KE22CA
18.80
20.90
23.10
1
30.6
19.9
5
22C
SMBJP6KE24CA
20.50
22.80
25.20
1
33.2
18.4
5
24C
SMBJP6KE27CA
23.10
25.70
28.40
1
37.5
16.3
5
27C
SMBJP6KE30CA
25.60
28.50
31.50
1
41.4
14.7
5
30C
SMBJP6KE33CA
28.20
31.40
34.70
1
45.7
13.3
5
33C
SMBJP6KE36CA
30.80
34.20
37.80
1
49.9
12.2
5
36C
SMBJP6KE39CA
33.30
37.10
41.00
1
53.9
11.3
5
39C
SMBJP6KE43CA
36.80
40.90
45.20
1
59.3
10.3
5
43C
SMBJP6KE47CA
40.20
44.70
49.40
1
64.8
9.4
5
47C
SMBJP6KE51CA
43.60
48.50
53.60
1
70.1
8.7
5
51C
SMBJP6KE56CA
47.80
53.20
58.80
1
77.0
7.9
5
56C
SMBJP6KE62CA
53.00
58.90
65.10
1
85.0
7.2
5
62C
SMBJP6KE68CA
58.10
64.60
71.40
1
92.0
6.6
5
68C
SMBJP6KE75CA
64.10
71.30
78.80
1
103.0
5.9
5
75C
SMBJP6KE82CA
70.10
77.90
86.10
1
113.0
5.4
5
82C
SMBJP6KE91CA
77.80
86.50
95.50
1
125.0
4.9
5
91C
SMBJP6KE100CA
85.50
95.00
105.00
1
137.0
4.5
5
100C
SMBJP6KE110CA
94.00
105.00
116.00
1
152.0
4.0
5
110C
SMBJP6KE120CA
102.00
114.00
126.00
1
165.0
3.7
5
120C
SMBJP6KE130CA
111.00
124.00
137.00
1
179.0
3.4
5
130C
SMBJP6KE150CA
128.00
143.00
158.00
1
207.0
2.9
5
150C
SMBJP6KE160CA
136.00
152.00
168.00
1
219.0
2.8
5
160C
SMBJP6KE170CA
145.00
162.00
179.00
1
234.0
2.6
5
170C
SMBJP6KE180CA
154.00
171.00
189.00
1
246.0
2.5
5
180C
SMBJP6KE200CA
171.00
190.00
210.00
1
274.0
2.2
5
200C
SMBJP6KE220CA
185.00
209.00
231.00
1
328.0
1.9
5
220C
SMBJP6KE250CA
214.00
237.00
263.00
1
344.0
1.9
5
250C
SMBJP6KE300CA
256.00
285.00
315.00
1
414.0
1.5
5
300C
SMBJP6KE350CA
300.00
332.00
368.00
1
482.0
1.3
5
350C
SMBJP6KE400CA
342.00
380.00
420.00
1
548.0
1.1
5
400C
SMBJP6KE440CA
376.00
418.00
462.00
1
602.0
1.0
5
440C
SMBJP6KE480CA
408.00
456.00
504.00
1
658.0
0.9
5
480C
SMBJP6KE510CA
434.00
485.00
535.00
1
698.0
0.9
5
510C
SMBJP6KE530CA
477.00
503.50
556.50
1
725.0
0.8
5
530C
SMBJP6KE540CA
459.00
513.00
567.00
1
740.0
0.8
5
540C
SMBJP6KE550CA
495.00
522.50
577.50
1
760.0
0.8
5
550C
SMBJP6KE6.8(C)A THRU SMBJP6KE550(C)A
MC C
For bi-directional type having Vrwm of 10 volts and less, the IR limit is double.
The available parts are “A” type only, the parts without A (VBR is
f10%) is not available.
TM
Micro Commercial Components
www.mccsemi.com
3 of 5
Revision:
E
2013/07/18


유사한 부품 번호 - SMBJP6KE36A

제조업체부품명데이터시트상세설명
logo
Micro Commercial Compon...
SMBJP6KE36A MCC-SMBJP6KE36A Datasheet
416Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 600 Watt
SMBJP6KE36A MCC-SMBJP6KE36A Datasheet
421Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 600 Watt
logo
List of Unclassifed Man...
SMBJP6KE36A ETC2-SMBJP6KE36A Datasheet
332Kb / 4P
   Transient Voltage Suppressor
More results

유사한 설명 - SMBJP6KE36A

제조업체부품명데이터시트상세설명
logo
Micro Commercial Compon...
SMBJP6KE6.8A MCC-SMBJP6KE6.8A Datasheet
416Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 600 Watt
SMBJP6KE27A-TP MCC-SMBJP6KE27A-TP Datasheet
421Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 600 Watt
SMBJP6KE12CA-TP MCC-SMBJP6KE12CA-TP Datasheet
426Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 600 Watt
SMCJ1.5KE6.8 MCC-SMCJ1.5KE6.8 Datasheet
254Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 1500 Watt
SMAJP4KE6.8A MCC-SMAJP4KE6.8A Datasheet
301Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 400 Watt
P4KE6.8A MCC-P4KE6.8A_11 Datasheet
708Kb / 4P
   400 Watt Transient Voltage Suppressors 6.8 to 550 Volts
logo
Leshan Radio Company
P4KE6.8 LRC-P4KE6.8 Datasheet
190Kb / 9P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 TO 550 Volts
logo
StarHope
P4KE SPSEMI-P4KE Datasheet
373Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 to 550 Volts
1.5KE SPSEMI-1.5KE Datasheet
323Kb / 3P
   GLASS PASSOVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 to 550 Volts
logo
Leshan Radio Company
P6KE6 LRC-P6KE6 Datasheet
288Kb / 9P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 TO 550 Volts
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com