전자부품 데이터시트 검색엔진 |
|
BA2903YFE2 데이터시트(PDF) 10 Page - Rohm |
|
BA2903YFE2 데이터시트(HTML) 10 Page - Rohm |
10 / 32 page www.rohm.com © 2013 ROHM Co., Ltd. All rights reserved. TSZ02201-0RFR1G200120-1-2 TSZ22111・15・001 10/29 11.Mar.2013 Rev.003 BA2903Yxxx-C, BA2901Yxx-C Datasheet 0 1 2 3 4 5 -100 -80 -60 -40 -20 0 OVER DRIVE VOLTAGE [mV] ○BA2903Yxxx-C (*)The data above is measurement value of typical sample, it is not guaranteed. Figure 18. Common Mode Rejection Ratio – Ambient Temperature Figure 19. Input Offset Voltage – Input Voltage (VCC=5V) Figure 20. Power Supply Rejection Ratio – Ambient Temperature Figure 21. Response Time (Low to High) – Over Drive Voltage (VCC=5V, VRL=5V, RL=5.1k Ω) -6 -4 -2 0 2 4 6 -1 01 23 45 INPUT VOLTAGE [V] 0 25 50 75 100 125 150 -50 -25 0 255075 100 125 150 AMBIENT TEMPERATURE [℃] 60 80 100 120 140 160 180 200 -50 -25 0 255075 100 125 150 AMBIENT TEMPERATURE [℃] 36V 2V 5V -40℃ 25℃ 125℃ -40℃ 25℃ 125℃ |
유사한 부품 번호 - BA2903YFE2 |
|
유사한 설명 - BA2903YFE2 |