전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BA3474WFE2 데이터시트(PDF) 6 Page - Rohm

부품명 BA3474WFE2
상세설명  Automotive High Speed Operational Amplifiers
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BA3474WFE2 데이터시트(HTML) 6 Page - Rohm

Back Button BA3474WFE2 Datasheet HTML 2Page - Rohm BA3474WFE2 Datasheet HTML 3Page - Rohm BA3474WFE2 Datasheet HTML 4Page - Rohm BA3474WFE2 Datasheet HTML 5Page - Rohm BA3474WFE2 Datasheet HTML 6Page - Rohm BA3474WFE2 Datasheet HTML 7Page - Rohm BA3474WFE2 Datasheet HTML 8Page - Rohm BA3474WFE2 Datasheet HTML 9Page - Rohm BA3474WFE2 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR1G200540-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
6/29
20.DEC.2012 Rev.002
TSZ22111・15・00
BA3472Yxxx-C, BA3474YFV-C, BA3472WFV-C, BA3474WFV-C
●Electrical Characteristics
○BA3474Y (Unless otherwise specified VCC=+15V, VEE=-15V)
Parameter
Symbol
Temperature
range
Limits
Unit
Condition
Min.
Typ.
Max.
Input Offset Voltage
*13
Vio
full range
-
-
10
mV
Vicm=0V, OUT=0V
-
-
10
VCC=5V
VEE=0V
Vicm=0V
OUT=VCC/2
Input Offset Current
*13
Iio
25℃
-
6
75
nA
Vicm=0V, OUT=0V
full range
-
-
100
Input Bias Current
*14
Ib
25℃
-
100
150
nA
Vicm=0V, OUT=0V
full range
-
-
200
Supply Current
ICC
25℃
-
8
10
mA
RL=∞
full range
-
-
9
VCC=15V, RL=∞
-
-
11
RL=∞
Maximum Output
Voltage(High)
VOH
25℃
3.7
4
-
V
VCC=5V
VEE=0V
RL=2k
full range
3.5
-
-
25℃
13.7
14
-
RL=10k
full range
13.5
-
-
25℃
13.5
-
-
RL=2k
Maximum Output
Voltage(Low)
VOL
25℃
-
0.1
0.3
V
VCC=5V
VEE=0V
RL=2k
full range
-
-
0.6
25℃
-
-14.7
-14.3
RL=10k
full range
-
-
-14.0
25℃
-
-
-13.5
RL=2k
Large Signal Voltage Gain
Av
25℃
80
100
-
dB
RL≧2k
Ω, OUT=±10V
full range
70
-
-
Input Common-mode
Voltage Range
Vicm
25℃
0
-
VCC-2.0
V
VCC=5V
VEE=0V
OUT=VCC/2
full range
0
-
VCC-2.6
Common-mode Rejection
Ratio
CMRR
25℃
60
97
-
dB
OUT=0V
Power Supply Rejection
Ratio
PSRR
25℃
60
97
-
dB
Vicm=0V, OUT=0V
Output Source Current
*15
Isource
25℃
10
30
-
mA
VCC=5V
VEE=0V
IN+=1V
IN-=0V
OUT=0V
Only 1ch is short circuit
full range
10
-
-
Output Sink Current
*15
Isink
25℃
20
30
-
mA
VCC=5V
VEE=0V
IN+=0V
IN-=1V
OUT=5V
Only 1ch is short circuit
full range
20
-
-
Gain Band Width
GBW
25℃
-
4
-
MHz
-
Slew Rate
SR
25℃
-
10
-
V/
μs
Av=1, IN=-10V to +10V
RL=2k
full range
5
-
-
Channel Separation
CS
25℃
-
120
-
dB
-
*13
Absolute value
*14
Current direction: Since first input stage is composed with PNP transistor, input bias current flows out of IC.
*15
Under high temperatures, please consider the power dissipation when selecting the output current.
When the output terminal is continuously shorted the output current reduces the internal temperature by flushing.


유사한 부품 번호 - BA3474WFE2

제조업체부품명데이터시트상세설명
logo
Rohm
BA3474WFV-C ROHM-BA3474WFV-C Datasheet
750Kb / 32P
   Automotive High Speed Operational Amplifiers
More results

유사한 설명 - BA3474WFE2

제조업체부품명데이터시트상세설명
logo
Rohm
BA3472YFV-C ROHM-BA3472YFV-C Datasheet
750Kb / 32P
   Automotive High Speed Operational Amplifiers
BA3472F ROHM-BA3472F_09 Datasheet
601Kb / 10P
   Operational Amplifiers: High Speed
BA83472YF-C ROHM-BA83472YF-C Datasheet
2Mb / 29P
   Automotive High Speed Excellent EMI Characteristics Operational Amplifiers
09.Nov.2020 Rev.003
logo
STMicroelectronics
TS272C STMICROELECTRONICS-TS272C Datasheet
216Kb / 9P
   HIGH SPEED CMOS DUAL OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA132 TI1-OPA132 Datasheet
1Mb / 30P
[Old version datasheet]   High-Speed FET-Input Operational Amplifiers
logo
Burr-Brown (TI)
OPA132 BURR-BROWN-OPA132_04 Datasheet
576Kb / 14P
   High-Speed FET-INPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TS274 STMICROELECTRONICS-TS274 Datasheet
198Kb / 15P
   HIGH SPEED CMOS QUAD OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA132 BURR-BROWN-OPA132 Datasheet
998Kb / 7P
   High Speed FET-INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA627 TI1-OPA627 Datasheet
1Mb / 37P
[Old version datasheet]   Precision High-Speed Difet Operational Amplifiers
logo
STMicroelectronics
TS274C STMICROELECTRONICS-TS274C Datasheet
90Kb / 8P
   HIGH SPEED CMOS QUAD OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com