전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BA4584YFVTR 데이터시트(PDF) 11 Page - Rohm

부품명 BA4584YFVTR
상세설명  Automotive Low Noise Operational Amplifiers
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BA4584YFVTR 데이터시트(HTML) 11 Page - Rohm

Back Button BA4584YFVTR Datasheet HTML 7Page - Rohm BA4584YFVTR Datasheet HTML 8Page - Rohm BA4584YFVTR Datasheet HTML 9Page - Rohm BA4584YFVTR Datasheet HTML 10Page - Rohm BA4584YFVTR Datasheet HTML 11Page - Rohm BA4584YFVTR Datasheet HTML 12Page - Rohm BA4584YFVTR Datasheet HTML 13Page - Rohm BA4584YFVTR Datasheet HTML 14Page - Rohm BA4584YFVTR Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR1G200500-1-2
©2013 ROHM Co., Ltd. All rights reserved.
11/27
25.Mar.2013 Rev.002
TSZ22111・15・001
BA4580Yxxx-M, BA4584YFV-M
○BA4580Yxxx-M
(*) The above data is measurement value of typical sample, it is not guaranteed.
Figure 18.
Power Supply Rejection Ratio
- Ambient Temperature
(VCC/VEE=+2V/-2V ~ +15V/-15V)
0
25
50
75
100
125
150
-50
-25
0
255075
100
125
AMBIENT TEMPERATURE [
℃]
Figure 19.
Slew Rate - Supply Voltage
(CL=100pF, RL=2k
Ω, Ta=25℃)
-10
-5
0
5
10
±0
±2
±4
±6
±8
±10 ±12
±14 ±16
SUPPLY VOLTAGE [V]
Figure 20.
Equivalent Input Noise Voltage - Frequency
(VCC/VEE=+15V/-15V, RS=100
Ω, Ta=25℃)
0
20
40
60
80
1
10
100
1000
10000
FREQUENCY [Hz]
Figure 21.
Total Harmonic Distortion - Output Voltage
(VCC/VEE=+15V/-15V, Av=20dB,
RL=2k
Ω, 80kHz-LPF, Ta=25℃)
0.0001
0.001
0.01
0.1
1
0.1
1
10
OUTPUT VOLTAGE [Vrms]
20kHz
20Hz
1kHz


유사한 부품 번호 - BA4584YFVTR

제조업체부품명데이터시트상세설명
logo
Rohm
BA4584YFVTR ROHM-BA4584YFVTR Datasheet
644Kb / 48P
   Ground Sense Operational Amplifiers
More results

유사한 설명 - BA4584YFVTR

제조업체부품명데이터시트상세설명
logo
Rohm
BA4558YFV-M ROHM-BA4558YFV-M Datasheet
480Kb / 20P
   Automotive Low Noise Operational Amplifiers
BA4558YF-M ROHM-BA4558YF-M Datasheet
480Kb / 20P
   Automotive Low Noise Operational Amplifiers
BA4584YFV-M ROHM-BA4584YFV-M Datasheet
911Kb / 30P
   Automotive Low Noise Operational Amplifiers
BA4560YF-M ROHM-BA4560YF-M Datasheet
491Kb / 20P
   Automotive Low Noise Operational Amplifiers
BA14741F ROHM-BA14741F Datasheet
426Kb / 21P
   Low Noise Operational Amplifiers
BA2115FJ ROHM-BA2115FJ Datasheet
1Mb / 29P
   Low Noise Operational Amplifiers
logo
Texas Instruments
NE5534 TI-NE5534_08 Datasheet
489Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
NE5534 TI-NE5534 Datasheet
314Kb / 15P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4558F ROHM-BA4558F_09 Datasheet
864Kb / 34P
   Operational Amplifiers: Low Noise
logo
Texas Instruments
NE5534 TI-NE5534_07 Datasheet
459Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com