전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BA3474RFVME2 데이터시트(PDF) 7 Page - Rohm

부품명 BA3474RFVME2
상세설명  High Speed with High Voltage Operational Amplifiers
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BA3474RFVME2 데이터시트(HTML) 7 Page - Rohm

Back Button BA3474RFVME2 Datasheet HTML 3Page - Rohm BA3474RFVME2 Datasheet HTML 4Page - Rohm BA3474RFVME2 Datasheet HTML 5Page - Rohm BA3474RFVME2 Datasheet HTML 6Page - Rohm BA3474RFVME2 Datasheet HTML 7Page - Rohm BA3474RFVME2 Datasheet HTML 8Page - Rohm BA3474RFVME2 Datasheet HTML 9Page - Rohm BA3474RFVME2 Datasheet HTML 10Page - Rohm BA3474RFVME2 Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR0G200100-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
7/29
26.OCT.2012 Rev.002
TSZ22111・15・001
BA3472xxx, BA3472RFVM, BA3474xxx, BA3474RFV
○BA3474 (Unless otherwise specified VCC=+15V, VEE=-15V, Ta=25℃)
Parameter
Symbol
Limits
Unit
Condition
Min.
Typ.
Max.
Input Offset Voltage
*22
Vio
-
1
10
mV
Vicm=0V, VOUT=0V
-
1
10
VCC=5V, VEE=0V, Vicm=0V
VOUT=VCC/2
Input Offset Current
*22
Iio
-
6
75
nA
Vicm=0V, VOUT=0V
Input Bias Current
*22
Ib
-
100
500
nA
Vicm=0V, VOUT=0V
Supply Current
ICC
-
8
11
mA
RL=∞
Maximum Output Voltage(High)
VOH
3.7
4
-
V
VCC=5V, RL=2k
13.7
14
-
RL=10k
13.5
-
-
RL=2k
Maximum Output Voltage(Low)
VOL
-
0.1
0.3
V
VCC=5V, RL=2k
-
-14.7
-14.3
RL=10k
-
-
-13.5
RL=2k
Large Signal Voltage Gain
Av
80
100
-
dB
RL≧2k
Ω, VOUT=±10 V
Input Common-mode Voltage
Range
Vicm
0
-
VCC-2.0
V
VCC=5V, VEE=0V,
VOUT=VCC/2
Common-mode Rejection Ratio
CMRR
60
97
-
dB
Vicm=0V, VOUT=0V
Power Supply Rejection Ratio
PSRR
60
97
-
dB
Vicm=0V, VOUT=0V
Output Source Current
*23
Isource
10
30
-
mA
VCC=5V, VIN+=1V
VIN-=0V, VOUT=0V
Only 1ch is short circuit
Output Sink Current
*23
Isink
20
30
-
mA
VCC=5V, VIN+=0V
VIN-=1V, VOUT=5V
Only 1ch is short circuit
Unity Gain Frequency
fT
-
4
-
MHz
-
Gain Band Width
GBW
-
4
-
MHz
f=100kHz
open loop
Slew Rate
SR
-
10
-
V/
μs Av=1, Vin=-10 to +10V, RL=2kΩ
Channel Separation
CS
-
120
-
dB
f=1kHz, input referred
*22
Absolute value
*23
Under high temperatures, please consider the power dissipation when selecting the output current.
When the output terminal is continuously shorted the output current reduces the internal temperature by flushing.


유사한 부품 번호 - BA3474RFVME2

제조업체부품명데이터시트상세설명
logo
Rohm
BA3474RFV ROHM-BA3474RFV Datasheet
571Kb / 21P
   High Speed with High Voltage Operational Amplifiers
BA3474RFV ROHM-BA3474RFV Datasheet
615Kb / 41P
   High Speed with High Voltage Operational Amplifiers
BA3474RFV ROHM-BA3474RFV Datasheet
1Mb / 40P
   High Speed with High Voltage Operational Amplifiers
BA3474RFV-E2 ROHM-BA3474RFV-E2 Datasheet
615Kb / 41P
   High Speed with High Voltage Operational Amplifiers
BA3474RFV-E2 ROHM-BA3474RFV-E2 Datasheet
1Mb / 40P
   High Speed with High Voltage Operational Amplifiers
More results

유사한 설명 - BA3474RFVME2

제조업체부품명데이터시트상세설명
logo
Rohm
BA3472F ROHM-BA3472F_11 Datasheet
571Kb / 21P
   High Speed with High Voltage Operational Amplifiers
BA3472 ROHM-BA3472 Datasheet
615Kb / 41P
   High Speed with High Voltage Operational Amplifiers
BA3474F-E2 ROHM-BA3474F-E2 Datasheet
1Mb / 40P
   High Speed with High Voltage Operational Amplifiers
BU7291G ROHM-BU7291G Datasheet
605Kb / 27P
   High Speed with Low Voltage CMOS Operational Amplifiers
BU5281G-TR ROHM-BU5281G-TR Datasheet
608Kb / 27P
   High Speed with Low Voltage CMOS Operational Amplifiers
BA3472F ROHM-BA3472F_09 Datasheet
601Kb / 10P
   Operational Amplifiers: High Speed
logo
Texas Instruments
TLV2342 TI-TLV2342 Datasheet
519Kb / 34P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE HIGH-SPEED OPERATIONAL AMPLIFIERS
TLV2342 TI1-TLV2342_15 Datasheet
1Mb / 43P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE HIGH-SPEED OPERATIONAL AMPLIFIERS
logo
Rohm
BA3472YFC ROHM-BA3472YFC Datasheet
659Kb / 32P
   Automotive High Speed Operational Amplifiers
BA3472YFV-C ROHM-BA3472YFV-C Datasheet
750Kb / 32P
   Automotive High Speed Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com