전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2576HVT-ADJ 데이터시트(PDF) 3 Page - Tiger Electronic Co.,Ltd

부품명 LM2576HVT-ADJ
상세설명  regulators are monolithic integrated circuits that provide all the active functions for a step-down switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TGS [Tiger Electronic Co.,Ltd]
홈페이지  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

LM2576HVT-ADJ 데이터시트(HTML) 3 Page - Tiger Electronic Co.,Ltd

  LM2576HVT-ADJ Datasheet HTML 1Page - Tiger Electronic Co.,Ltd LM2576HVT-ADJ Datasheet HTML 2Page - Tiger Electronic Co.,Ltd LM2576HVT-ADJ Datasheet HTML 3Page - Tiger Electronic Co.,Ltd LM2576HVT-ADJ Datasheet HTML 4Page - Tiger Electronic Co.,Ltd LM2576HVT-ADJ Datasheet HTML 5Page - Tiger Electronic Co.,Ltd LM2576HVT-ADJ Datasheet HTML 6Page - Tiger Electronic Co.,Ltd LM2576HVT-ADJ Datasheet HTML 7Page - Tiger Electronic Co.,Ltd LM2576HVT-ADJ Datasheet HTML 8Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LM2576 Series
Absolute Maximum Ratings (Note 1)
Parameter
Maximum
Units
Maximum Supply Voltage
LM2576
LM2576HV
45
63
V
ON/OFF Pin Input Voltage
-0.3V ≤ V ≤ +VIN
Output Voltage to Ground (Steady State)
-1
V
Power Dissipation
Internally Limited
W
Storage Temperature Range
-65 to +150
°C
Maximum Junction Temperature
150
°C
Minimum ESD Rating (C= 100pF, R = 1.5 kΩ)
2
kV
Lead Temperature (Soldering, 10 Seconds)
260
°C
Operating Ratings
Temperature Range
LM2576/LM2576HV
Supply Voltage
Parameter
Value
Units
-40 ≤ TJ ≤ +125
°C
LM2576
LM2576HV
40
60
V
Electrical Characteristics LM2576 -3.3,LM2576HV-3.3
3.3
Specifications with standard type face are for TJ = 25°C, and those with boldface type apply over full Operating Temperature Range.
Symbol
Parameter
Conditions
SYSTEM PARAMETERS
(Note 3) Test Circuit Figure 2
VOUT
Output Voltage
VIN =12V, ILOAD =0.5A
Circuit of Figure 2
LM2576-3.3
-3.3
LM2576HV-3.3
Typ
Limit
(Note 2)
3.3
3.234
3.366
Units
(Limits)
V
V(Min)
V(Max)
VOUT
Output Voltage
LM2576
VOUT
Output Voltage
LM2576HV
6V ≤ VIN ≤ 40V, 0.5A ≤ ILOAD
3A Circuit of Figure 2
6V ≤ VIN ≤ 60V, 0.5A ≤ ILOAD
3A Circuit of Figure 2
3.3
3.3
3.168/3.135
3.432/3.465
3.168/3.135
3.450/3.482
V
V(Min)
V(Max)
V
V(Min)
V(Max)
η
Efficiency
VIN =12V, ILOAD =3A
75
%
Electrical Characteristics LM2576 -5.0, LM2576HV-5.0
5.0
Specifications with standard type face are for TJ = 25°C, and those with boldface type apply over full Operating Temperature Range.
Symbol
Parameter
Conditions
SYSTEM PARAMETERS
(Note 3) Test Circuit Figure 2
VOUT
Output Voltage
VIN =12V, ILOAD =0.5A
Circuit of Figure 2
LM2576-5.0
5.
0
LM2576HV-5.0
Typ
Limit
(Note 2)
5.0
4.900
5.100
Units
(Limits)
V
V(Min)
V(Max)
VOUT
Output Voltage
LM2576
VOUT
Output Voltage
LM2576HV
0.5A ≤ ILOAD ≤ 3A,
8V ≤ VIN ≤ 40V
Circuit of Figure 2
0.5A ≤ ILOAD ≤ 3A,
8V ≤ VIN ≤ 60V
Circuit of Figure 2
5.0
5.0
4.800/4.750
5.200/5.250
4.800/4.750
5.225/5.275
V
V(Min)
V(Max)
V
V(Min)
V(Max)
η
Efficiency
VIN =12V, ILOAD =3A
77
%
3
ELECTRONICS CO.,LTD
TIGER


유사한 부품 번호 - LM2576HVT-ADJ

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2576HVT-ADJ NSC-LM2576HVT-ADJ Datasheet
639Kb / 24P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
logo
Texas Instruments
LM2576HVT-ADJ TI1-LM2576HVT-ADJ Datasheet
3Mb / 37P
[Old version datasheet]   LM2576/LM2576HV Series SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
LM2576HVT-ADJ TI1-LM2576HVT-ADJ Datasheet
3Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
logo
HTC Korea TAEJIN Techno...
LM2576HVT-ADJ HTC-LM2576HVT-ADJ Datasheet
592Kb / 7P
   3A, 52kHz, Step-down Switching Regulator
logo
ARTSCHIP ELECTRONICS CO...
LM2576HVT-ADJ ARTSCHIP-LM2576HVT-ADJ Datasheet
1Mb / 23P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
More results

유사한 설명 - LM2576HVT-ADJ

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM2596 TI-LM2596 Datasheet
4Mb / 42P
[Old version datasheet]   monolithic integrated circuits that provide all the active functions for a step-down (buck) switching regulator, capable of driving a 3A load with excellent line and load regulation.
logo
Linear Technology
LT1767-1.8 LINER-LT1767-1.8_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767 LINER-LT1767_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767-2.5 LINER-LT1767-2.5_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767-3.3 LINER-LT1767-3.3_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767EMS8-18 LINER-LT1767EMS8-18 Datasheet
256Kb / 16P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767 LINER-LT1767 Datasheet
242Kb / 16P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767-5 LINER-LT1767-5_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
logo
STMicroelectronics
AN1518 STMICROELECTRONICS-AN1518 Datasheet
837Kb / 30P
   The L5973D is a step-down monolithic power switching regulator capable
PM8903A STMICROELECTRONICS-PM8903A Datasheet
2Mb / 33P
   3 A step-down monolithic switching regulator
January 2013 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com