전자부품 데이터시트 검색엔진 |
|
BZX55B13 데이터시트(PDF) 4 Page - Yea Shin Technology Co., Ltd |
|
BZX55B13 데이터시트(HTML) 4 Page - Yea Shin Technology Co., Ltd |
4 / 5 page http://www.yeashin.com 4 REV.02 20121003 DEVICE CHARACTERISTICS Typical Characteristics 0 100 200 300 400 500 600 0 40 80 120 160 200 Temperature [ ] Ta = 25 0.1 1 10 100 1000 0 0.2 0.4 0.6 0.8 1 1.2 VF - Forw ard Voltage [m V] PD = 500mW Ta = 25 0 50 100 150 200 250 300 0 2 4 6 8 10 VZ - Reverse Voltage [V] PD = 500mW Ta = 25 0.01 0.1 1 10 100 15 25 35 45 55 65 75 VZ - Reverse Voltage [V] f = 1MHz Ta = 25 VZ - Reverse Voltage [V] VR = 0V VR = 2V VR = 5V VR = 20V VR = 30V Ta = 25 0.1 1 10 100 1000 1 10 100 VZ - Reverse Voltage [V] Iz=10mA Iz=5mA Iz=2mA Iz=1mA Figure 1. Power Dissipation vs Ambient Temperature Valid provided leads at a distance of 0.8mm from case are kept at ambient temperature Figure 2. Total Capacitance Figure 5. Reverse Current vs. Reverse Voltage Figure 6. Reverse Current vs. Reverse Voltage Figure 3. Differential Impedance vs. Zener Voltage Figure 4. Forward Current vs. Forward Voltage BZX55C/B Series |
유사한 부품 번호 - BZX55B13 |
|
유사한 설명 - BZX55B13 |