전자부품 데이터시트 검색엔진 |
|
TLV2402CDGKG4 데이터시트(PDF) 10 Page - Texas Instruments |
|
TLV2402CDGKG4 데이터시트(HTML) 10 Page - Texas Instruments |
10 / 33 page TLV2401, TLV2402, TLV2404 FAMILY OF 880-nA/Ch RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH REVERSE BATTERY PROTECTION SLOS244B – FEBRUARY 2000 – REVISED NOVEMBER 2000 10 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TYPICAL CHARACTERISTICS Figure 19 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 0 2 4 6 8 101214 16 SUPPLY CURRENT vs SUPPLY VOLTAGE VCC – Supply Voltage – V AV = 1 VIN = VCC / 2 TA = 125°C TA = 70 °C TA = 25 °C TA = 0 °C TA = –40°C Figure 20 40 50 60 70 80 90 100 110 120 10 100 1k 10k POWER SUPPLY REJECTION RATIO vs FREQUENCY f – Frequency – Hz VCC = 2.7, 5, & 15 V TA = 25°C Figure 21 DIFFERENTIAL VOLTAGE GAIN AND PHASE vs FREQUENCY f – Frequency – Hz 10 100 1k 10k 10 0 –20 –10 30 20 40 50 0 –45 45 90 VCC = 2.7, 5, & 15 V RL = 500 kΩ CL = 100 pF TA = 25°C 60 135 Figure 22 0 1 2 3 4 5 6 7 2.5 4.0 5.5 7.0 8.5 10.0 11.5 13.0 14.5 16.0 GAIN BANDWIDTH PRODUCT vs SUPPLY VOLTAGE TA = 25°C RL = 100 kΩ CL = 100 pF f = 1 kHz VCC – Supply Voltage –V Figure 23 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 –40 –25 –10 5 20 35 50 65 80 95 110 125 SLEW RATE vs FREE-AIR TEMPERATURE VCC = 5, 15 V TA – Free-Air Temperature – °C SR+ SR– VCC = 2.7 V VCC = 2.7, 5, & 15 V Figure 24 0 10 20 30 40 50 60 70 80 10 100 1k 10k PHASE MARGIN vs CAPACITIVE LOAD CL – Capacitive Load – pF VCC = 2.7, 5, & 15 V RL = 500 kΩ TA = 25°C |
유사한 부품 번호 - TLV2402CDGKG4 |
|
유사한 설명 - TLV2402CDGKG4 |