전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA3131D2 데이터시트(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
부품명 TPA3131D2
상세설명  4W, 25W Filter-Free Class-D Stereo Amplifier with AM Avoidance
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPA3131D2 데이터시트(HTML) 2 Page - Texas Instruments

  TPA3131D2 Datasheet HTML 1Page - Texas Instruments TPA3131D2 Datasheet HTML 2Page - Texas Instruments TPA3131D2 Datasheet HTML 3Page - Texas Instruments TPA3131D2 Datasheet HTML 4Page - Texas Instruments TPA3131D2 Datasheet HTML 5Page - Texas Instruments TPA3131D2 Datasheet HTML 6Page - Texas Instruments TPA3131D2 Datasheet HTML 7Page - Texas Instruments TPA3131D2 Datasheet HTML 8Page - Texas Instruments TPA3131D2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
Power Pad
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
GAIN/SLV
GVDD
INPL
INNL
MUTE
GND
PLIMIT
AM2
BSNR
OUTNR
BSNL
GND
OUTNL
GND
GND
GND
TPA3131D2
TPA3132D2
SLOS841 – JULY 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
CONNECTION DIAGRAM
QFN PACKAGE
32-PIN
(TOP VIEW)
TERMINAL FUNCTIONS
PIN
TYPE(1)
DESCRIPTION
NO.
NAME
1
PLIMIT
I
Power limit level adjust. Connect a resistor divider from GVDD to GND to set power limit. Connect directly
to GVDD for no power limit.
2
GVDD
PO
Internally generated gate voltage supply. Not to be used as a supply or connected to any component other
than a 1uF X7R ceramic decoupling capacitor.
3
GAIN/SLV
I
Sets Gain and selects between Master and Slave mode depending on pin voltage divider.
4
GND
G
Ground
5
INNL
I
Negative audio input for left channel. Biased at 3V.
6
INPL
I
Positive audio input for left channel. Biased at 3V.
7
MUTE
I
Mute signal for fast disable/enable of outputs: HIGH = outputs OFF (high-Z), LOW = outputs ON. TTL logic
levels with compliance to AVCC.
8
AM2
I
AM Avoidance Frequency Selection
9
AM1
I
AM Avoidance Frequency Selection
10
AM0
I
AM Avoidance Frequency Selection
11
SYNC
DIO
Clock input/output for synchronizing multiple class-D devices. Direction determined by GAIN/SLV pin. Input
signal not to exceed GVDD (7V)
12
AVCC
P
Analog Supply
13
PVCC
P
Power supply
14
PVCC
P
Power supply
15
BSPL
BST
Boot strap for positive left channel output, connect to 220nF X7R ceramic cap to OUTPL
16
OUTPL
PO
Positive left channel output
17
GND
G
Ground
18
OUTNL
PO
Negative left channel output
(1)
TYPE: DO = Digital Output, I = Analog Input, G = General Ground, PO = Power Output, BST = Boot Strap.
2
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPA3131D2 TPA3132D2


유사한 부품 번호 - TPA3131D2

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA3131D2 TI1-TPA3131D2 Datasheet
1Mb / 35P
[Old version datasheet]   25-W Filter-Free Class-D Stereo Amplifier
TPA3131D2RHBR TI1-TPA3131D2RHBR Datasheet
1Mb / 35P
[Old version datasheet]   25-W Filter-Free Class-D Stereo Amplifier
TPA3131D2RHBT TI1-TPA3131D2RHBT Datasheet
1Mb / 35P
[Old version datasheet]   25-W Filter-Free Class-D Stereo Amplifier
TPA3131D2 TI-TPA3131D2_15 Datasheet
1Mb / 35P
[Old version datasheet]   TPA313xD2 4-W, 25-W Filter-Free Class-D Stereo Amplifier With AM Avoidance
More results

유사한 설명 - TPA3131D2

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA3116D2 TI1-TPA3116D2 Datasheet
1Mb / 34P
[Old version datasheet]   15W,30W,50W Filter-Free Class-D Stereo Amplifier Family with AM Avoidance
TPA3131D2 TI-TPA3131D2_15 Datasheet
1Mb / 35P
[Old version datasheet]   TPA313xD2 4-W, 25-W Filter-Free Class-D Stereo Amplifier With AM Avoidance
TPA3116D2 TI-TPA3116D2_V01 Datasheet
2Mb / 45P
[Old version datasheet]   15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
DECEMBER 2017
TPA3116D2 TI-TPA3116D2_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPA3116D2 15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
TPA3116D2 TI1-TPA3116D2_15 Datasheet
2Mb / 43P
[Old version datasheet]   Filter-Free Class-D Stereo Amplifier Family
logo
Nuvoton Technology Corp...
NAU8223 NUVOTON-NAU8223 Datasheet
1,013Kb / 23P
   3.1W Stereo Filter-Free Class-D Audio Amplifier
logo
Texas Instruments
TPA3110D2 TI1-TPA3110D2 Datasheet
1Mb / 34P
[Old version datasheet]   Filter-Free Stereo Class-D Audio Power Amplifier
TPA3110D2-Q1 TI1-TPA3110D2-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   Filter-Free Stereo Class-D Audio Power Amplifier
logo
List of Unclassifed Man...
NAU8223 ETC2-NAU8223 Datasheet
1,013Kb / 23P
   3.1W Stereo Filter-Free Class-D Audio Amplifier
logo
Texas Instruments
TPA3131D2 TI1-TPA3131D2 Datasheet
1Mb / 35P
[Old version datasheet]   25-W Filter-Free Class-D Stereo Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com