전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF9389PBF 데이터시트(PDF) 9 Page - International Rectifier

부품명 IRF9389PBF
상세설명  High and Low Side Switches for Inverter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF9389PBF 데이터시트(HTML) 9 Page - International Rectifier

Back Button IRF9389PBF Datasheet HTML 5Page - International Rectifier IRF9389PBF Datasheet HTML 6Page - International Rectifier IRF9389PBF Datasheet HTML 7Page - International Rectifier IRF9389PBF Datasheet HTML 8Page - International Rectifier IRF9389PBF Datasheet HTML 9Page - International Rectifier IRF9389PBF Datasheet HTML 10Page - International Rectifier IRF9389PBF Datasheet HTML 11Page - International Rectifier IRF9389PBF Datasheet HTML 12Page - International Rectifier IRF9389PBF Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
www.irf.com © 2012 International Rectifier
January 14, 2013
9
IRF9389PbF
Fig 22. Typical Gate Charge vs.
Gate-to-Source Voltage
Fig 21. Typical Capacitance vs.
Drain-to-Source Voltage
Fig 24. Maximum Safe Operating Area
Fig 23. Typical Source-Drain Diode
Forward Voltage
P-Channel
1
10
100
-VDS, Drain-to-Source Voltage (V)
10
100
1000
10000
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd, C ds SHORTED
Crss = Cgd
Coss = Cds + Cgd
Coss
Crss
Ciss
0246
8
10
12
QG Total Gate Charge (nC)
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
VDS= -24V
VDS= -15V
VDS= -6.0V
ID= -4.6A
0.2
0.4
0.6
0.8
1.0
1.2
1.4
-VSD, Source-to-Drain Voltage (V)
0.10
1.00
10.00
100.00
TJ = 25°C
TJ = 150°C
VGS = 0V
0.1
1
10
100
-VDS, Drain-to-Source Voltage (V)
0.01
0.1
1
10
100
Tc = 25°C
Tj = 150°C
Single Pulse
1msec
10msec
OPERATION IN THIS AREA
LIMITED BY RDS(on)
100μsec
DC


유사한 부품 번호 - IRF9389PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF9389PBF IRF-IRF9389PBF Datasheet
249Kb / 14P
   High and low-side MOSFETs in a single package
logo
Infineon Technologies A...
IRF9389PBF INFINEON-IRF9389PBF Datasheet
249Kb / 14P
   High and low-side MOSFETs in a single package
January 14 2013
logo
International Rectifier
IRF9389PBF IRF-IRF9389PBF_15 Datasheet
249Kb / 14P
   High and low-side MOSFETs in a single package
More results

유사한 설명 - IRF9389PBF

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
TIP700 ETC1-TIP700 Datasheet
83Kb / 1P
   16 (8) Digital Outputs, high and low side switches
logo
Linear Technology
LTC1477 LINER-LTC1477_15 Datasheet
209Kb / 8P
   Single and Dual Protected High Side Switches
LTC1477 LINER-LTC1477 Datasheet
224Kb / 8P
   Single and Dual Protected High Side Switches
logo
Micrel Semiconductor
MIC94040 MICREL-MIC94040_09 Datasheet
821Kb / 16P
   High Side Load Switches for Consumer Applications
MIC9409X MICREL-MIC9409X Datasheet
821Kb / 16P
   High Side Load Switches for Consumer Applications
logo
Motorola, Inc
MC33888FB MOTOROLA-MC33888FB Datasheet
711Kb / 18P
   Quad High Side and Octal Low Side Switch for Automotive
logo
Freescale Semiconductor...
33888 FREESCALE-33888 Datasheet
1Mb / 40P
   Quad High-Side and Octal Low-Side Switch for Automotive
logo
Motorola, Inc
MC33888 MOTOROLA-MC33888 Datasheet
667Kb / 32P
   Quad High-Side and Octal Low-Side Switch for Automotive
logo
Power Integrations, Inc...
INT202 POWERINT-INT202 Datasheet
88Kb / 12P
   Low-side Drive and High-side Control for Simultaneous Conduction
logo
Anpec Electronics Corop...
APX7387 ANPEC-APX7387 Datasheet
175Kb / 17P
   High Side and Low Side Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com