전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BYM13-40 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 BYM13-40
상세설명  Surface Mount Schottky Barrier Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYM13-40 데이터시트(HTML) 2 Page - Vishay Siliconix

  BYM13-40 Datasheet HTML 1Page - Vishay Siliconix BYM13-40 Datasheet HTML 2Page - Vishay Siliconix BYM13-40 Datasheet HTML 3Page - Vishay Siliconix BYM13-40 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BYM13-20 thru BYM13-60, SGL41-20 thru SGL41-60
www.vishay.com
Vishay General Semiconductor
Reivision: 26-Mar-12
2
Document Number: 88548
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
Note
(1) Thermal resistance junction to terminal, 0.24" x 0.24" (6.0 mm x 6.0 mm) copper pads to each terminal
Note
(1) AEC-Q101 qualified
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 C unless otherwise noted)
Fig. 1 - Forward Current Derating Curve
Fig. 2 - Maximum Non-Repetitive Peak Forward Surge Current
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
BYM13-20 BYM13-30 BYM13-40 BYM13-50 BYM13-60
UNIT
SGL41-20
SGL41-30
SGL41-40
SGL41-50
SGL41-60
Maximum instantaneous
forward voltage (1)
1.0 A
VF
0.50
0.70
V
Maximum reverse
current at rated DC
blocking voltage (1)
TA = 25 °C
IR
0.5
mA
TA = 100 °C
10
5.0
Typical junction
capacitance
4.0 V, 1.0 MHz
CJ
110
80
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
BYM13-20 BYM13-30 BYM13-40 BYM13-50 BYM13-60
UNIT
SGL41-20
SGL41-30
SGL41-40
SGL41-50
SGL41-60
Maximum thermal resistance (1)
RJA
75
°C/W
RJT
30
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
SGL41-40-E3/96
0.137
96
1500
7" diameter plastic tape and reel
SGL41-40-E3/97
0.137
97
5000
13" diameter plastic tape and reel
BYM13-40-E3/96
0.137
96
1500
7" diameter plastic tape and reel
BYM13-40-E3/97
0.137
97
5000
13" diameter plastic tape and reel
SGL41-40HE3/96 (1)
0.137
96
1500
7" diameter plastic tape and reel
SGL41-40HE3/97 (1)
0.137
97
5000
13" diameter plastic tape and reel
BYM13-40HE3/96 (1)
0.137
96
1500
7" diameter plastic tape and reel
BYM13-40HE3/97 (1)
0.137
97
5000
13" diameter plastic tape and reel
0
25
50
75
100
125
150
175
P.C.B. Mounted on
0.24" x 0.24" (6.0 mm x 6.0 mm)
Copper Land Areas
Resistive or
Inductive Load
SGL41-20 to SGL41-40
SGL41-50 and SGL41-60
1.0
0.75
0.50
0.25
0
Terminal Temperature (°C)
1
5
10
15
20
25
30
10
100
At Rated T
d
8.3 ms Single Half Sine-Wave
Number of Cycles at 60 Hz


유사한 부품 번호 - BYM13-40

제조업체부품명데이터시트상세설명
logo
General Semiconductor
BYM13-40 GE-BYM13-40 Datasheet
55Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Seme LAB
BYM13-40 SEME-LAB-BYM13-40 Datasheet
82Kb / 4P
   Surface Mount Schottky Barrier Rectifier
logo
Vishay Siliconix
BYM13-40 VISHAY-BYM13-40 Datasheet
342Kb / 4P
   Surface Mount Schottky Barrier Rectifier
Revision: 29-Apr-08
logo
SUNMATE electronic Co.,...
BYM13-40 SUNMATE-BYM13-40 Datasheet
222Kb / 2P
   1.0A Surface Mount Schottky Barrier Rectifier
logo
Vishay Siliconix
BYM13-40 VISHAY-BYM13-40 Datasheet
99Kb / 5P
   Surface Mount Schottky Barrier Rectifier
Reivision: 13-Aug-13
More results

유사한 설명 - BYM13-40

제조업체부품명데이터시트상세설명
logo
Shanghai Sunrise Electr...
SS12 SSE-SS12 Datasheet
16Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SX32 PANJIT-SX32_04 Datasheet
41Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SK12 SSE-SK12 Datasheet
17Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
   Surface Mount Schottky Barrier Rectifier
logo
Diotech Company.
SK52C DIOTECH-SK52C Datasheet
756Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
EIC discrete Semiconduc...
SKN0 EIC-SKN0_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SK52 EIC-SK52_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SS12F PANJIT-SS12F Datasheet
258Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com